Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA199A2 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA199A2
Description  Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA199A2 Datasheet(HTML) 5 Page - Texas Instruments

  INA199A2 Datasheet HTML 1Page - Texas Instruments INA199A2 Datasheet HTML 2Page - Texas Instruments INA199A2 Datasheet HTML 3Page - Texas Instruments INA199A2 Datasheet HTML 4Page - Texas Instruments INA199A2 Datasheet HTML 5Page - Texas Instruments INA199A2 Datasheet HTML 6Page - Texas Instruments INA199A2 Datasheet HTML 7Page - Texas Instruments INA199A2 Datasheet HTML 8Page - Texas Instruments INA199A2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
V+
(V+)
0.5
-
(V+)
1.0
-
(V+)
1.5
-
(V+)
2.0
-
(V+)
2.5
-
(V+)
3.0
-
GND+3.0
GND+2.5
GND+2.0
GND+1.5
GND+1.0
GND+0.5
GND
0
5
10
15
20
OutputCurrent(mA)
25
30
35
40
V =2.7V
S
to26V
V =2.7Vto26V
S
V =5Vto26V
S
V =2.7V
S
T = 40 C
-
°
A
T =+25 C
°
A
T =+105 C
°
A
Frequency(Hz)
160
140
120
100
80
60
40
20
0
1
10
1M
100
1k
10k
100k
V =+5V
V
=1VSine
V
=Shorted
V
=2.5V
S
CM
DIF
REF
Frequency(Hz)
160
140
120
100
80
60
40
20
0
1
10
100k
V =+5V+250mVSineDisturbance
S
V
=0V
CM
V
=Shorted
DIF
V
=2.5V
REF
100
1k
10k
Frequency (Hz)
70
60
50
40
30
20
10
0
10
-
10
100
10M
1k
10k
100k
1M
V
= 0V
V
= 15mV
Sine
CM
DIF
PP
G = 50
G = 200
G = 100
Temperature( C)
°
20
15
10
5
0
5
10
15
20
-
-
-
-
-
50
-
25
125
0
25
50
75
100
Temperature( C)
°
1.0
0.8
0.6
0.4
0.2
0
0.2
0.4
0.6
0.8
1.0
-
-
-
-
-
-50
-25
125
0
25
50
75
100
INA199A1, INA199B1
INA199A2, INA199B2
INA199A3, INA199B3
www.ti.com
SBOS469D – MAY 2009 – REVISED NOVEMBER 2012
TYPICAL CHARACTERISTICS
Performance measured with the INA199A3 at TA = +25°C, VS = +5V, VIN+ = 12V, and VREF = VS/2, unless otherwise noted.
OFFSET VOLTAGE
COMMON-MODE REJECTION RATIO
vs TEMPERATURE
vs TEMPERATURE
Figure 1.
Figure 2.
GAIN
POWER-SUPPLY REJECTION RATIO
vs FREQUENCY
vs FREQUENCY
Figure 3.
Figure 4.
COMMON-MODE REJECTION RATIO
OUTPUT VOLTAGE SWING
vs FREQUENCY
vs OUTPUT CURRENT
Figure 5.
Figure 6.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: INA199A1 INA199B1 INA199A2 INA199B2 INA199A3 INA199B3


Similar Part No. - INA199A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199A2 TI-INA199A2 Datasheet
797Kb / 22P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A2 TI-INA199A2 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A2 TI1-INA199A2 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series
INA199A2DCKR TI-INA199A2DCKR Datasheet
797Kb / 22P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A2DCKR TI-INA199A2DCKR Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
More results

Similar Description - INA199A2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199B1RSWT TI-INA199B1RSWT Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA213BIDCKR TI1-INA213BIDCKR Datasheet
1Mb / 29P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA199A1 TI-INA199A1 Datasheet
797Kb / 22P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA214AIRSWR TI1-INA214AIRSWR Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA214 TI-INA214 Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT-SHUNT MONITOR
INA210 TI-INA210 Datasheet
581Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A1 TI1-INA199A1_14 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA191 TI1-INA191 Datasheet
461Kb / 22P
[Old version datasheet]   Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com