Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA199B1 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA199B1
Description  Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA199B1 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA199B1 Datasheet HTML 5Page - Texas Instruments INA199B1 Datasheet HTML 6Page - Texas Instruments INA199B1 Datasheet HTML 7Page - Texas Instruments INA199B1 Datasheet HTML 8Page - Texas Instruments INA199B1 Datasheet HTML 9Page - Texas Instruments INA199B1 Datasheet HTML 10Page - Texas Instruments INA199B1 Datasheet HTML 11Page - Texas Instruments INA199B1 Datasheet HTML 12Page - Texas Instruments INA199B1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
V+
OUT
GND
IN-
IN+
C
BYPASS
0.01 F
m
to
0.1 F
m
+2.7V to +26V
REF
Reference
Voltage
Supply
Load
R
SHUNT
Output
R
1
R
3
R
2
R
4
INA199A1, INA199B1
INA199A2, INA199B2
INA199A3, INA199B3
www.ti.com
SBOS469D – MAY 2009 – REVISED NOVEMBER 2012
APPLICATION INFORMATION
BASIC CONNECTIONS
Figure 20 shows the basic connections for the INA199. The input pins, IN+ and IN–, should be connected as
closely as possible to the shunt resistor to minimize any resistance in series with the shunt resistance.
Figure 20. Typical Application
Power-supply bypass capacitors are required for stability. Applications with noisy or high-impedance power
supplies may require additional decoupling capacitors to reject power-supply noise. Connect bypass capacitors
close to the device pins.
On the RSW package, two pins are provided for each input. These pins should be tied together (that is, tie IN+ to
IN+ and tie IN– to IN–).
POWER SUPPLY
The input circuitry of the INA199 can accurately measure beyond its power-supply voltage, V+. For example, the
V+ power supply can be 5V, whereas the load power-supply voltage can be as high as +26V. However, the
output voltage range of the OUT terminal is limited by the voltages on the power-supply pin. Note also that the
INA199 can withstand the full –0.3V to +26V range in the input pins, regardless of whether the device has power
applied or not.
SELECTING RS
The zero-drift offset performance of the INA199 offers several benefits. Most often, the primary advantage of the
low offset characteristic enables lower full-scale drops across the shunt. For example, non-zero-drift current
shunt monitors typically require a full-scale range of 100mV.
The INA199 series of current-shunt monitors give equivalent accuracy at a full-scale range on the order of 10mV.
This accuracy reduces shunt dissipation by an order of magnitude with many additional benefits.
Alternatively, there are applications that must measure current over a wide dynamic range that can take
advantage of the low offset on the low end of the measurement. Most often, these applications can use the lower
gain of 50 or 100 to accommodate larger shunt drops on the upper end of the scale. For instance, an INA199A1
operating on a 3.3V supply could easily handle a full-scale shunt drop of 60mV, with only 150
μV of offset.
Copyright © 2009–2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: INA199A1 INA199B1 INA199A2 INA199B2 INA199A3 INA199B3


Similar Part No. - INA199B1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199B1 TI-INA199B1 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199B1 TI1-INA199B1 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series
INA199B1DCKR TI-INA199B1DCKR Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199B1DCKR TI1-INA199B1DCKR Datasheet
1Mb / 34P
[Old version datasheet]   Voltage Output Current Shunt Monitor
INA199B1DCKT TI-INA199B1DCKT Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
More results

Similar Description - INA199B1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA199B1RSWT TI-INA199B1RSWT Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA213BIDCKR TI1-INA213BIDCKR Datasheet
1Mb / 29P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA199A1 TI-INA199A1 Datasheet
797Kb / 22P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA214AIRSWR TI1-INA214AIRSWR Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series Current-Shunt Monitor
INA214 TI-INA214 Datasheet
1Mb / 30P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT-SHUNT MONITOR
INA210 TI-INA210 Datasheet
581Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series CURRENT SHUNT MONITOR
INA199A1 TI1-INA199A1_14 Datasheet
1Mb / 28P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zer첩-Drift Series
INA210 TI-INA210_08 Datasheet
583Kb / 17P
[Old version datasheet]   Voltage Output, High or Low Side Measurement, Bi-Directional Zero-Drift Series CURRENT SHUNT MONITOR
INA213A-Q1 TI1-INA213A-Q1 Datasheet
850Kb / 20P
[Old version datasheet]   VOLTAGE OUTPUT, HIGH OR LOW SIDE MEASUREMENT, BIDIRECTIONAL, ZERO-DRIFT CURRENT SHUNT MONITOR
INA191 TI1-INA191 Datasheet
461Kb / 22P
[Old version datasheet]   Low-supply, voltage-output, low-side or high-side measurement, zero-drift series, current-shunt monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com