Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB170A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P6SMB170A
Description  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P6SMB170A Datasheet(HTML) 3 Page - Vishay Siliconix

  P6SMB170A Datasheet HTML 1Page - Vishay Siliconix P6SMB170A Datasheet HTML 2Page - Vishay Siliconix P6SMB170A Datasheet HTML 3Page - Vishay Siliconix P6SMB170A Datasheet HTML 4Page - Vishay Siliconix P6SMB170A Datasheet HTML 5Page - Vishay Siliconix P6SMB170A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
P6SMB Series
www.vishay.com
Vishay General Semiconductor
Revision: 14-Dec-12
3
Document Number: 88370
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Mounted on minimum recommended pad layout
Note
(1) AEC-Q101 qualified
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Peak Pulse Power Rating Curve
Fig. 2 - Pulse Power or Current vs. Initial Junction Temperature
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance, junction to ambient air (1)
RJA
100
°C/ W
Typical thermal resistance, junction to lead
RJL
20
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT
WEIGHT
(g)
VOLTAGE RANGE
(V)
PACKAGE
CODE
BASE
QUANTITY
DELIVERY MODE
UNI -
BI -
P6SMB6.8A-E3/52
0.096
6.8 to 540
6.8 to 220
52
750
7" diameter plastic tape and reel
P6SMB6.8A-E3/5B
0.096
6.8 to 540
6.8 to 220
5B
3200
13" diameter plastic tape and reel
P6SMB6.8AHE3/52 (1)
0.096
6.8 to 540
6.8 to 220
52
750
7" diameter plastic tape and reel
P6SMB6.8AHE3/5B (1)
0.096
6.8 to 540
6.8 to 220
5B
3200
13" diameter plastic tape and reel
P6SMB250AHE3_A/H (1)
0.096
250 to 540
-
H
750
7" diameter plastic tape and reel
P6SMB250AHE3_A/I (1)
0.096
250 to 540
-
I
3200
13" diameter plastic tape and reel
0.2 x 0.2" (5.0 x 5.0 mm)
Copper Pad Areas
0.1 µs
1.0 µs
10 µs
100 µs
1.0 ms
10 ms
100
10
1
0.1
td - Pulse Width (s)
0
25
50
75
100
100
75
50
25
0
125
150
175
200
TJ - Initial Temperature (°C)


Similar Part No. - P6SMB170A

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
P6SMB170A CENTRAL-P6SMB170A Datasheet
123Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
Vishay Siliconix
P6SMB170A VISHAY-P6SMB170A Datasheet
96Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
logo
EIC discrete Semiconduc...
P6SMB170A EIC-P6SMB170A Datasheet
70Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
P6SMB170A LUGUANG-P6SMB170A Datasheet
2Mb / 3P
   Transient Voltage Suppressors
P6SMB170A LUGUANG-P6SMB170A Datasheet
206Kb / 3P
   Glass Passivated Junction Transient Voltage Suppressor
More results

Similar Description - P6SMB170A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com