Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NC7SP125 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. NC7SP125
Description  TinyLogic ULP Buffer with 3-STATE Output
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NC7SP125 Datasheet(HTML) 6 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.fairchildsemi.com
6
AC Loading and Waveforms
FIGURE 1. AC Test Circuit
FIGURE 2. AC Waveforms
Symbol
VCC
3.3V
± 0.3V
2.5V
± 0.2V
1.8V
± 0.15V
1.5V
± 0.10V
1.2V
± 0.10V
0.9V
Vmi
1.5V
VCC/2
VCC/2
VCC/2
VCC/2
VCC/2
Vmo
0.3V
0.15
0.15
0.1
0.1
0.1


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn