Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

INA168NA3K Datasheet(PDF) 2 Page - Texas Instruments

Part # INA168NA3K
Description  High-Side Measurement CURRENT SHUNT MONITOR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA168NA3K Datasheet(HTML) 2 Page - Texas Instruments

  INA168NA3K Datasheet HTML 1Page - Texas Instruments INA168NA3K Datasheet HTML 2Page - Texas Instruments INA168NA3K Datasheet HTML 3Page - Texas Instruments INA168NA3K Datasheet HTML 4Page - Texas Instruments INA168NA3K Datasheet HTML 5Page - Texas Instruments INA168NA3K Datasheet HTML 6Page - Texas Instruments INA168NA3K Datasheet HTML 7Page - Texas Instruments INA168NA3K Datasheet HTML 8Page - Texas Instruments INA168NA3K Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
INA138, INA168
2
SBOS122C
www.ti.com
Supply Voltage, V+
INA138 ............................................................................... –0.3V to 60V
INA168 ............................................................................... –0.3V to 75V
Analog Inputs, VIN+, VIN–
INA138
Common Mode(2) ............................................................ –0.3V to 60V
Differential (VIN+) – (VIN–) .................................................. –40V to 2V
INA168
Common Mode(2) ............................................................ –0.3V to 75V
Differential (VIN+) – (VIN–) .................................................. –40V to 2V
Analog Output, Out(2) ........................................................... –0.3V to 40V
Input Current Into Any Pin ............................................................... 10mA
Operating Temperature .................................................. –55
°C to +150°C
Storage Temperature ..................................................... –65
°C to +150°C
Junction Temperature .................................................................... +150
°C
NOTE: (1) Stresses above these ratings may cause permanent damage.
Exposure to absolute maximum conditions for extended periods may degrade
device reliability. These are stress ratings only, and functional operation of the
device at these or any other conditions beyond those specified is not implied.
(2) The input voltage at any pin may exceed the voltage shown if the current
at that pin is limited to 10mA.
ABSOLUTE MAXIMUM RATINGS(1)
SPECIFIED
PACKAGE
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
DESIGNATOR
RANGE
MARKING
NUMBER
MEDIA, QUANTITY
INA138
SOT23-5 Surface-Mount
DBV
–40
°C to +125°C
B38
INA138NA/250
Tape and Reel, 250
""
"
"
"
INA138NA/3K
Tape and Reel, 3000
INA168
SOT23-5 Surface-Mount
DBV
–40
°C to +125°C
A68
INA168NA/250
Tape and Reel, 250
""
"
"
"
INA168NA/3K
Tape and Reel, 3000
NOTE: (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI website at
www.ti.com.
PACKAGE/ORDERING INFORMATION(1)
PIN CONFIGURATION
Top View
SOT23
OUT
GND
V
IN+
V+
V
IN–
1
2
3
5
4
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.


Similar Part No. - INA168NA3K

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA168NA/250 BURR-BROWN-INA168NA/250 Datasheet
466Kb / 15P
   High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA168NA/250 TI1-INA168NA/250 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
INA168NA/250G4 TI1-INA168NA/250G4 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA168NA/3K BURR-BROWN-INA168NA/3K Datasheet
466Kb / 15P
   High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA168NA/3K TI1-INA168NA/3K Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
More results

Similar Description - INA168NA3K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA139 TI-INA139 Datasheet
200Kb / 11P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA139-Q1 TI-INA139-Q1_15 Datasheet
1Mb / 16P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139NA TI-INA139NA Datasheet
408Kb / 15P
[Old version datasheet]   High-Side Measurement CURRENT SHUNT MONITOR
INA138-Q1 TI1-INA138-Q1 Datasheet
1Mb / 19P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA139 TI1-INA139_17 Datasheet
950Kb / 25P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138 Datasheet
69Kb / 7P
   High-Side Measurement CURRENT SHUNT MONITOR
logo
Texas Instruments
INA138 TI1-INA138_14 Datasheet
1Mb / 27P
[Old version datasheet]   High-Side Measurement Current Shunt Monitor
INA169-Q1 TI-INA169-Q1 Datasheet
157Kb / 12P
[Old version datasheet]   HIGH SIDE MEASUREMENT CURRENT SHUNT MONITOR
INA138-Q1 TI-INA138-Q1_15 Datasheet
1Mb / 22P
[Old version datasheet]   HIGH-SIDE MEASUREMENT CURRENT SHUNT MONITOR
logo
Burr-Brown (TI)
INA138 BURR-BROWN-INA138_11 Datasheet
466Kb / 15P
   High-Side Measurement CURRENT SHUNT MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com