Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UPA862TD Datasheet(PDF) 10 Page - Renesas Technology Corp

Part No. UPA862TD
Description  NPN Silicon RF Twin Transistor with 2 Different Elements
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA862TD Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button UPA862TD Datasheet HTML 6Page - Renesas Technology Corp UPA862TD Datasheet HTML 7Page - Renesas Technology Corp UPA862TD Datasheet HTML 8Page - Renesas Technology Corp UPA862TD Datasheet HTML 9Page - Renesas Technology Corp UPA862TD Datasheet HTML 10Page - Renesas Technology Corp UPA862TD Datasheet HTML 11Page - Renesas Technology Corp UPA862TD Datasheet HTML 12Page - Renesas Technology Corp UPA862TD Datasheet HTML 13Page - Renesas Technology Corp UPA862TD Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
μPA862TD
R09DS0032EJ0200 Rev.2.00
Page 10 of 18
Dec 19, 2011
Q2
Frequency f (GHz)
INSERTION POWER GAIN,
MAG, MSG vs. FREQUENCY
35
30
25
20
15
10
5
0
0.1
1
10
VCE = 2 V
IC = 15 mA
MAG
MSG
|S21e|
2
Remark The graph indicates nominal characteristics.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn