Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA862TD Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # UPA862TD
Description  NPN Silicon RF Twin Transistor with 2 Different Elements
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPA862TD Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button UPA862TD Datasheet HTML 5Page - Renesas Technology Corp UPA862TD Datasheet HTML 6Page - Renesas Technology Corp UPA862TD Datasheet HTML 7Page - Renesas Technology Corp UPA862TD Datasheet HTML 8Page - Renesas Technology Corp UPA862TD Datasheet HTML 9Page - Renesas Technology Corp UPA862TD Datasheet HTML 10Page - Renesas Technology Corp UPA862TD Datasheet HTML 11Page - Renesas Technology Corp UPA862TD Datasheet HTML 12Page - Renesas Technology Corp UPA862TD Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
μPA862TD
R09DS0032EJ0200 Rev.2.00
Page 9 of 18
Dec 19, 2011
Q1
Q2
VCE = 1 V
IC = 10 mA
Frequency f (GHz)
INSERTION POWER GAIN,
MAG, MSG vs. FREQUENCY
35
30
25
20
15
10
5
0
0.1
1
10
MAG
MSG
|S21e|
2
VCE = 2 V
IC = 10 mA
Frequency f (GHz)
INSERTION POWER GAIN,
MAG, MSG vs. FREQUENCY
35
30
25
20
15
10
5
0
0.1
1
10
MAG
MSG
|S21e|
2
VCE = 3 V
IC = 10 mA
Frequency f (GHz)
INSERTION POWER GAIN,
MAG, MSG vs. FREQUENCY
35
30
25
20
15
10
5
0
0.1
1
10
MAG
MSG
|S21e|
2
VCE = 1 V
IC = 5 mA
Frequency f (GHz)
INSERTION POWER GAIN,
MAG, MSG vs. FREQUENCY
35
30
25
20
15
10
5
0
0.1
1
10
MAG
MSG
|S21e|
2
VCE = 2 V
IC = 5 mA
Frequency f (GHz)
INSERTION POWER GAIN,
MAG, MSG vs. FREQUENCY
35
30
25
20
15
10
5
0
0.1
1
10
MAG
MSG
|S21e|
2
VCE = 1 V
IC = 15 mA
Frequency f (GHz)
INSERTION POWER GAIN,
MAG, MSG vs. FREQUENCY
35
30
25
20
15
10
5
0
0.1
1
10
MAG
MSG
|S21e|
2
Remark The graphs indicate nominal characteristics.


Similar Part No. - UPA862TD

ManufacturerPart #DatasheetDescription
logo
NEC
UPA862TD NEC-UPA862TD Datasheet
135Kb / 11P
   NECs NPN SILICON RF TWIN TRANSISTOR
logo
California Eastern Labs
UPA862TD CEL-UPA862TD Datasheet
291Kb / 12P
   NPN SILICON RF TWIN TRANSISTOR
logo
NEC
UPA862TD-T3 NEC-UPA862TD-T3 Datasheet
135Kb / 11P
   NECs NPN SILICON RF TWIN TRANSISTOR
logo
California Eastern Labs
UPA862TD-T3-A CEL-UPA862TD-T3-A Datasheet
291Kb / 12P
   NPN SILICON RF TWIN TRANSISTOR
More results

Similar Description - UPA862TD

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPA863TD CEL-UPA863TD Datasheet
726Kb / 27P
   NPN SILICON RF TRANSISTOR WITH 2 DIFFERENT ELEMENTS IN A 6-PIN LEAD-LESS MINIMOLD
UPA862TD CEL-UPA862TD Datasheet
291Kb / 12P
   NPN SILICON RF TWIN TRANSISTOR
UPA895TD CEL-UPA895TD Datasheet
271Kb / 11P
   NPN SILICON RF TWIN TRANSISTOR
logo
Infineon Technologies A...
BFS466L6 INFINEON-BFS466L6_07 Datasheet
121Kb / 8P
   NPN Silicon RF TWIN Transistor
2007-04-26
logo
Renesas Technology Corp
UPA828TD RENESAS-UPA828TD Datasheet
303Kb / 10P
   NPN SILICON RF TWIN TRANSISTOR
2008
UPA873TS RENESAS-UPA873TS Datasheet
206Kb / 9P
   NPN SILICON RF TWIN TRANSISTOR
2003
UPA892TD RENESAS-UPA892TD Datasheet
266Kb / 18P
   NPN SILICON RF TWIN TRANSISTOR
2001
UPA895TS RENESAS-UPA895TS Datasheet
206Kb / 9P
   NPN SILICON RF TWIN TRANSISTOR
2003
logo
Infineon Technologies A...
BFS469L6 INFINEON-BFS469L6 Datasheet
59Kb / 8P
   NPN Silicon RF TWIN Transistor
2005-10-11
logo
Renesas Technology Corp
UPA873TD RENESAS-UPA873TD Datasheet
328Kb / 19P
   NPN SILICON RF TWIN TRANSISTOR
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com