Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESG3033M14-T3-A Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # NESG3033M14-T3-A
Description  NPN SiGe RF Transistor for Low Noise, High-Gain
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NESG3033M14-T3-A Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button NESG3033M14-T3-A Datasheet HTML 5Page - Renesas Technology Corp NESG3033M14-T3-A Datasheet HTML 6Page - Renesas Technology Corp NESG3033M14-T3-A Datasheet HTML 7Page - Renesas Technology Corp NESG3033M14-T3-A Datasheet HTML 8Page - Renesas Technology Corp NESG3033M14-T3-A Datasheet HTML 9Page - Renesas Technology Corp NESG3033M14-T3-A Datasheet HTML 10Page - Renesas Technology Corp NESG3033M14-T3-A Datasheet HTML 11Page - Renesas Technology Corp NESG3033M14-T3-A Datasheet HTML 12Page - Renesas Technology Corp NESG3033M14-T3-A Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Collector Current IC (mA)
INSERTION POWER GAIN, MAG, MSG
vs. COLLECTOR CURRENT
Collector Current IC (mA)
INSERTION POWER GAIN, MAG, MSG
vs. COLLECTOR CURRENT
Collector Current IC (mA)
INSERTION POWER GAIN, MAG
vs. COLLECTOR CURRENT
VCE = 3 V
f = 3 GHz
|S21e|
2
30
25
20
15
10
5
0
1
10
100
MAG
MSG
VCE = 3 V
f = 5 GHz
|S21e|
2
30
25
20
15
10
5
0
1
10
100
MAG
VCE = 3 V
f = 2 GHz
|S21e|
2
30
25
20
15
10
5
0
1
10
100
MAG
MSG
Remark The graphs indicate nominal characteristics.
NESG3033M14
R09DS0049EJ0300 Rev.3.00
Page 9 of 14
Sep 14, 2012


Similar Part No. - NESG3033M14-T3-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NESG3033M14-T3-A CEL-NESG3033M14-T3-A Datasheet
281Kb / 7P
   NPN SILICON GERMANIUM RF TRANSISTOR
More results

Similar Description - NESG3033M14-T3-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NESG3032M14 RENESAS-NESG3032M14 Datasheet
168Kb / 15P
   NPN SiGe RF Transistor for Low Noise, High-Gain
NESG210719 RENESAS-NESG210719 Datasheet
124Kb / 10P
   NPN SiGe RF Transistor for Low Noise, High-Gain
2SC5761 RENESAS-2SC5761 Datasheet
305Kb / 16P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE ⋅ HIGH-GAIN AMPLIFICATION
May 2003
NESG2031M05 RENESAS-NESG2031M05 Datasheet
158Kb / 14P
   NPN SiGe RF Transistor for Low Noise, High-Gain Amplification
NESG2021M05 RENESAS-NESG2021M05 Datasheet
159Kb / 14P
   NPN SiGe RF Transistor for Low Noise, High-Gain Amplification
logo
California Eastern Labs
NESG2046M33 CEL-NESG2046M33 Datasheet
292Kb / 4P
   NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH -GAIN AMPLIFICATION
NESG204619 CEL-NESG204619 Datasheet
320Kb / 4P
   NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION
logo
NEC
NESG2046M33 NEC-NESG2046M33 Datasheet
118Kb / 3P
   NECs NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH -GAIN AMPLIFICATION
NESG210719 NEC-NESG210719 Datasheet
114Kb / 3P
   NECs NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION
NESG204619 NEC-NESG204619 Datasheet
116Kb / 3P
   NECs NPN SiGe TRANSISTOR FOR LOW NOISE, HIGH-GAIN AMPLIFICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com