Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESG2101M05-T1-A Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # NESG2101M05-T1-A
Description  NPN SiGe RF Transistor for Medium Output Power Amplification 125 mW
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NESG2101M05-T1-A Datasheet(HTML) 1 Page - Renesas Technology Corp

  NESG2101M05-T1-A Datasheet HTML 1Page - Renesas Technology Corp NESG2101M05-T1-A Datasheet HTML 2Page - Renesas Technology Corp NESG2101M05-T1-A Datasheet HTML 3Page - Renesas Technology Corp NESG2101M05-T1-A Datasheet HTML 4Page - Renesas Technology Corp NESG2101M05-T1-A Datasheet HTML 5Page - Renesas Technology Corp NESG2101M05-T1-A Datasheet HTML 6Page - Renesas Technology Corp NESG2101M05-T1-A Datasheet HTML 7Page - Renesas Technology Corp NESG2101M05-T1-A Datasheet HTML 8Page - Renesas Technology Corp NESG2101M05-T1-A Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
R09DS0036EJ0300 Rev. 3.00
Page 1 of 13
Jun 20, 2012
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
Data Sheet
NESG2101M05
NPN SiGe RF Transistor for Medium Output Power Amplification (125 mW)
Flat-Lead 4-Pin Thin-Type Super Minimold (M05)
FEATURES
• The device is an ideal choice for medium output power, high-gain amplification and low distortion, low noise, high-
gain amplification
⎯ P
O (1 dB) = 21 dBm TYP. @ VCE = 3.6 V, ICq = 10 mA, f = 2 GHz
⎯ NF = 0.6 dB TYP., G
a = 19.0 dB TYP. @ VCE = 2 V, IC = 7 mA, f = 1 GHz
• Maximum stable power gain: MSG = 17.0 dB TYP. @ V
CE = 3 V, IC = 50 mA, f = 2 GHz
• High breakdown voltage technology for SiGe Tr. adopted: V
CEO (absolute maximum ratings) = 5.0 V
• Flat-lead 4-pin thin-type super minimold (M05) package
ORDERING INFORMATION
Part Number
Order Number
Package
Quantity
Supplying Form
NESG2101M05
NESG2101M05-A
50 pcs
(Non reel)
NESG2101M05-T1 NESG2101M05-T1-A
Flat-lead 4-pin thin-type
supper minimold
(M05, 2012 PKG)
(Pb-Free)
3 kpcs/reel
• 8 mm wide embossed taping
• Pin 3 (Collector), Pin 4
(Emitter) face the perforation
side of the tape
Remark
To order evaluation samples, please contact your nearby sales office.
Unit sample quantity is 50 pcs.
ABSOLUTE MAXIMUM RATINGS (TA = +25°C)
Parameter
Symbol
Ratings
Unit
Collector to Base Voltage
VCBO
13.0
V
Collector to Emitter Voltage
VCEO
5.0
V
Emitter to Base Voltage
VEBO
1.5
V
Collector Current
IC
100
mA
Total Power Dissipation
Ptot
Note
500
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
−65 to +150
°C
Note:
Mounted on 38 cm
2
× 0.4 mm (t) polyimide PCB
CAUTION
Observe precautions when handling because these devices are sensitive to electrostatic discharge.
<R>
R09DS0036EJ0300
Rev. 3.00
Jun 20, 2012


Similar Part No. - NESG2101M05-T1-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
NESG2101M05-T1-A CEL-NESG2101M05-T1-A Datasheet
580Kb / 15P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NESG2101M05-T1-A

ManufacturerPart #DatasheetDescription
logo
NEC
NESG2101M16 NEC-NESG2101M16_1 Datasheet
135Kb / 13P
   NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (125 mW) 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
logo
Renesas Technology Corp
2SC5750 RENESAS-2SC5750 Datasheet
216Kb / 18P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
July 2001
logo
California Eastern Labs
2SC5752 CEL-2SC5752 Datasheet
3Mb / 17P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
logo
Renesas Technology Corp
2SC5752 RENESAS-2SC5752_15 Datasheet
225Kb / 22P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
2SC5750 RENESAS-2SC5750_15 Datasheet
216Kb / 18P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) 4-PIN SUPER MINIMOLD
logo
NEC
2SC5752 NEC-2SC5752 Datasheet
91Kb / 20P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
logo
California Eastern Labs
NESG270034 CEL-NESG270034 Datasheet
349Kb / 11P
   NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (2 W) 3-PIN POWER MINIMOLD (34 PKG)
2SC5751 CEL-2SC5751 Datasheet
3Mb / 16P
   MEDIUM OUTPUT POWER AMPLIFICATION (30 mW)
2SC5754 CEL-2SC5754 Datasheet
1Mb / 12P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W)
logo
Renesas Technology Corp
2SC5761 RENESAS-2SC5761 Datasheet
305Kb / 16P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE ⋅ HIGH-GAIN AMPLIFICATION
May 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com