Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESG2101M05-T1 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # NESG2101M05-T1
Description  NPN SiGe RF Transistor for Medium Output Power Amplification 125 mW
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NESG2101M05-T1 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button NESG2101M05-T1 Datasheet HTML 5Page - Renesas Technology Corp NESG2101M05-T1 Datasheet HTML 6Page - Renesas Technology Corp NESG2101M05-T1 Datasheet HTML 7Page - Renesas Technology Corp NESG2101M05-T1 Datasheet HTML 8Page - Renesas Technology Corp NESG2101M05-T1 Datasheet HTML 9Page - Renesas Technology Corp NESG2101M05-T1 Datasheet HTML 10Page - Renesas Technology Corp NESG2101M05-T1 Datasheet HTML 11Page - Renesas Technology Corp NESG2101M05-T1 Datasheet HTML 12Page - Renesas Technology Corp NESG2101M05-T1 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
NESG2101M05
R09DS0036EJ0300 Rev. 3.00
Page 9 of 13
Jun 20, 2012
VCE = 3.6 V, f = 1 GHz
Icq = 10 mA
30
25
20
15
10
5
0
120
20
40
60
100
80
0
–20
–5
–10
–15
0
5
10
Input Power Pin (dBm)
OUTPUT POWER, POWER GAIN,
COLLECTOR CURRENT, COLLECTOR
EFFICIENCY vs. INPUT POWER
GP
Pout
IC
C
η
VCE = 3.6 V, f = 2 GHz
Icq = 10 mA
25
20
15
10
5
0
–5
120
20
40
60
100
80
0
–15
0
–5
–10
5
10
15
Input Power Pin (dBm)
OUTPUT POWER, POWER GAIN,
COLLECTOR CURRENT, COLLECTOR
EFFICIENCY vs. INPUT POWER
GP
Pout
IC
C
η
VCE = 3.6 V, f = 3 GHz
Icq = 10 mA
25
20
15
10
5
0
–5
120
20
40
60
100
80
0
–15
0
–5
–10
5
10
15
Input Power Pin (dBm)
OUTPUT POWER, POWER GAIN,
COLLECTOR CURRENT, COLLECTOR
EFFICIENCY vs. INPUT POWER
GP
Pout
IC
C
η
VCE = 3.6 V, f = 5.2 GHz
Icq = 10 mA
25
20
15
10
5
0
–5
120
20
40
60
100
80
0
–10
5
0
–5
10
15
20
Input Power Pin (dBm)
OUTPUT POWER, POWER GAIN,
COLLECTOR CURRENT, COLLECTOR
EFFICIENCY vs. INPUT POWER
GP
Pout
IC
C
η
Remark The graph indicates nominal characteristics.


Similar Part No. - NESG2101M05-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NESG2101M05-T1 NEC-NESG2101M05-T1 Datasheet
172Kb / 14P
   NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR
logo
California Eastern Labs
NESG2101M05-T1-A CEL-NESG2101M05-T1-A Datasheet
580Kb / 15P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NESG2101M05-T1

ManufacturerPart #DatasheetDescription
logo
NEC
NESG2101M16 NEC-NESG2101M16_1 Datasheet
135Kb / 13P
   NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (125 mW) 6-PIN LEAD-LESS MINIMOLD (M16, 1208 PKG)
logo
Renesas Technology Corp
2SC5750 RENESAS-2SC5750 Datasheet
216Kb / 18P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
July 2001
logo
California Eastern Labs
2SC5752 CEL-2SC5752 Datasheet
3Mb / 17P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
logo
Renesas Technology Corp
2SC5752 RENESAS-2SC5752_15 Datasheet
225Kb / 22P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
2SC5750 RENESAS-2SC5750_15 Datasheet
216Kb / 18P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (30 mW) 4-PIN SUPER MINIMOLD
logo
NEC
2SC5752 NEC-2SC5752 Datasheet
91Kb / 20P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
logo
California Eastern Labs
NESG270034 CEL-NESG270034 Datasheet
349Kb / 11P
   NPN SiGe RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (2 W) 3-PIN POWER MINIMOLD (34 PKG)
2SC5751 CEL-2SC5751 Datasheet
3Mb / 16P
   MEDIUM OUTPUT POWER AMPLIFICATION (30 mW)
2SC5754 CEL-2SC5754 Datasheet
1Mb / 12P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W)
logo
Renesas Technology Corp
2SC5761 RENESAS-2SC5761 Datasheet
305Kb / 16P
   NPN SiGe RF TRANSISTOR FOR LOW NOISE ⋅ HIGH-GAIN AMPLIFICATION
May 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com