Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSA3157 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FSA3157
Description  TinyLogic. Low Voltage UHS Analog Switch 2-Channel Multiplexer/Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSA3157 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSA3157 Datasheet HTML 1Page - Fairchild Semiconductor FSA3157 Datasheet HTML 2Page - Fairchild Semiconductor FSA3157 Datasheet HTML 3Page - Fairchild Semiconductor FSA3157 Datasheet HTML 4Page - Fairchild Semiconductor FSA3157 Datasheet HTML 5Page - Fairchild Semiconductor FSA3157 Datasheet HTML 6Page - Fairchild Semiconductor FSA3157 Datasheet HTML 7Page - Fairchild Semiconductor FSA3157 Datasheet HTML 8Page - Fairchild Semiconductor FSA3157 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
www.fairchildsemi.com
NC7SB3157, FSA3157 Rev. 1.0.1
AC Electrical Characteristics
Capacitance12
Notes:
9. Guaranteed by Design.
10. This parameter is guaranteed by design but not tested. The bus switch contributes no propagation delay other than the
RC delay of the On Resistance of the switch and the 50 pF load capacitance, when driven by an ideal voltage source
(zero output impedance).
11. Off Isolation = 20 log10 [VA / VBn]
12. TA = +25°C, f = 1 MHz, Capacitance is characterized but not tested in production.
Symbol
Parameter
Conditions
VCC
(V)
TA = +25°C
TA = –40°C to +85°C
Units
Figure
Number
Min
Typ
Max
Min
Max
tPHL,
tPLH
Propagation Delay
Bus to Bus10
VI = OPEN
1.65 – 1.95
3.5
3.5
ns
Figure 7
Figure 8
2.3 – 2.7
1.2
1.2
3.0 – 3.6
0.8
0.8
4.5 – 5.5
0.3
0.3
tPZL,
tPZH
Output Enable Time
Turn on Time
(A to Bn)
VI = 2 x VCC for tPZL
VI = 0V for tPZH
1.65 – 1.95
7.0
23.0
7.0
24.0
ns
Figure 7
Figure 8
2.3 – 2.7
3.5
13.0
3.5
14.0
3.0 – 3.6
2.5
6.9
2.5
7.6
4.5 – 5.5
1.7
5.2
1.7
5.7
tPLZ,
tPHZ
Output Disable Time
Turn Off Time
(A Port to B Port)
VI = 2 x VCC for tPLZ
VI = 0V for tPHZ
1.65 – 1.95
3.0
12.5
3.0
13.0
ns
Figure 7
Figure 8
2.3 – 2.7
2.0
7.0
2.0
7.5
3.0 – 3.6
1.5
5.0
1.5
5.3
4.5 – 5.5
0.8
3.5
0.8
3.8
tB-M
Break Before Make Time9
1.65 – 1.95
0.5
0.5
ns
Figure 9
2.3 – 2.7
0.5
0.5
3.0 – 3.6
0.5
0.5
4.5 – 5.5
0.5
0.5
Q
Charge Injection9
CL = 0.1 nF, VGEN = 0V,
5.0
7.0
pC
Figure 10
RGEN = 0Ω
3.3
3.0
OIRR
Off Isolation11
RL = 50Ω, f = 10MHz
1.65 – 5.5
–57.0
dB
Figure 11
Xtalk
Crosstalk
RL = 50Ω, f = 10MHz
1.65 – 5.5
–54.0
dB
Figure 12
BW
–3dB Bandwidth
RL = 50Ω
1.65 – 5.5
250
MHz
Figure 15
THD
Total Harmonic
Distortion9
RL = 600Ω, 0.5 VP-P,
f = 600 Hz to 20 KHz
5.0
.011
%
Symbol
Parameter
Typ
Max
Units
Conditions
Figure
Number
CIN
Control Pin Input Capacitance
2.3
pF
VCC = 0V
CIO-B
B Port Off Capacitance
6.5
pF
VCC = 5.0V
Figure 13
CIOA-ON
A Port Capacitance When Switch Is Enabled
18.5
pF
VCC = 5.0V
Figure 14


Similar Part No. - FSA3157

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA3157 FAIRCHILD-FSA3157 Datasheet
133Kb / 10P
   TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
FSA3157 FAIRCHILD-FSA3157 Datasheet
133Kb / 10P
   TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
FSA3157B FAIRCHILD-FSA3157B Datasheet
559Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
FSA3157BFHX FAIRCHILD-FSA3157BFHX_12 Datasheet
486Kb / 11P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
FSA3157BL6X FAIRCHILD-FSA3157BL6X Datasheet
559Kb / 10P
   Low-Voltage SPDT Analog Switch or 2:1 Multiplexer / De-multiplexer Bus Switch
More results

Similar Description - FSA3157

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSA3157 FAIRCHILD-FSA3157 Datasheet
133Kb / 10P
   TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
FSA3157 FAIRCHILD-FSA3157 Datasheet
133Kb / 10P
   TinyLogic Low Voltage UHS SPDT Analog Switch or 2:1 Multiplexer/Demultiplexer Bus Switch
NC7SB3257 FAIRCHILD-NC7SB3257 Datasheet
138Kb / 7P
   TinyLogic. UHS Single 2-to-1 Multiplexer/Demultiplexer Bus Switch
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com