Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NC7SB3157 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. NC7SB3157
Description  TinyLogic. Low Voltage UHS Analog Switch 2-Channel Multiplexer/Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SB3157 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  NC7SB3157 Datasheet HTML 1Page - Fairchild Semiconductor NC7SB3157 Datasheet HTML 2Page - Fairchild Semiconductor NC7SB3157 Datasheet HTML 3Page - Fairchild Semiconductor NC7SB3157 Datasheet HTML 4Page - Fairchild Semiconductor NC7SB3157 Datasheet HTML 5Page - Fairchild Semiconductor NC7SB3157 Datasheet HTML 6Page - Fairchild Semiconductor NC7SB3157 Datasheet HTML 7Page - Fairchild Semiconductor NC7SB3157 Datasheet HTML 8Page - Fairchild Semiconductor NC7SB3157 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
©2006 Fairchild Semiconductor Corporation
1
www.fairchildsemi.com
March 2006
NC7SB3157, FSA3157 Rev. 1.0.1
NC7SB3157, FSA3157
Low Voltage SPDT Analog Switch or
2:1 Multiplexer/Demultiplexer Bus Switch
General Description
The NC7SB3157 or FSA3157 is a high performance, sin-
gle-pole/double-throw (SPDT) Analog Switch or 2:1 Mul-
tiplexer/Demultiplexer
Bus
Switch.
The
device
is
fabricated with advanced sub-micron CMOS technology
to achieve high speed enable and disable times and low
On Resistance. The break before make select circuitry
prevents disruption of signals on the B Port due to both
switches temporarily being enabled during select pin
switching. The device is specified to operate over the
1.65 to 5.5V VCC operating range. The control input toler-
ates voltages up to 5.5V independent of the VCC operat-
ing range.
Features
Useful in both analog and digital applications
Space saving SC70 6-lead surface mount package
Ultra small MicroPak™ Pb-Free leadless package
Low On Resistance; < 10
Ω on typ @ 3.3V V
CC
Broad VCC operating range; 1.65V to 5.5V
Rail-to-Rail signal handling
Power down high impedance control input
Overvoltage tolerance of control input to 7.0V
Break before make enable circuitry
250 MHz, 3dB bandwidth
Ordering Information
Pb-Free package per JEDEC J-STD-020B.
Note:
1. “_NL” indicates Pb-Free package (per JEDEC J-STD-020B). Device available in Tape and Reel only.
MicroPak™ is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package
Number
Product
Code
Top Mark
Package Description
Supplied As
NC7SB3157P6X
MAA06A
B7A
6-Lead SC70, EIAJ SC88, 1.25mm Wide
3k Units on Tape and Reel
NC7SB3157P6X_NL1
MAA06A
B7A
Pb-Free 6-Lead SC70, EIAJ SC88,
1.25mm Wide
3k Units on Tape and Reel
NC7SB3157L6X
MAC06A
BB
Pb-Free 6-Lead MicroPak, 1.0mm Wide
5k Units on Tape and Reel
FSA3157P6X
MAA06A
B7A
6-Lead SC70, EIAJ SC88, 1.25mm Wide
3k Units on Tape and Reel
FSA3157P6X_NL1
MAA06A
B7A
Pb-Free 6-Lead SC70, EIAJ SC88,
1.25mm Wide
3k Units on Tape and Reel
FSA3157L6X
MAC06A
BB
Pb-Free 6-Lead MicroPak, 1.0mm Wide
5k Units on Tape and Reel


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn