Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NC7SB3157 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. NC7SB3157
Description  TinyLogic. Low Voltage UHS Analog Switch 2-Channel Multiplexer/Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NC7SB3157 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
www.fairchildsemi.com
NC7SB3157, FSA3157 Rev. 1.0.1
Typical Characteristics
Figure 1. Off Isolation, VCC = 1.65V
Figure 2. Off Isolation, VCC = 5.5V
Figure 3. Crosstalk, VCC = 1.65V
Figure 4. Crosstalk, VCC = 5.5V
Figure 5. Bandwidth, VCC = 1.65V
Figure 6. Bandwidth, VCC = 5.5V
110
100
1000
Frequency (MHz)
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
VCC = 1.65V
110
100
1000
Frequency (MHz)
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
VCC = 5.5V
110
100
1000
Frequency (MHz)
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
110
100
1000
Frequency (MHz)
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
VCC = 5.5V
VCC = 1.65V
110
100
1000
Frequency (MHz)
0
-1
-2
-3
-4
-5
-6
-7
-8
CL = 0pF
VCC = 1.65V
110
100
1000
Frequency (MHz)
0
-1
-2
-3
-4
-5
-6
-7
-8
CL = 0pF
VCC = 5.5V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn