Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NC7SB3157 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. NC7SB3157
Description  TinyLogic. Low Voltage UHS Analog Switch 2-Channel Multiplexer/Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7SB3157 Datasheet(HTML) 5 Page - Fairchild Semiconductor

  NC7SB3157 Datasheet HTML 1Page - Fairchild Semiconductor NC7SB3157 Datasheet HTML 2Page - Fairchild Semiconductor NC7SB3157 Datasheet HTML 3Page - Fairchild Semiconductor NC7SB3157 Datasheet HTML 4Page - Fairchild Semiconductor NC7SB3157 Datasheet HTML 5Page - Fairchild Semiconductor NC7SB3157 Datasheet HTML 6Page - Fairchild Semiconductor NC7SB3157 Datasheet HTML 7Page - Fairchild Semiconductor NC7SB3157 Datasheet HTML 8Page - Fairchild Semiconductor NC7SB3157 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
www.fairchildsemi.com
NC7SB3157, FSA3157 Rev. 1.0.1
AC Electrical Characteristics
Capacitance12
Notes:
9. Guaranteed by Design.
10. This parameter is guaranteed by design but not tested. The bus switch contributes no propagation delay other than the
RC delay of the On Resistance of the switch and the 50 pF load capacitance, when driven by an ideal voltage source
(zero output impedance).
11. Off Isolation = 20 log10 [VA / VBn]
12. TA = +25°C, f = 1 MHz, Capacitance is characterized but not tested in production.
Symbol
Parameter
Conditions
VCC
(V)
TA = +25°C
TA = –40°C to +85°C
Units
Figure
Number
Min
Typ
Max
Min
Max
tPHL,
tPLH
Propagation Delay
Bus to Bus10
VI = OPEN
1.65 – 1.95
3.5
3.5
ns
Figure 7
Figure 8
2.3 – 2.7
1.2
1.2
3.0 – 3.6
0.8
0.8
4.5 – 5.5
0.3
0.3
tPZL,
tPZH
Output Enable Time
Turn on Time
(A to Bn)
VI = 2 x VCC for tPZL
VI = 0V for tPZH
1.65 – 1.95
7.0
23.0
7.0
24.0
ns
Figure 7
Figure 8
2.3 – 2.7
3.5
13.0
3.5
14.0
3.0 – 3.6
2.5
6.9
2.5
7.6
4.5 – 5.5
1.7
5.2
1.7
5.7
tPLZ,
tPHZ
Output Disable Time
Turn Off Time
(A Port to B Port)
VI = 2 x VCC for tPLZ
VI = 0V for tPHZ
1.65 – 1.95
3.0
12.5
3.0
13.0
ns
Figure 7
Figure 8
2.3 – 2.7
2.0
7.0
2.0
7.5
3.0 – 3.6
1.5
5.0
1.5
5.3
4.5 – 5.5
0.8
3.5
0.8
3.8
tB-M
Break Before Make Time9
1.65 – 1.95
0.5
0.5
ns
Figure 9
2.3 – 2.7
0.5
0.5
3.0 – 3.6
0.5
0.5
4.5 – 5.5
0.5
0.5
Q
Charge Injection9
CL = 0.1 nF, VGEN = 0V,
5.0
7.0
pC
Figure 10
RGEN = 0Ω
3.3
3.0
OIRR
Off Isolation11
RL = 50Ω, f = 10MHz
1.65 – 5.5
–57.0
dB
Figure 11
Xtalk
Crosstalk
RL = 50Ω, f = 10MHz
1.65 – 5.5
–54.0
dB
Figure 12
BW
–3dB Bandwidth
RL = 50Ω
1.65 – 5.5
250
MHz
Figure 15
THD
Total Harmonic
Distortion9
RL = 600Ω, 0.5 VP-P,
f = 600 Hz to 20 KHz
5.0
.011
%
Symbol
Parameter
Typ
Max
Units
Conditions
Figure
Number
CIN
Control Pin Input Capacitance
2.3
pF
VCC = 0V
CIO-B
B Port Off Capacitance
6.5
pF
VCC = 5.0V
Figure 13
CIOA-ON
A Port Capacitance When Switch Is Enabled
18.5
pF
VCC = 5.0V
Figure 14


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn