Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NC7SB3157 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. NC7SB3157
Description  TinyLogic. Low Voltage UHS Analog Switch 2-Channel Multiplexer/Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NC7SB3157 Datasheet(HTML) 4 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
www.fairchildsemi.com
NC7SB3157, FSA3157 Rev. 1.0.1
DC Electrical Characteristics
Notes:
4. Measured by the voltage drop between A and B pins at the indicated current through the switch. On Resistance is
determined by the lower of the voltages on the two (A or B Ports).
5. Parameter is characterized but not tested in production.
6.
∆R
ON = RON max – RON min measured at identical VCC, temperature and voltage levels.
7. Flatness is defined as the difference between the maximum and minimum value of On Resistance over the specified
range of conditions.
8. Guaranteed by Design.
Symbol
Parameter
Conditions
VCC (V)
TA = +25°C
TA = –40°C to +85°C
Units
Min
Typ
Max
Min
Max
VIH
HIGH Level
1.65 – 1.95 0.75 VCC
0.75 VCC
V
Input Voltage
2.3 – 5.5
0.7 VCC
0.7 VCC
VIL
LOW Level
1.65 – 1.95
0.25 VCC
0.25 VCC
V
Input Voltage
2.3 – 5.5
0.3 VCC
0.3 VCC
IIN
Input Leakage
Current
0
≤ V
IN ≤ 5.5V
0 – 5.5
±0.05
±0.1
±1
µA
IOFF
OFF State Leakage
Current
0
≤ A, B ≤ V
CC
1.65 – 5.5
±0.05
±0.1
±1
µA
RON
Switch On
Resistance4
VIN = 0V, IO = 30 mA
4.5
3.0
7.0
7.0
VIN = 2.4V, IO = –30 mA
5.0
12.0
12.0
VIN = 4.5V, IO = –30 mA
7.0
15.0
15.0
VIN = 0V, IO = 24 mA
3.0
4.0
9.0
9.0
VIN = 3V, IO = –24 mA
10.0
20.0
20.0
VIN = 0V, IO = 8 mA
2.3
5.0
12.0
12.0
VIN = 2.3V, IO = –8 mA
13.0
30.0
30.0
VIN = 0V, IO = 4 mA
1.65
6.5
20.0
20.0
VIN = 1.65V, IO = –4 mA
17.0
50.0
50.0
ICC
Quiescent Supply
Current All Channels
ON or OFF
VIN = VCC or GND
IOUT = 0
5.5
1
10
µA
Analog Signal
Range
VCC
0VCC
0VCC
V
RRANGE
On Resistance
Over Signal
Range4, 8
IA = –30 mA, 0 ≤ VBn ≤ VCC
4.5
25.0
IA = –24 mA, 0 ≤ VBn ≤ VCC
3.0
50.0
IA = –8 mA, 0 ≤ VBn ≤ VCC
2.3
100
IA = –4 mA, 0 ≤ VBn ≤ VCC
1.65
300
∆R
ON
On Resistance
Match Between
Channels4, 5, 6
IA = –30 mA, VBn = 3.15
4.5
0.15
IA = –24 mA, VBn 2.1
3.0
0.2
IA = –8 mA, VBn = 1.6
2.3
0.5
IA = –4 mA, VBn = 1.15
1.65
0.5
Rflat
On Resistance
Flatness4, 5, 7
IA = –30 mA, 0 ≤ VBn ≤ VCC
5.0
6.0
IA = –24 mA, 0 ≤ VBn ≤ VCC
3.3
12.0
IA = –8 mA, 0 ≤ VBn ≤ VCC
2.5
28.0
IA = –4 mA, 0 ≤ VBn ≤ VCC
1.8
125


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn