Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

NC7SB3157 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. NC7SB3157
Description  TinyLogic. Low Voltage UHS Analog Switch 2-Channel Multiplexer/Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

NC7SB3157 Datasheet(HTML) 3 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3
www.fairchildsemi.com
NC7SB3157, FSA3157 Rev. 1.0.1
Absolute Maximum Ratings
(The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed.
The device should not be operated at these limits. The parametric values defined in the Electrical Characteristics
tables are not guaranteed at the absolute maximum ratings. The “Recommended Operating Conditions” table will
define the conditions for actual device operation.)
Recommended Operating Conditions3
Notes:
2. The input and output negative voltage ratings may be exceeded if the input and output diode current ratings are
observed.
3. Control input must be held HIGH or LOW, it must not float.
Symbol
Parameter
Rating
VCC
Supply Voltage ()
–0.5V to +7.0V
VS
DC Switch Voltage2
–0.5V to VCC +0.5V
VIN
DC Input Voltage2
–0.5V to +7.0V
IIK
DC Input Diode Current @ (IIK) VIN < 0V
–50 mA
IOUT
DC Output Current
128 mA
ICC/IGND
DC VCC or Ground Current
±100 mA
TSTG
Storage Temperature Range
–65°C to +150°C
TJ
Junction Temperature under Bias
150°C
TL
Junction Lead Temperature (Soldering, 10 seconds)
260°C
PD
Power Dissipation @ +85°C
180 mW
ESD, Human Body Model
4000V
Symbol
Parameter
Rating
VCC
Supply Voltage Operating
1.65V to 5.5V
VIN
Control Input Voltage
0V to VCC
VIN
Switch Input Voltage
0V to VCC
VOUT
Output Voltage
0V to VCC
TA
Operating Temperature
–40°C to +85°C
tr, tf
Input Rise and Fall Time
Control Input VCC = 2.3V–3.6V
0 ns/V to 10 ns/V
Control Input VCC = 4.5V–5.5V
0 ns/V to 5 ns/V
θ
JA
Thermal Resistance
350°C/W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn