Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5509-A Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SC5509-A
Description  NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER, LOW-NOISE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5509-A Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SC5509-A Datasheet HTML 2Page - Renesas Technology Corp 2SC5509-A Datasheet HTML 3Page - Renesas Technology Corp 2SC5509-A Datasheet HTML 4Page - Renesas Technology Corp 2SC5509-A Datasheet HTML 5Page - Renesas Technology Corp 2SC5509-A Datasheet HTML 6Page - Renesas Technology Corp 2SC5509-A Datasheet HTML 7Page - Renesas Technology Corp 2SC5509-A Datasheet HTML 8Page - Renesas Technology Corp 2SC5509-A Datasheet HTML 9Page - Renesas Technology Corp 2SC5509-A Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2SC5509
Chapter Title
R09DS0056EJ0300 Rev.3.00
Page 6 of 8
Mar 5, 2013
EQUAL NF CIRCLE
VCE = 2 V
IC = 10 mA
f = 1 GHz
Unstable Area
3.5 dB
NFmin = 0.95 dB
Γopt
1.5 dB
3.0 dB
4.0 dB
2.0 dB
2.5 dB
VCE = 2 V
IC = 10 mA
f = 2 GHz
NFmin = 1.1 dB
Γopt
2.0 dB
1.5 dB
2.5
dB
3.5
dB
4.0
dB
3.0
dB


Similar Part No. - 2SC5509-A

ManufacturerPart #DatasheetDescription
logo
NEC
2SC5509-T2 NEC-2SC5509-T2 Datasheet
82Kb / 15P
   NPN SILICON RF TRANSISTOR
More results

Similar Description - 2SC5509-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
2SC5752 CEL-2SC5752 Datasheet
3Mb / 17P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
logo
Renesas Technology Corp
2SC5750 RENESAS-2SC5750 Datasheet
216Kb / 18P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION
July 2001
logo
California Eastern Labs
2SC5754 CEL-2SC5754 Datasheet
1Mb / 12P
   NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (0.4 W)
logo
Siemens Semiconductor G...
BFP450 SIEMENS-BFP450 Datasheet
49Kb / 8P
   NPN Silicon RF Transistor (For medium power amplifiers)
logo
Advanced Semiconductor
ALN68135 ASI-ALN68135 Datasheet
21Kb / 1P
   NPN SILICON LOW NOISE RF TRANSISTOR
ALN64535 ASI-ALN64535 Datasheet
21Kb / 1P
   NPN SILICON LOW NOISE RF TRANSISTOR
NE64535 ASI-NE64535 Datasheet
18Kb / 2P
   NPN SILICON LOW NOISE RF TRANSISTOR
logo
Siemens Semiconductor G...
BFR34R SIEMENS-BFR34R Datasheet
90Kb / 4P
   NPN SILICON TRANSISTOR FOR LOW-NOISE RF BROADBAND AMPLIFIERS
logo
Renesas Technology Corp
2SC5800 RENESAS-2SC5800 Datasheet
109Kb / 24P
   NPN SILICON RF TRANSISTOR FOR HIGH-FREQUENCY LOW NOISE
July 2001
logo
Siemens Semiconductor G...
2N6620 SIEMENS-2N6620 Datasheet
90Kb / 4P
   NPN SILICON TRANSISTOR FOR LOW NOISE RF BROADBAND AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com