Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NC7S14 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. NC7S14
Description  TinyLogic HS Inverter with Schmitt Trigger Input
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7S14 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NC7S14 Datasheet HTML 1Page - Fairchild Semiconductor NC7S14 Datasheet HTML 2Page - Fairchild Semiconductor NC7S14 Datasheet HTML 3Page - Fairchild Semiconductor NC7S14 Datasheet HTML 4Page - Fairchild Semiconductor NC7S14 Datasheet HTML 5Page - Fairchild Semiconductor NC7S14 Datasheet HTML 6Page - Fairchild Semiconductor NC7S14 Datasheet HTML 7Page - Fairchild Semiconductor NC7S14 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
DC Electrical Characteristics (Continued)
AC Electrical Characteristics
Note 3: CPD is defined as the value of the internal equivalent capacitance which is derived from dynamic operating current consumption (ICCD) at no output
loading and operating at 50% duty cycle. (See Figure 2.) CPD is related to ICCD dynamic operating current by the expression:
ICCD = (CPD) (VCC) (fIN) + (ICCstatic).
AC Loading and Waveforms
CL includes load and stray capacitance
Input PRR
= 1.0 MHz, t
w = 500 ns
FIGURE 1. AC Test Circuit
Input
= AC Waveforms;
PRR
= variable; Duty Cycle = 50%
FIGURE 2. ICCD Test Circuit
FIGURE 3. AC Waveforms
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Min
TypMax
MinMax
IIN
Input Leakage Current
6.0
±0.1
±1.0
µAV
IN = VCC, GND
ICC
Quiescent Supply Current
6.0
1.0
10.0
µAV
IN = VCC, GND
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
Figure
(V)
Min
Typ
Max
Min
Max
Number
tPLH
Propagation Delay
5.0
4.5
21
ns
CL = 15 pF
Figures
1, 3
tPHL
2.0
20
100
125
ns
CL = 50 pF
3.0
12
27
35
4.5
8.5
20
25
6.0
7.5
17
21
tTLH
Output Transition Time
5.0
3
8
ns
CL = 15 pF
Figures
1, 3
tTHL
2.0
25
125
145
ns
CL = 50 pF
3.0
16
35
45
4.5
11
25
30
6.0
9
21
24
CIN
Input Capacitance
Open
2
10
10
pF
CPD
Power Dissipation Capacitance
5.0
7
pF
(Note 3)
Figure 2


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn