Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA8L-8AN Datasheet(PDF) 66 Page - ATMEL Corporation

Part # ATMEGA8L-8AN
Description  8-bit Atmel with 8KBytes In-System PRogrammable Flash
Download  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8L-8AN Datasheet(HTML) 66 Page - ATMEL Corporation

Back Button ATMEGA8L-8AN Datasheet HTML 62Page - ATMEL Corporation ATMEGA8L-8AN Datasheet HTML 63Page - ATMEL Corporation ATMEGA8L-8AN Datasheet HTML 64Page - ATMEL Corporation ATMEGA8L-8AN Datasheet HTML 65Page - ATMEL Corporation ATMEGA8L-8AN Datasheet HTML 66Page - ATMEL Corporation ATMEGA8L-8AN Datasheet HTML 67Page - ATMEL Corporation ATMEGA8L-8AN Datasheet HTML 68Page - ATMEL Corporation ATMEGA8L-8AN Datasheet HTML 69Page - ATMEL Corporation ATMEGA8L-8AN Datasheet HTML 70Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 331 page
background image
66
2486AA–AVR–02/2013
ATmega8(L)
External
Interrupts
The external interrupts are triggered by the INT0, and INT1 pins. Observe that, if enabled, the
interrupts will trigger even if the INT0..1 pins are configured as outputs. This feature provides a
way of generating a software interrupt. The external interrupts can be triggered by a falling or ris-
ing edge or a low level. This is set up as indicated in the specification for the MCU Control
Register – MCUCR. When the external interrupt is enabled and is configured as level triggered,
the interrupt will trigger as long as the pin is held low. Note that recognition of falling or rising
edge interrupts on INT0 and INT1 requires the presence of an I/O clock, described in “Clock
Systems and their Distribution” on page 25. Low level interrupts on INT0/INT1 are detected
asynchronously. This implies that these interrupts can be used for waking the part also from
sleep modes other than Idle mode. The I/O clock is halted in all sleep modes except Idle mode.
Note that if a level triggered interrupt is used for wake-up from Power-down mode, the changed
level must be held for some time to wake up the MCU. This makes the MCU less sensitive to
noise. The changed level is sampled twice by the Watchdog Oscillator clock. The period of the
Watchdog Oscillator is 1 µs (nominal) at 5.0V and 25
C. The frequency of the Watchdog Oscilla-
tor is voltage dependent as shown in “Electrical Characteristics – TA = -40°C to 85°C” on page
235. The MCU will wake up if the input has the required level during this sampling or if it is held
until the end of the start-up time. The start-up time is defined by the SUT Fuses as described in
“System Clock and Clock Options” on page 25. If the level is sampled twice by the Watchdog
Oscillator clock but disappears before the end of the start-up time, the MCU will still wake up, but
no interrupt will be generated. The required level must be held long enough for the MCU to com-
plete the wake up to trigger the level interrupt.
MCU Control Register
– MCUCR
The MCU Control Register contains control bits for interrupt sense control and general MCU
functions.
• Bit 3, 2 – ISC11, ISC10: Interrupt Sense Control 1 Bit 1 and Bit 0
The External Interrupt 1 is activated by the external pin INT1 if the SREG I-bit and the corre-
sponding interrupt mask in the GICR are set. The level and edges on the external INT1 pin that
activate the interrupt are defined in Table 31. The value on the INT1 pin is sampled before
detecting edges. If edge or toggle interrupt is selected, pulses that last longer than one clock
period will generate an interrupt. Shorter pulses are not guaranteed to generate an interrupt. If
low level interrupt is selected, the low level must be held until the completion of the currently
executing instruction to generate an interrupt.
Bit
765
4321
0
SE
SM2
SM1
SM0
ISC11
ISC10
ISC01
ISC00
MCUCR
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
0000
0
Table 31. Interrupt 1 Sense Control
ISC11
ISC10
Description
0
0
The low level of INT1 generates an interrupt request
0
1
Any logical change on INT1 generates an interrupt request
1
0
The falling edge of INT1 generates an interrupt request
1
1
The rising edge of INT1 generates an interrupt request


Similar Part No. - ATMEGA8L-8AN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8L-8AC ATMEL-ATMEGA8L-8AC Datasheet
5Mb / 303P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8L-8AC ATMEL-ATMEGA8L-8AC Datasheet
2Mb / 23P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8L-8AC ATMEL-ATMEGA8L-8AC Datasheet
263Kb / 23P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8L-8AI ATMEL-ATMEGA8L-8AI Datasheet
5Mb / 303P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8L-8AI ATMEL-ATMEGA8L-8AI Datasheet
2Mb / 23P
   8-bit AVR with 8K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA8L-8AN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY25 ATMEL-ATTINY25_10 Datasheet
758Kb / 30P
   8-bit Microcontroller with 2/4/8KBytes In-System Programmable Flash
ATMEGA128-16AN ATMEL-ATMEGA128-16AN Datasheet
481Kb / 24P
   8-bit Atmel Microcontroller with 128KBytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_14 Datasheet
9Mb / 395P
   8-bit Atmel Microcontroller with 64KB In-System Programmable Flash
ATMEGA8A ATMEL-ATMEGA8A_14 Datasheet
7Mb / 320P
   8-bit Atmel Microcontroller with 8KB In-System Programmable Flash
AT90PWM216 ATMEL-AT90PWM216_14 Datasheet
4Mb / 344P
   Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM216-16SUR ATMEL-AT90PWM216-16SUR Datasheet
962Kb / 28P
   Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM316 ATMEL-AT90PWM316_14 Datasheet
962Kb / 28P
   Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA88PV-10AU ATMEL-ATMEGA88PV-10AU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_11 Datasheet
8Mb / 377P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA88PV-10PU ATMEL-ATMEGA88PV-10PU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com