Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA8L-8AU Datasheet(PDF) 42 Page - ATMEL Corporation

Part # ATMEGA8L-8AU
Description  8-bit Atmel with 8KBytes In-System PRogrammable Flash
Download  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8L-8AU Datasheet(HTML) 42 Page - ATMEL Corporation

Back Button ATMEGA8L-8AU Datasheet HTML 38Page - ATMEL Corporation ATMEGA8L-8AU Datasheet HTML 39Page - ATMEL Corporation ATMEGA8L-8AU Datasheet HTML 40Page - ATMEL Corporation ATMEGA8L-8AU Datasheet HTML 41Page - ATMEL Corporation ATMEGA8L-8AU Datasheet HTML 42Page - ATMEL Corporation ATMEGA8L-8AU Datasheet HTML 43Page - ATMEL Corporation ATMEGA8L-8AU Datasheet HTML 44Page - ATMEL Corporation ATMEGA8L-8AU Datasheet HTML 45Page - ATMEL Corporation ATMEGA8L-8AU Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 331 page
background image
42
2486AA–AVR–02/2013
ATmega8(L)
Internal Voltage
Reference
ATmega8 features an internal bandgap reference. This reference is used for Brown-out Detec-
tion, and it can be used as an input to the Analog Comparator or the ADC. The 2.56V reference
to the ADC is generated from the internal bandgap reference.
Voltage Reference
Enable Signals and
Start-up Time
The voltage reference has a start-up time that may influence the way it should be used. The
start-up time is given in Table 16. To save power, the reference is not always turned on. The ref-
erence is on during the following situations:
1.
When the BOD is enabled (by programming the BODEN Fuse)
2.
When the bandgap reference is connected to the Analog Comparator (by setting the
ACBG bit in ACSR)
3.
When the ADC is enabled
Thus, when the BOD is not enabled, after setting the ACBG bit or enabling the ADC, the user
must always allow the reference to start up before the output from the Analog Comparator or
ADC is used. To reduce power consumption in Power-down mode, the user can avoid the three
conditions above to ensure that the reference is turned off before entering Power-down mode.
Table 16. Internal Voltage Reference Characteristics
Symbol
Parameter
Min
Typ
Max
Units
VBG
Bandgap reference voltage
1.15
1.30
1.40
V
tBG
Bandgap reference start-up time
40
70
µs
IBG
Bandgap reference current consumption
10
µA


Similar Part No. - ATMEGA8L-8AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8L-8AU ATMEL-ATMEGA8L-8AU Datasheet
2Mb / 23P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8L-8AU ATMEL-ATMEGA8L-8AU Datasheet
263Kb / 23P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8L-8AU ATMEL-ATMEGA8L-8AU Datasheet
4Mb / 308P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8L-8AU ATMEL-ATMEGA8L-8AU Datasheet
520Kb / 25P
   8-bit with 8K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA8L-8AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY25 ATMEL-ATTINY25_10 Datasheet
758Kb / 30P
   8-bit Microcontroller with 2/4/8KBytes In-System Programmable Flash
ATMEGA128-16AN ATMEL-ATMEGA128-16AN Datasheet
481Kb / 24P
   8-bit Atmel Microcontroller with 128KBytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_14 Datasheet
9Mb / 395P
   8-bit Atmel Microcontroller with 64KB In-System Programmable Flash
ATMEGA8A ATMEL-ATMEGA8A_14 Datasheet
7Mb / 320P
   8-bit Atmel Microcontroller with 8KB In-System Programmable Flash
AT90PWM216 ATMEL-AT90PWM216_14 Datasheet
4Mb / 344P
   Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM216-16SUR ATMEL-AT90PWM216-16SUR Datasheet
962Kb / 28P
   Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM316 ATMEL-AT90PWM316_14 Datasheet
962Kb / 28P
   Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA88PV-10AU ATMEL-ATMEGA88PV-10AU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_11 Datasheet
8Mb / 377P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA88PV-10PU ATMEL-ATMEGA88PV-10PU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com