Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATMEGA8L-8AU Datasheet(PDF) 14 Page - ATMEL Corporation

Part # ATMEGA8L-8AU
Description  8-bit Atmel with 8KBytes In-System PRogrammable Flash
Download  331 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA8L-8AU Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button ATMEGA8L-8AU Datasheet HTML 10Page - ATMEL Corporation ATMEGA8L-8AU Datasheet HTML 11Page - ATMEL Corporation ATMEGA8L-8AU Datasheet HTML 12Page - ATMEL Corporation ATMEGA8L-8AU Datasheet HTML 13Page - ATMEL Corporation ATMEGA8L-8AU Datasheet HTML 14Page - ATMEL Corporation ATMEGA8L-8AU Datasheet HTML 15Page - ATMEL Corporation ATMEGA8L-8AU Datasheet HTML 16Page - ATMEL Corporation ATMEGA8L-8AU Datasheet HTML 17Page - ATMEL Corporation ATMEGA8L-8AU Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 331 page
background image
14
2486AA–AVR–02/2013
ATmega8(L)
Figure 5 shows the parallel instruction fetches and instruction executions enabled by the Har-
vard architecture and the fast-access Register File concept. This is the basic pipelining concept
to obtain up to 1MIPS per MHz with the corresponding unique results for functions per cost,
functions per clocks, and functions per power-unit.
Figure 5. The Parallel Instruction Fetches and Instruction Executions
Figure 6 shows the internal timing concept for the Register File. In a single clock cycle an ALU
operation using two register operands is executed, and the result is stored back to the destina-
tion register.
Figure 6. Single Cycle ALU Operation
Reset and
Interrupt Handling
The Atmel
®AVR® provides several different interrupt sources. These interrupts and the separate
Reset Vector each have a separate Program Vector in the Program memory space. All inter-
rupts are assigned individual enable bits which must be written logic one together with the
Global Interrupt Enable bit in the Status Register in order to enable the interrupt. Depending on
the Program Counter value, interrupts may be automatically disabled when Boot Lock Bits
BLB02 or BLB12 are programmed. This feature improves software security. See the section
“Memory Programming” on page 215 for details.
The lowest addresses in the Program memory space are by default defined as the Reset and
Interrupt Vectors. The complete list of Vectors is shown in “Interrupts” on page 46. The list also
determines the priority levels of the different interrupts. The lower the address the higher is the
priority level. RESET has the highest priority, and next is INT0 – the External Interrupt Request
0. The Interrupt Vectors can be moved to the start of the boot Flash section by setting the Inter-
rupt Vector Select (IVSEL) bit in the General Interrupt Control Register (GICR). Refer to
“Interrupts” on page 46 for more information. The Reset Vector can also be moved to the start of
the boot Flash section by programming the BOOTRST Fuse, see “Boot Loader Support – Read-
While-Write Self-Programming” on page 202.
clk
1st Instruction Fetch
1st Instruction Execute
2nd Instruction Fetch
2nd Instruction Execute
3rd Instruction Fetch
3rd Instruction Execute
4th Instruction Fetch
T1
T2
T3
T4
CPU
Total Execution Time
Register Operands Fetch
ALU Operation Execute
Result Write Back
T1
T2
T3
T4
clk
CPU


Similar Part No. - ATMEGA8L-8AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA8L-8AU ATMEL-ATMEGA8L-8AU Datasheet
2Mb / 23P
   8-bit AVR with 8K Bytes In-System Programmable Flash
ATMEGA8L-8AU ATMEL-ATMEGA8L-8AU Datasheet
263Kb / 23P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8L-8AU ATMEL-ATMEGA8L-8AU Datasheet
4Mb / 308P
   8-bit with 8K Bytes In-System Programmable Flash
ATMEGA8L-8AU ATMEL-ATMEGA8L-8AU Datasheet
520Kb / 25P
   8-bit with 8K Bytes In-System Programmable Flash
More results

Similar Description - ATMEGA8L-8AU

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY25 ATMEL-ATTINY25_10 Datasheet
758Kb / 30P
   8-bit Microcontroller with 2/4/8KBytes In-System Programmable Flash
ATMEGA128-16AN ATMEL-ATMEGA128-16AN Datasheet
481Kb / 24P
   8-bit Atmel Microcontroller with 128KBytes In-System Programmable Flash
ATMEGA64A ATMEL-ATMEGA64A_14 Datasheet
9Mb / 395P
   8-bit Atmel Microcontroller with 64KB In-System Programmable Flash
ATMEGA8A ATMEL-ATMEGA8A_14 Datasheet
7Mb / 320P
   8-bit Atmel Microcontroller with 8KB In-System Programmable Flash
AT90PWM216 ATMEL-AT90PWM216_14 Datasheet
4Mb / 344P
   Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM216-16SUR ATMEL-AT90PWM216-16SUR Datasheet
962Kb / 28P
   Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
AT90PWM316 ATMEL-AT90PWM316_14 Datasheet
962Kb / 28P
   Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
ATMEGA88PV-10AU ATMEL-ATMEGA88PV-10AU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_11 Datasheet
8Mb / 377P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
ATMEGA88PV-10PU ATMEL-ATMEGA88PV-10PU Datasheet
6Mb / 420P
   8-bit Atmel Microcontroller with 4/8/16K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com