Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT28C256E-15PU Datasheet(PDF) 22 Page - ATMEL Corporation

Part No. AT28C256E-15PU
Description  256K (32K x 8) Paged Parallel EEPROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C256E-15PU Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT28C256E-15PU Datasheet HTML 17Page - ATMEL Corporation AT28C256E-15PU Datasheet HTML 18Page - ATMEL Corporation AT28C256E-15PU Datasheet HTML 19Page - ATMEL Corporation AT28C256E-15PU Datasheet HTML 20Page - ATMEL Corporation AT28C256E-15PU Datasheet HTML 21Page - ATMEL Corporation AT28C256E-15PU Datasheet HTML 22Page - ATMEL Corporation AT28C256E-15PU Datasheet HTML 23Page - ATMEL Corporation AT28C256E-15PU Datasheet HTML 24Page - ATMEL Corporation AT28C256E-15PU Datasheet HTML 25Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
22
0006M–PEEPR–12/09
AT28C256
29.6
28S – SOIC
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
28S, 28-lead, 0.300" Body, Plastic Gull Wing Small Outline (SOIC)
JEDEC Standard MS-013
B
28S
8/4/03
Dimensions in Millimeters and (Inches).
Controlling dimension: Millimeters.
TOP VIEW
SIDE VIEWS
0.51(0.020)
0.33(0.013)
7.60(0.2992)
7.40(0.2914)
10.65(0.419)
10.00(0.394)
1.27(0.50) BSC
2.65(0.1043)
2.35(0.0926)
18.10(0.7125)
17.70(0.6969)
0.30(0.0118)
0.10(0.0040)
0.32(0.0125)
0.23(0.0091)
1.27(0.050)
0.40(0.016)
0º ~ 8º
PIN 1


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn