Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AT28C256E-15PU Datasheet(PDF) 14 Page - ATMEL Corporation

Part No. AT28C256E-15PU
Description  256K (32K x 8) Paged Parallel EEPROM
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT28C256E-15PU Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT28C256E-15PU Datasheet HTML 10Page - ATMEL Corporation AT28C256E-15PU Datasheet HTML 11Page - ATMEL Corporation AT28C256E-15PU Datasheet HTML 12Page - ATMEL Corporation AT28C256E-15PU Datasheet HTML 13Page - ATMEL Corporation AT28C256E-15PU Datasheet HTML 14Page - ATMEL Corporation AT28C256E-15PU Datasheet HTML 15Page - ATMEL Corporation AT28C256E-15PU Datasheet HTML 16Page - ATMEL Corporation AT28C256E-15PU Datasheet HTML 17Page - ATMEL Corporation AT28C256E-15PU Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
14
0006M–PEEPR–12/09
AT28C256
27.1.2
AT28C256E
Note:
1. Where two DESC numbers apply to the Atmel ordering code apply SL815 to receive parts with the noted DESC number dual
marked along with Atmel part number.
t
ACC
I
CC (mA)
(ns)
Active
Standby
Ordering Code
Package
Operation Range
150
50
0.3
AT28C256E-15DM/883
5962-88525 16 XX(1)
5962-88525 08 XX
28D6
Military/883C
Class B, Fully Compliant
(-55°C to 125°C)
AT28C256E-15FM/883
5962-88525 16 ZX(1)
5962-88525 08 ZX
28F
AT28C256E-15LM/883
5962-88525 16 YX(1)
5962-88525 08 YX
32L
AT28C256E-15UM/883
5962-88525 16 UX(1)
5962-88525 08 UX
28U
200
50
0.3
AT28C256E-20DM/883
28D6
Military/883C
Class B, Fully Compliant
(-55°C to 125°C)
AT28C256E-20FM/883
28F
AT28C256E-20LM/883
32L
AT28C256E-20UM/883
28U
250
50
0.3
AT28C256E-25DM/883
5962-88525 13 XX(1)
5962-88525 05 XX
28D6
Military/883C
Class B, Fully Compliant
(-55°C to 125°C)
5962-88525 05 XX
5962-88525 13 ZX(1)
5962-88525 05 ZX
28F
AT28C256E-25LM/883
5962-88525 13 YX(1)
5962-88525 05 YX
32L
AT28C256E-25UM/883
5962-88525 13 UX(1)
5962-88525 05 UX
28U


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn