Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

H11AA1SR2VM Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # H11AA1SR2VM
Description  AC Input/Phototransistor Optocouplers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

H11AA1SR2VM Datasheet(HTML) 3 Page - Fairchild Semiconductor

  H11AA1SR2VM Datasheet HTML 1Page - Fairchild Semiconductor H11AA1SR2VM Datasheet HTML 2Page - Fairchild Semiconductor H11AA1SR2VM Datasheet HTML 3Page - Fairchild Semiconductor H11AA1SR2VM Datasheet HTML 4Page - Fairchild Semiconductor H11AA1SR2VM Datasheet HTML 5Page - Fairchild Semiconductor H11AA1SR2VM Datasheet HTML 6Page - Fairchild Semiconductor H11AA1SR2VM Datasheet HTML 7Page - Fairchild Semiconductor H11AA1SR2VM Datasheet HTML 8Page - Fairchild Semiconductor H11AA1SR2VM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
©2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
H11AA1M, H11AA2M, H11AA3M, H11AA4M Rev. 1.0.3
3
Electrical Characteristics (TA = 25°C Unless otherwise specified.)
Individual Component Characteristics
*Typical values at TA = 25°C
Transfer Characteristics
Isolation Characteristics
*Typical values at TA = 25°C
Symbol
Parameter
Test Conditions
Device
Min.
Typ.*
Max.
Unit
EMITTER
VF
Input Forward Voltage
IF = ±10mA
All
1.17
1.5
V
CJ
Capacitance
VF = 0 V, f = 1.0MHz
All
80
pF
DETECTOR
BVCEO
Breakdown Voltage
Collector to Emitter
IC = 1.0mA, IF = 0
All
30
100
V
BVCBO
Collector to Base
IC = 100µA, IF = 0
All
70
120
V
BVEBO
Emitter to Base
IE = 100µA, IF = 0
All
5
10
V
BVECO
Emitter to Collector
IE = 100µA, IF = 0
All
7
10
V
ICEO
Leakage Current
Collector to Emitter
VCE = 10 V, IF = 0
H11AA1M
H11AA3M
H11AA4M
150
nA
H11AA2M
1
200
CCE
Capacitance Collector
to Emitter
VCE = 0, f = 1MHz
All
10
pF
CCB
Collector to Base
VCB = 0, f = 1MHz
All
80
pF
CEB
Emitter to Base
VEB = 0, f = 1MHz
All
15
pF
Symbol
Characteristics
Test Conditions
Device
Min.
Typ.*
Max.
Units
CTRCE
Current Transfer Ratio,
Collector to Emitter
IF = ±10mA, VCE = 10V
H11AA4M
100
%
H11AA3M
50
H11AA1M
20
H11AA2M
10
Current Transfer Ratio,
Symmetry
IF = ±10mA, VCE = 10V
(Figure 11)
All
.33
3.0
VCE(SAT)
Saturation Voltage,
Collector to Emitter
IF = ±10mA, ICE = 0.5mA
All
.40
V
Symbol
Characteristic
Test Conditions
Min.
Typ.*
Max.
Units
CI-O
Package Capacitance
Input/Output
VI-O = 0, f = 1MHz
0.7
pF
VISO
Isolation Voltage
f = 60Hz, t = 1 sec.
7500
Vac(pk)
RISO
Isolation Resistance
VI-O = 500 VDC
1011


Similar Part No. - H11AA1SR2VM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AA1SR2VM FAIRCHILD-H11AA1SR2VM Datasheet
119Kb / 9P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
More results

Similar Description - H11AA1SR2VM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H11AA1 FAIRCHILD-H11AA1 Datasheet
528Kb / 8P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
H11AA1M FAIRCHILD-H11AA1M Datasheet
511Kb / 9P
   AC Input/Phototransistor Optocouplers
logo
QT Optoelectronics
H11AA1 QT-H11AA1 Datasheet
307Kb / 4P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
H11AA1-M FAIRCHILD-H11AA1-M_06 Datasheet
510Kb / 9P
   AC Input/Phototransistor Optocouplers
H11AA1-M FAIRCHILD-H11AA1-M Datasheet
119Kb / 9P
   AC INPUT/PHOTOTRANSISTOR OPTOCOUPLERS
MOC256 FAIRCHILD-MOC256 Datasheet
486Kb / 7P
   AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MOC256-M FAIRCHILD-MOC256-M Datasheet
105Kb / 7P
   AC INPUT PHOTOTRANSISTOR SMALL OUTLINE SURFACE MOUNT OPTOCOUPLERS
MCT5200 FAIRCHILD-MCT5200 Datasheet
169Kb / 11P
   LOW INPUT CURRENT PHOTOTRANSISTOR OPTOCOUPLERS
MCT5201M FAIRCHILD-MCT5201M Datasheet
290Kb / 12P
   Low Input Current Phototransistor Optocouplers
MCT5201M_0810 FAIRCHILD-MCT5201M_0810 Datasheet
293Kb / 12P
   Low Input Current Phototransistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com