Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC7NZU04K8X Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # NC7NZU04K8X
Description  TinyLogic UHS Unbuffered Inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

NC7NZU04K8X Datasheet(HTML) 3 Page - Fairchild Semiconductor

  NC7NZU04K8X Datasheet HTML 1Page - Fairchild Semiconductor NC7NZU04K8X Datasheet HTML 2Page - Fairchild Semiconductor NC7NZU04K8X Datasheet HTML 3Page - Fairchild Semiconductor NC7NZU04K8X Datasheet HTML 4Page - Fairchild Semiconductor NC7NZU04K8X Datasheet HTML 5Page - Fairchild Semiconductor NC7NZU04K8X Datasheet HTML 6Page - Fairchild Semiconductor NC7NZU04K8X Datasheet HTML 7Page - Fairchild Semiconductor NC7NZU04K8X Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Recommended Operating
Conditions (Note 2)
Note 1: Absolute maximum ratings are DC values beyond which the device
may be damaged or have its useful life impaired. The datasheet specifica-
tions should be met, without exception, to ensure that the system design is
reliable over its power supply, temperature, and output/input loading vari-
ables. Fairchild does not recommend operation outside datasheet specifi-
cations.
Note 2: Unused inputs must be held HIGH or LOW. They may not float.
DC Electrical Characteristics
Supply Voltage (VCC)
−0.5V to +7V
DC Input Voltage (VIN)
−0.5V to +7V
DC Output Voltage (VOUT)
−0.5V to +7V
DC Input Diode Current (IIK)
@ VIN < −0.5V
−50 mA
@ VIN > VCC + 0.5V
+20 mA
DC Output Diode Current (IOK)
@ VOUT < −0.5V
−50 mA
@ VOUT > 0.5V, VCC = GND
+50 mA
DC Output Current (IOUT)
±50 mA
DC VCC/GND Current (ICC/IGND)
±100 mA
Storage Temperature (TSTG)
−65°C to +150°C
Junction Temperature under Bias (TJ)
150
°C
Junction Lead Temperature (TL);
(Soldering, 10 seconds)
260
°C
Power Dissipation (PD) @ +85°C
250 mW
Supply Voltage Operating (VCC)
1.65V to 5.5V
Supply Voltage Data Retention (VCC)
1.5V to 5.5V
Input Voltage (VIN)
0V to 5.5V
Output Voltage (VOUT)0V to VCC
Operating Temperature (TA)
−40°C to +85°C
Thermal Resistance (
θ
JA)250°C/W
Symbol
Parameter
VCC
TA = +25°CTA = −40°C to +85°C
Units
Conditions
(V)
Min
Typ
Max
Min
Max
VIH
HIGH Level Input Voltage
1.65 to 2.7 0.85 VCC
0.85 VCC
V
3.0 to 5.5
0.8 VCC
0.8 VCC
VIL
LOW Level Input Voltage
1.65 to 2.7
0.15 VCC
0.15 VCC
V
3.0 to 5.5
0.2 VCC
0.2 VCC
VOH
HIGH Level Output Voltage
1.65
1.55
1.65
1.55
V
VIN = VIL
IOH = −100 µA
2.3
2.1
2.3
2.1
3.0
2.7
3.0
2.7
4.5
4.0
4.4
4.0
1.65
1.29
1.52
1.29
IOH = −2 mA
2.3
1.9
2.14
1.9
VIN = GND
IOH = −2 mA
3.0
2.4
2.75
2.4
IOH = −4 mA
3.0
2.3
2.61
2.3
IOH = −6 mA
4.5
3.8
4.13
3.8
IOH = −8 mA
VOL
LOW Level Output Voltage
1.65
0.0
0.2
0.2
V
VIN = VIH
IOL = 100 µA
2.3
0.0
0.2
0.2
3.0
0.0
0.3
0.3
4.5
0.0
0.5
0.5
1.65
0.08
0.24
0.24
IOL = 2 mA
2.3
0.10
0.3
0.3
VIN = VCC
IOL = 2 mA
3.0
0.17
0.4
0.4
IOL = 4 mA
3.0
0.25
0.55
0.55
IOL = 6 mA
4.5
0.26
0.55
0.55
IOL = 8 mA
IIN
Input Leakage Current
0 to 5.5
±0.1
±1.0
µAV
IN = 5.5V, GND
ICC
Quiescent Supply Current
1.65 to 5.5
1
10
µAV
IN = 5.5V, GND
ICCPEAK
Peak Supply Current in
1.8
1
mA
VOUT = Open
Analog Operation
2.5
2
VIN = Adjust for
3.3
5
Peak ICC Current
5.0
15


Similar Part No. - NC7NZU04K8X

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NC7NZU04K8X FAIRCHILD-NC7NZU04K8X Datasheet
192Kb / 7P
   TinyLogic UHS Unbuffered Inverter
More results

Similar Description - NC7NZU04K8X

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04_V01 Datasheet
429Kb / 12P
   TinyLogic UHS Unbuffered Inverter
April, 2022 - Rev. 5
logo
Fairchild Semiconductor
NC7SZU04 FAIRCHILD-NC7SZU04 Datasheet
155Kb / 8P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04 Datasheet
587Kb / 10P
   TinyLogic UHS Unbuffered Inverter
October-2017, Rev. 2
logo
Fairchild Semiconductor
NC7NZU04 FAIRCHILD-NC7NZU04_05 Datasheet
192Kb / 7P
   TinyLogic UHS Unbuffered Inverter
logo
ON Semiconductor
NC7SZU04 ONSEMI-NC7SZU04_V02 Datasheet
443Kb / 11P
   TinyLogic UHS Unbuffered Inverter
August, 2023 - Rev. 7
NC7WZU04 ONSEMI-NC7WZU04 Datasheet
351Kb / 13P
   TinyLogic UHS Dual Unbuffered Inverter
June 2008 Rev. 1.0.4
NC7WZU04 ONSEMI-NC7WZU04_V01 Datasheet
325Kb / 12P
   TinyLogic UHS Dual Unbuffered Inverter
April, 2022 - Rev. 4
logo
Fairchild Semiconductor
NC7WZU04 FAIRCHILD-NC7WZU04_06 Datasheet
486Kb / 11P
   TinyLogic UHS Dual Unbuffered Inverter
NC7WZU04 FAIRCHILD-NC7WZU04 Datasheet
98Kb / 8P
   TinyLogic UHS Dual Unbuffered Inverter
NC7NZ04 FAIRCHILD-NC7NZ04_05 Datasheet
192Kb / 7P
   TinyLogic UHS Inverter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com