Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

477LMU200M2DC Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 477LMU200M2DC
Description  105C Long Life Snap mount Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

477LMU200M2DC Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  477LMU200M2DC Datasheet HTML 1Page - Illinois Capacitor, Inc. 477LMU200M2DC Datasheet HTML 2Page - Illinois Capacitor, Inc. 477LMU200M2DC Datasheet HTML 3Page - Illinois Capacitor, Inc. 477LMU200M2DC Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3757 W. Touhy Ave., Lincolnwood, Il 60712
● (847)675-1760● Fax (847) 675-2850 ● www.illcap.com
LMU
+105°C Long Life Snap mount
Aluminum Electrolytic Capacitors
Features
Standard case sizes
Multiple case sizes
Lead free leads
High ripple current
Applications
Bypass
Filtering
Coupling
De-coupling
Specifications
Operating Temperature
Range
-40°C to +105°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
WVDC
10
16
25
35
50
63
80
100
160
200
250
350
400
450
500
Surge
voltage
SVDC
13
20
32
44
63
79
100
125
200
250
300
400
450
500
550
WVDC
10
16
25
35
50
63
80
100
160
200
250
350
400
450
500
Dissipation
Factor
Tan
δ
.5
.4
.3
.25
.2
.15
.15
.15
.1
.1
.1
.15
.15
.15
.15
5 Minutes
Leakage current
.02CV or 2000uA,Whichever is greater
WVDC
10
16
25
35
50
63
80
100
160
200
250
350
400
450
500
-25°C to
+20°C
4
4
3
3
3
3
3
3
3
3
3
8
8
8
8
Low
temperature
stability
Impedance ratio
(120 Hz)
-40°C to
+20°C
12
12
6
6
6
6
6
6
8
8
8
-
-
-
-
2000 hours at 105°C with rated WVDC and ripple current applied
Capacitance change
<20% of initial measured value
Dissipation factor
<150% of maximum specified value
Load Life
Leakage current
<100% of maximum specified value
500 hours at 85°C with no voltage applied
Capacitance change
<20% of initial measured value
Dissipation factor
<200% of maximum specified value
Shelf Life
Leakage current
<100% of maximum specified value
Frequency (Hz)
Temperature (°C)
WVDC
50
120
300
1k
10k
+85
+70
+60
45
< 100V
.8
1.0
1.1
1.2
1.2
1
1.2
1.4
1.8
Ripple Current
Multipliers
> 160V
.8
1.0
1.1
1.3
1.4
1
1.2
1.4
1.8


Similar Part No. - 477LMU200M2DC

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
477LMU200M2DC ILLINOISCAPACITOR-477LMU200M2DC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
More results

Similar Description - 477LMU200M2DC

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
686LMH450M2BC ILLINOISCAPACITOR-686LMH450M2BC Datasheet
399Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
logo
RFE international
VEU100M1ETR050057 RFE-VEU100M1ETR050057 Datasheet
88Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS VEU Series: Surface Mount Type,105C, Long Life
logo
Vishay Siliconix
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
058059PLL-SI VISHAY-058059PLL-SI Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
058059PLL-SI VISHAY-058059PLL-SI_V01 Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
01-Jan-2023
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
090PUL-SI VISHAY-090PUL-SI_17 Datasheet
115Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 08-Sep-17
159-PUL-SI VISHAY-159-PUL-SI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
090PUL-SI VISHAY-090PUL-SI_V01 Datasheet
97Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com