Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS12A12511DGKR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part No. TS12A12511DGKR
Description  6,-6 V/12 V, 5 Ohm, LOW rON SINGLE SPDT ANALOG SWITCH
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS12A12511DGKR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TS12A12511DGKR Datasheet HTML 8Page - Texas Instruments TS12A12511DGKR Datasheet HTML 9Page - Texas Instruments TS12A12511DGKR Datasheet HTML 10Page - Texas Instruments TS12A12511DGKR Datasheet HTML 11Page - Texas Instruments TS12A12511DGKR Datasheet HTML 12Page - Texas Instruments TS12A12511DGKR Datasheet HTML 13Page - Texas Instruments TS12A12511DGKR Datasheet HTML 14Page - Texas Instruments TS12A12511DGKR Datasheet HTML 15Page - Texas Instruments TS12A12511DGKR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
V+
GND
IN
VBIAS
VI
VI = VIO or GND
VBIAS = V+, VIO, or GND and
Capacitance is measured at NO,
COM, and IN inputs during ON
and OFF conditions.
Capacitance
Meter
VNO
COM
NO
COM
V–
CL(2)
RL
VCOM
V+
GND
NO
IN
VNO
VI
COM
Logic
Input(1)
V+
VCOM
50 Ω
RL
CL
35 pF
tON
TEST
V+
50 Ω
35 pF
tOFF
50%
tON
tOFF
50%
90%
90%
Logic
Input
(VI)
VIO
Switch
Output
(VNO)
0
(1) All input pulses are supplied by generators having the following characteristics: PRR≤ 10 MHz, ZO = 50 Ω, tr < 5 ns, tf < 5 ns.
(2) CL includes probe and jig capacitance.
V–
TS12A12511
SCDS248B
– OCTOBER 2009 – REVISED APRIL 2011
www.ti.com
Figure 15. Capacitance (CCOM(OFF), CCOM(ON), CNC(OFF), CNC(ON))
Figure 16. Turn-ON (tON) and Turn-OFF Time (tOFF)
12
Copyright
© 2009–2011, Texas Instruments Incorporated


Similar Part No. - TS12A12511DGKR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TS12A12511DGKR TI-TS12A12511DGKR Datasheet
889Kb / 24P
[Old version datasheet]   SINGLE SPDT ANALOG SWITCH
TS12A12511DGKR TI1-TS12A12511DGKR Datasheet
879Kb / 25P
[Old version datasheet]   짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
More results

Similar Description - TS12A12511DGKR

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TS12A12511 TI1-TS12A12511 Datasheet
879Kb / 24P
[Old version datasheet]   짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
TS12A12511 TI1-TS12A12511_14 Datasheet
879Kb / 25P
[Old version datasheet]   짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
Protek Devices
Protek Devices
PA2011 PROTEC-PA2011 Datasheet
275Kb / 8P
   Low-Voltage, Low RON, Single SPDT Analog Switch.
Texas Instruments
Texas Instruments
TS5A63157DBVRG4 TI1-TS5A63157DBVRG4 Datasheet
763Kb / 31P
[Old version datasheet]   12-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Analog Devices
Analog Devices
ADG1433 AD-ADG1433 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
Alpha & Omega Semiconductors
Alpha & Omega Semicondu...
AOZ6134 AOSMD-AOZ6134 Datasheet
343Kb / 9P
   High Performance, Low RON, 1 ohm SPDT Analog Switch
Texas Instruments
Texas Instruments
TS5A63157 TI-TS5A63157 Datasheet
411Kb / 27P
[Old version datasheet]   12-OHM SPDT ANALOG SWITCH
Vishay Siliconix
Vishay Siliconix
DG2511 VISHAY-DG2511_11 Datasheet
175Kb / 9P
   Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
ON Semiconductor
ON Semiconductor
NLAS5123 ONSEMI-NLAS5123 Datasheet
123Kb / 9P
   SPDT, 1 Ohm Ron Switch
December, 2005 ??Rev. 0
NLAS5123-06 ONSEMI-NLAS5123-06 Datasheet
175Kb / 9P
   SPDT, 1 ohm RON Switch
August, 2006 ??Rev. 1
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz