Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TS12A12511DGKR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TS12A12511DGKR
Description  6,-6 V/12 V, 5 Ohm, LOW rON SINGLE SPDT ANALOG SWITCH
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS12A12511DGKR Datasheet(HTML) 1 Page - Texas Instruments

  TS12A12511DGKR Datasheet HTML 1Page - Texas Instruments TS12A12511DGKR Datasheet HTML 2Page - Texas Instruments TS12A12511DGKR Datasheet HTML 3Page - Texas Instruments TS12A12511DGKR Datasheet HTML 4Page - Texas Instruments TS12A12511DGKR Datasheet HTML 5Page - Texas Instruments TS12A12511DGKR Datasheet HTML 6Page - Texas Instruments TS12A12511DGKR Datasheet HTML 7Page - Texas Instruments TS12A12511DGKR Datasheet HTML 8Page - Texas Instruments TS12A12511DGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
8
7
6
5
COM
NC
GND
V
+
NO
V
IN
N.C.
1
2
3
4
DCN PACKAGE
(TOP VIEW)
DRJ PACKAGE
(TOP VIEW)
8
7
6
5
1
2
3
4
DGK PACKAGE
(TOP VIEW)
COM
NC
GND
V
+
NO
V
IN
N.C.
COM
NC
GND
V
+
6
8
7
NO
V
IN
N.C.
3
1
2
4
5
TS12A12511
www.ti.com
SCDS248B
– OCTOBER 2009 – REVISED APRIL 2011
±6 V/+12 V, 5 Ω, LOW rON SINGLE SPDT ANALOG SWITCH
Check for Samples: TS12A12511
1
FEATURES
±2.7 V to ±6 V Dual Supply
2.7 V to 12 V Single Supply
5-
Ω (typ) ON-State Resistance
1.6-
Ω (typ) ON-State Resistance Flatness
3.3-V, 5-V Compatible Digital Control Inputs
Rail-to-Rail Analog Signal Handling
Fast tON, tOFF Times
Tiny 8-Lead SOT-23, 8-Lead MSOP, and QFN-8
Packages
Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
ESD Performance Tested per JESD 22
– 2000-V Human-Body Model
(A114-B, Class II)
– 1000-V Charged-Device Model (C101)
APPLICATIONS
Automatic Test Equipment
Power Routing
Communication Systems
Data Acquisition Systems
Sample-and-Hold Systems
Relay Replacement
Battery-Powered Systems
N.C.
– Not internally connected
NC
– Normally closed
NO
– Normally open
The Exposed Thermal Pad must be
electrically connected to Vor left floating.
DESCRIPTION/ORDERING INFORMATION
The TS12A12511 is a single-pole double-throw (SPDT) analog switch capable of passing signals with swings of
0 to 12 V or
–6 V to 6 V. This switch conducts equally well in both directions when it is on. It also offers a low
ON-state resistance of 5
Ω (typical), which is matched to within 1 Ω between channels. The max current
consumption is
<1 μA and –3 dB bandwidth is >93 MHz. The TS12A12511 exhibits break-before-make switching
action, preventing momentary shorting when switching channels. This device is available packaged in an 8-lead
MSOP, 8-lead SOT-23, and a 8-pin QFN.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright
© 2009–2011, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TS12A12511DGKR

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TS12A12511DGKR TI-TS12A12511DGKR Datasheet
889Kb / 24P
[Old version datasheet]   SINGLE SPDT ANALOG SWITCH
TS12A12511DGKR TI1-TS12A12511DGKR Datasheet
879Kb / 25P
[Old version datasheet]   짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
More results

Similar Description - TS12A12511DGKR

ManufacturerPart #DatasheetDescription
Texas Instruments
Texas Instruments
TS12A12511 TI1-TS12A12511 Datasheet
879Kb / 24P
[Old version datasheet]   짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
TS12A12511 TI1-TS12A12511_14 Datasheet
879Kb / 25P
[Old version datasheet]   짹6 V/12 V, 5 廓, LOW rON SINGLE SPDT ANALOG SWITCH
Protek Devices
Protek Devices
PA2011 PROTEC-PA2011 Datasheet
275Kb / 8P
   Low-Voltage, Low RON, Single SPDT Analog Switch.
Texas Instruments
Texas Instruments
TS5A63157DBVRG4 TI1-TS5A63157DBVRG4 Datasheet
763Kb / 31P
[Old version datasheet]   12-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
Analog Devices
Analog Devices
ADG1433 AD-ADG1433 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
Alpha & Omega Semiconductors
Alpha & Omega Semicondu...
AOZ6134 AOSMD-AOZ6134 Datasheet
343Kb / 9P
   High Performance, Low RON, 1 ohm SPDT Analog Switch
Texas Instruments
Texas Instruments
TS5A63157 TI-TS5A63157 Datasheet
411Kb / 27P
[Old version datasheet]   12-OHM SPDT ANALOG SWITCH
Vishay Siliconix
Vishay Siliconix
DG2511 VISHAY-DG2511_11 Datasheet
175Kb / 9P
   Low-Voltage, Low RON, Single Analog Switch In miniQFN-6 Package
Rev. C, 23-May-11
ON Semiconductor
ON Semiconductor
NLAS5123 ONSEMI-NLAS5123 Datasheet
123Kb / 9P
   SPDT, 1 Ohm Ron Switch
December, 2005 ??Rev. 0
NLAS5123-06 ONSEMI-NLAS5123-06 Datasheet
175Kb / 9P
   SPDT, 1 ohm RON Switch
August, 2006 ??Rev. 1
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com