Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

477LMU200M2CE Datasheet(PDF) 3 Page - Illinois Capacitor, Inc.

Part # 477LMU200M2CE
Description  105C Long Life Snap mount Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

477LMU200M2CE Datasheet(HTML) 3 Page - Illinois Capacitor, Inc.

  477LMU200M2CE Datasheet HTML 1Page - Illinois Capacitor, Inc. 477LMU200M2CE Datasheet HTML 2Page - Illinois Capacitor, Inc. 477LMU200M2CE Datasheet HTML 3Page - Illinois Capacitor, Inc. 477LMU200M2CE Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
LMU
+105°C, Long Life 2000 hrs
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
47
450
476LMU450M2BC 7054.74
0.32
22x25
47
500
476LMU500M2BC 5291.06
0.27
22x25
68
350
686LMU350M2BC 7314.13
0.34
22x25
68
400
686LMU400M2BC 3657.05
0.51
22x25
68
450
686LMU450M2BD 4878.54
0.42
22x30
68
450
686LMU450M2CC 4878.54
0.42
25x25
68
500
686LMU500M2BD 3657.05
0.35
22x30
68
500
686LMU500M2CC 3657.05
0.35
25x25
100
200
107LMU200M2BA 1657.88
0.45
22x20
100
350
107LMU350M2BD 3315.7
0.44
22x30
100
350
107LMU350M2CC 3315.7
0.44
25x25
100
400
107LMU400M2BE 3315.7
0.52
22x35
100
400
107LMU400M2CD 3315.7
0.52
25x30
100
400
107LMU400M2DC 3315.7
0.54
30x25
100
400
107LMU400M2CC 2487.8
0.67
25x25
100
400
107LMU400M2BD 2487.8
0.64
22x30
100
450
107LMU450M2BF
3315.7
0.58
22x40
100
450
107LMU450M2DC 3315.7
0.57
30x25
100
450
107LMU450M2CD 3315.7
0.55
25x30
100
500
107LMU500M2BF
2487.8
0.47
22x40
100
500
107LMU500M2CE
2487.8
0.48
25x35
100
500 107LMU500M2DD 2487.8
0.5
30x30
150
250
157LMU250M2BC 1105.2
0.7
22x25
150
350
157LMU350M2BE 1657.86
0.66
22x35
150
350
157LMU350M2CD 1657.86
0.83
25x30
150
350
157LMU350M2DC 1657.86
0.83
30x25
150
400
157LMU400M2CE 1657.86
0.84
25x35
150
400
157LMU400M2BF 1657.86
0.82
22x40
150
400
157LMU400M2DC 1657.86
0.84
30x25
150
450
157LMU450M2CF 1657.86
0.75
25x40
150
450
157LMU450M2EC 1657.86
0.75
35x25
150
450 157LMU450M2DD 1657.86
0.74
30x30
150
500
157LMU500M2CG 1657.86
0.66
25x45
150
500
157LMU500M2DF 1657.86
0.68
30x40
150
500
157LMU500M2ED 1657.86
0.68
35x30
220
200
227LMU200M2BC
753.6
0.82
22x25
220
250
227LMU250M2BD
753.6
0.9
22x30
220
250
227LMU250M2CC
753.6
0.9
25x25
220
350
227LMU350M2EC 1130.36
1.04
35x25
220
350
227LMU350M2BH 1130.36
1.05
22x50
220
350 227LMU350M2DD 1507.1
0.78
30x30
220
350
227LMU350M2CF 1130.36
1.04
25x40
220
400
227LMU400M2ED 1130.36
1.08
35x30
220
400
227LMU400M2CG 1130.36
1.07
25x45
220
400
227LMU400M2DE 1130.36
1.06
30x35
220
450
227LMU450M2FC
1507.1
0.98
40x25
220
450
227LMU450M2ED 1507.1
0.98
35x30
220
450
227LMU450M2CH 1507.1
1.01
25x50
220
450
227LMU450M2DF 1507.1
1.02
30x40
220
500 227LMU500M2DG 1130.36
0.88
30x45
220
500
227LMU500M2EF 1130.36
0.92
35x40
330
160
337LMU160M2BC
502.4
1
22x25
330
200
337LMU200M2CC
502.4
1.1
25x25
330
250
337LMU250M2BF
502.4
1.2
22x40
330
250
337LMU250M2DC
502.4
1.2
30x25
330
250
337LMU250M2BE
502.4
1.19
22x35
330
250
337LMU250M2CD 753.575
1.2
25x30
330
350
337LMU350M2ED 753.575
1.33
35x30
Capacitance
(µF)
WVDC
IC PART NUMBER
Maximum
ESR (mΩ)
120 Hz,
+20°C
Maximum
RMS Ripple
Current (A)
120 Hz,
+105°C
Dims DxL
(mm)
330
350
337LMU350M2CH 753.575
1.23
25x50
330
350
337LMU350M2EE
1004.8
1.11
35x35
330
350
337LMU350M2FD 1004.8
1.12
40x30
330
350
337LMU350M2DF 753.575
1.34
30x40
330
400 337LMU400M2DG 753.575
1.39
30x45
330
400
337LMU400M2EF
1004.8
1.28
35x40
330
400
337LMU400M2FD 1004.8
1.21
40x30
330
400
337LMU400M2EE 753.575
1.35
35x35
330
450 337LMU450M2DH 1004.8
1.37
30x50
330
450
337LMU450M2EF
1004.8
1.35
35x40
330
450
337LMU450M2FE
1004.8
1.37
40x35
330
500
337LMU500M2EH 753.575
1.23
35x50
470
160
477LMU160M2BE 352.737
1.3
22x35
470
160
477LMU160M2CC 352.737
1.3
25x25
470
200
477LMU200M2BF 352.737
1.4
22x40
470
200
477LMU200M2CE 352.737
1.47
25x35
470
200
477LMU200M2CD 352.737
1.4
25x30
470
200
477LMU200M2DC 352.737
1.5
30x25
470
250
477LMU250M2BH 352.737
1.66
22x50
470
250
477LMU250M2CF 352.737
1.4
25x40
470
250 477LMU250M2DD 352.737
1.4
30x30
470
250
477LMU250M2DE 352.737
1.86
30x35
470
250
477LMU250M2EC 352.737
1.4
35x25
470
350
477LMU350M2FE
705.47
1.41
40x35
470
350
477LMU350M2EF 529.109
1.69
35x40
470
400
477LMU400M2EH 705.47
1.67
35x50
470
400
477LMU400M2EG 529.109
1.74
35x45
470
450
477LMU450M2EG 705.47
1.76
35x45
470
450
477LMU450M2FF
705.47
1.71
40x40
560
200
567LMU200M2CE 296.047
1.68
25x35
560
200
567LMU200M2CF 296.047
1.67
25x40
560
200
567LMU200M2BG 296.047
1.75
22x45
560
250
567LMU250M2CG 296.047
1.85
25x45
560
250
567LMU250M2EC 296.047
1.78
35x25
560
250
567LMU250M2DE 296.047
1.85
30x35
560
350
567LMU350M2EG 444.07
1.9
35x45
560
400
567LMU400M2EH 444.07
2.36
35x50
680
100
687LMU100M2CC
243.8
0.95
25x25
680
160
687LMU160M2DC
243.8
1.7
30x25
680
160
687LMU160M2CE
243.8
1.7
25x35
680
200
687LMU200M2CF
243.8
1.7
25x40
680
200
687LMU200M2DE
243.8
1.88
30x35
680
200
687LMU200M2BH
243.8
2.02
22x50
680
200 687LMU200M2DD
243.8
1.94
30x30
680
250
687LMU250M2DE
243.8
2.04
30x35
680
250
687LMU250M2CH
243.8
2.14
25x50
680
250
687LMU250M2ED
243.8
2.1
35x30
680
250
687LMU250M2DF
243.8
1.9
30x40
680
250 687LMU250M2DG
243.8
2.25
30x45
820
200
827LMU200M2DF
202.2
2.08
30x40
820
200
827LMU200M2ED
202.2
2.33
35x30
820
200
827LMU200M2DE
202.2
2.26
30x35
820
200
827LMU200M2CG
202.2
2.27
25x45
820
250 827LMU250M2DG
202.2
2.49
30x45
820
250
827LMU250M2EE
202.2
2.45
35x35
820
250
827LMU250M2EF
202.2
2.33
35x40
1000
80
108LMU080M2BD
248.7
1.26
22x30
1000
80
108LMU080M2CC
248.7
1.21
25x25


Similar Part No. - 477LMU200M2CE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
477LMU200M2CE ILLINOISCAPACITOR-477LMU200M2CE Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
More results

Similar Description - 477LMU200M2CE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
686LMH450M2BC ILLINOISCAPACITOR-686LMH450M2BC Datasheet
399Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
logo
RFE international
VEU100M1ETR050057 RFE-VEU100M1ETR050057 Datasheet
88Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS VEU Series: Surface Mount Type,105C, Long Life
logo
Vishay Siliconix
058PLL-SI VISHAY-058PLL-SI_16 Datasheet
148Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
Revision: 12-Oct-16
058059PLL-SI VISHAY-058059PLL-SI Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
058059PLL-SI VISHAY-058059PLL-SI_V01 Datasheet
146Kb / 11P
   Aluminum Electrolytic Capacitors Power Long Life Snap-In
01-Jan-2023
158PUL-SI VISHAY-158PUL-SI_16 Datasheet
123Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 13-Oct-16
090PUL-SI VISHAY-090PUL-SI_17 Datasheet
115Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 08-Sep-17
159-PUL-SI VISHAY-159-PUL-SI Datasheet
121Kb / 9P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
Revision: 31-Jan-17
090PUL-SI VISHAY-090PUL-SI_V01 Datasheet
97Kb / 7P
   Aluminum Electrolytic Capacitors Power Ultra Long Life Snap-In
01-Jan-2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com