Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

475MHBS60K4H Datasheet(PDF) 9 Page - Illinois Capacitor, Inc.

Part # 475MHBS60K4H
Description  Boxed Metallized Polypropylene Film
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

475MHBS60K4H Datasheet(HTML) 9 Page - Illinois Capacitor, Inc.

Back Button 475MHBS60K4H Datasheet HTML 3Page - Illinois Capacitor, Inc. 475MHBS60K4H Datasheet HTML 4Page - Illinois Capacitor, Inc. 475MHBS60K4H Datasheet HTML 5Page - Illinois Capacitor, Inc. 475MHBS60K4H Datasheet HTML 6Page - Illinois Capacitor, Inc. 475MHBS60K4H Datasheet HTML 7Page - Illinois Capacitor, Inc. 475MHBS60K4H Datasheet HTML 8Page - Illinois Capacitor, Inc. 475MHBS60K4H Datasheet HTML 9Page - Illinois Capacitor, Inc. 475MHBS60K4H Datasheet HTML 10Page - Illinois Capacitor, Inc. 475MHBS60K4H Datasheet HTML 11Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MHBS
2,4,6, lug lead radial box
Capacitance
(µF)
WVDC
IC PART NUMBER
dv/dt
(V/μsec)
Maximum RMS Ripple Current
(A) 100 kHz, +70°C
Typical ESR
(mΩ) 100
kHz,+25°C
Dimensions
LxHxT (mm)
S (MM)
d (MM)
P (MM)
# Leads
+5°C
+10°C
+15°C
15
900
156MHBS50K4JA
28
17
14
10.5
4.7
41.5x44x24
37.5
1.2
10.2
4
15
1000
156MHBS55K4J
31
18
14.5
11
4.4
42.5x45x30
37.5
1.2
20.3
4
15
1000
156MHBS55K2J
31
14
13.5
10
5
42.5x45x30
37.5
1.2
2
15
1000 156MHBS55KJ##
31
20
16
12
4.2
42.5x45x30
lugs
15
1275 156MHBS70KR##
28
19.5
15.5
11.5
4.6
57.5x45x30
lugs
15
1275
156MHBS70K4R
28
18
14.5
10.5
4.8
57.5x45x30
52.5
1.2
20.3
4
15
1275
156MHBS70K2R
28
14
13
10
5.4
57.5x45x30
52.5
1.2
2
20
575
206MHBS35K2JA
19
13.5
11
8
5.6
41.5x40x20
37.5
1.2
2
20
575
206MHBS35K4JA
19
15
12
8.5
5
41.5x40x20
37.5
1.2
10.2
2
20
575 206MHBS35KJA##
19
16.5
12.5
9.5
4.8
41.5x40x20
lugs
20
700
206MHBS40KJ##
21
17.5
14
10
4.1
42.5x37x28
lugs
20
700
206MHBS40K2J
21
14
11.5
8.5
4.9
42.5x37x28
37.5
1.2
2
20
700
206MHBS40K4J
21
18.5
14.5
10.5
4.1
42.5x37x28
37.5
1.2
10.2
4
20
800
206MHBS45K4JA
24
18
14.5
10.5
4.2
41.5x44x24
37.5
1.2
10.2
4
20
800
206MHBS45K2JA
24
14
13
9.5
4.8
41.5x44x24
37.5
1.2
2
20
900
206MHBS50K2J
28
14
14
10.5
4.5
42.5x45x30
37.5
1.2
2
20
900
206MHBS50KJ##
28
21
16.5
12
3.7
42.5x45x30
37.5
lugs
20
900
206MHBS50K4J
28
19
15
11
3.9
42.5x45x30
37.5
1.2
20.3
4
20
1100 206MHBS60KR##
23
21
17
12.5
4
57.5x45x30
lugs
20
1100
206MHBS60K2R
23
14
13.5
10
4.8
57.5x45x30
52.5
1.2
2
20
1100
206MHBS60K4R
23
19
15
11
4.2
57.5x45x30
52.5
1.2
20.3
4
20
1275
206MHBS70K4R
28
21.5
17.5
12
4
57.5x50x35
52.5
1.2
20.3
4
20
1275
206MHBS70K2R
28
14
14
11.5
4.6
57.5x50x35
52.5
1.2
2
20
1275 206MHBS70KR##
28
23.5
19
13.5
3.8
57.5x50x35
lugs
22
700 226MHBS40KJA##
21
19.5
15.5
11.5
3.8
41.5x44x24
lugs
22
700
226MHBS40K4JA
21
17.5
14
10.5
4
41.5x44x24
37.5
1.2
10.2
4
22
700
226MHBS40K2JA
21
14
13
9
4.6
41.5x44x24
37.5
1.2
2
22
800
226MHBS45K2J
24
14
13.5
10
4.6
42.5x45x30
37.5
1.2
2
22
800
226MHBS45K4J
24
18.5
14.5
10.5
4
42.5x45x30
37.5
1.2
20.3
4
22
800
226MHBS45KJ##
24
20.5
16
12
3.8
42.5x45x30
lugs
22
1000 226MHBS55KR##
21
20.5
16.5
12
4.3
57.5x45x30
lugs
22
1000
226MHBS55K2R
21
14
13.5
10
5.1
57.5x45x30
52.5
1.2
2
22
1000
226MHBS55K4R
21
18.5
15
11
4.5
57.5x45x30
52.5
1.2
20.3
4
22
1100
226MHBS60K4R
23
21
17
12
4
57.5x50x35
52.5
1.2
20.3
4
22
1100
226MHBS60K2R
23
14
14
11
4.6
57.5x50x35
52.5
1.2
2
22
1100 226MHBS60KR##
23
23
18.5
13
3.8
57.5x50x35
lugs
25
575
256MHBS35KJ##
19
17
13.5
10
4.2
42.5x37x28
lugs
25
575
256MHBS35K4J
19
15.5
12.5
9
4.4
42.5x37x28
37.5
1.2
10.2
4
25
575
256MHBS35K2J
19
14
11.5
8.5
5
42.5x37x28
37.5
1.2
2
25
700
256MHBS40K2JA
21
14
13.5
10
4.3
41.5x44x24
37.5
1.2
2
25
700
256MHBS40K4JA
21
19
15
11
3.7
41.5x44x24
37.5
1.2
10.2
4
25
700 256MHBS40KJA##
21
21
16.5
12
3.5
41.5x44x24
lugs
25
800
256MHBS45KJ##
24
22
17
12.5
3.5
42.5x45x30
lugs
25
800
256MHBS45K4J
24
19.5
15.5
11.5
3.7
42.5x45x30
37.5
1.2
20.3
4
25
800
256MHBS45K2J
24
14
14
10.5
4.3
42.5x45x30
37.5
1.2
2
25
900
256MHBS50K2R
18.5
14
13
10
5.3
57.5x45x30
52.5
1.2
2
25
900
256MHBS50KR##
18.5
19.5
16
11.5
4.5
57.5x45x30
lugs
25
900
256MHBS50K4R
18.5
18
15
11
4.7
57.5x45x30
52.5
1.2
20.3
4
25
1100
256MHBS70K6R
28
24
19.5
14
3.4
57.5x57.5x38
52.5
1.2
10.2
6
25
1100
256MHBS60K2R
23
14
14
12
4.4
57.5x50x35
52.5
1.2
2
25
1100 256MHBS60KR##
23
24
19.5
14
3.6
57.5x50x35
52.5
lugs
25
1100 256MHBS70KR##
28
26
21
15
3.4
0x0x0
lugs
25
1100
256MHBS60K4R
23
22
17.5
12.5
3.8
57.5x50x35
52.5
1.2
20.3
4
25
1100
256MHBS70K4R
28
23
19
13.5
3.6
57.5x57.5x38
52.5
1.2
20.3
4
30
575
306MHBS35K4J
19
16.5
13
9.5
4
42.5x37x28
37.5
1.2
10.2
4
30
575
306MHBS35K2J
19
14
12
9
4.6
42.5x37x28
37.5
1.2
2
30
575
306MHBS35KJ##
19
18.5
14.5
10.5
3.8
42.5x37x28
lugs
30
700
306MHBS40KJ##
21
22.5
17.5
13
3.2
42.5x45x30
lugs


Similar Part No. - 475MHBS60K4H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
475MHBS60K4H ILLINOISCAPACITOR-475MHBS60K4H Datasheet
724Kb / 11P
   Small size - High voltage ??High Capacitance
More results

Similar Description - 475MHBS60K4H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473THB305KE ILLINOISCAPACITOR-473THB305KE Datasheet
231Kb / 3P
   Boxed Metallized Polypropylene film capacitors
logo
List of Unclassifed Man...
KNB2520 ETC2-KNB2520 Datasheet
123Kb / 2P
   Polypropylene film, metallized
logo
Surge Components
C31(P) SURGE-C31(P) Datasheet
195Kb / 3P
   Metallized polypropylene film
logo
Illinois Capacitor, Inc...
104FPL102KK2 ILLINOISCAPACITOR-104FPL102KK2 Datasheet
418Kb / 7P
   Boxed Impregnated Polypropylene Film with Aluminum Foil Electrodes
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com