Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

475MHBS55K4H Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 475MHBS55K4H
Description  Boxed Metallized Polypropylene Film
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

475MHBS55K4H Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  475MHBS55K4H Datasheet HTML 1Page - Illinois Capacitor, Inc. 475MHBS55K4H Datasheet HTML 2Page - Illinois Capacitor, Inc. 475MHBS55K4H Datasheet HTML 3Page - Illinois Capacitor, Inc. 475MHBS55K4H Datasheet HTML 4Page - Illinois Capacitor, Inc. 475MHBS55K4H Datasheet HTML 5Page - Illinois Capacitor, Inc. 475MHBS55K4H Datasheet HTML 6Page - Illinois Capacitor, Inc. 475MHBS55K4H Datasheet HTML 7Page - Illinois Capacitor, Inc. 475MHBS55K4H Datasheet HTML 8Page - Illinois Capacitor, Inc. 475MHBS55K4H Datasheet HTML 9Page - Illinois Capacitor, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
FEATURES
High capacitance small size Low ESR
APPLICATIONS
UPS DC link AC/DC motor controls Solar heaters - Power
inverters
Operating Temperature Range
-40°C to +100°C
Above +85°C applied voltage must be de-rated by 1.5%/°C
Capacitance Tolerance
+10% at 1 kHz, 25°C
+5% optional
85°C
575
700
800
900
1000
1100
1275
VDC
70°C
630
770
880
1000
1100
1200
1400
85°C
660
805
920
1035
1150
1265
1465
Repetitive
SVDC
70°C
720
885
1010
1150
1265
1380
1610
85°C
750
910
1040
1170
1300
1430
1655
Surge
Voltage
Non-
repetitive
SVDC
70°C
815
1000
1140
1300
1430
1560
1820
Repetitive SVDC: Maximum repetitive voltage for 1 hour Max/Day
VDC
575
700
800
900
1000
1100
1275
85°C
240
285
315
350
400
420
440
AC voltage
VAC
70°C
250
300
330
370
420
440
460
C< 4uF
4uF<C<12uF
12uF<C<20uF
20uF<C<40uF
40uF<C<75uF
C>75uF
Dissipation Factor (MAX)
Tan
δ
at 1 kHz and 25°C
.06
.08
.11
.14
.17
.2
Lead spacing
Frequency range
27.5
10kHz - 60kHz
37.5
10kHz – 45 kHz
ESR
52.5
10kHz – 30 kHz
RMS current
No RMS current is to be applied at temperatures > +95°C
Ripple current
See standard part listing, No ripple current is to be applied when the ambient temperature
is>+95°C
Insulation Resistance
3000 MΩxuF (10000 MΩxuF typical)
“Not to exceed 3G
Ω”
After 1 minute of 100VDC applied between the terminals at 25°C
Self Inductance
<1 nano-Henry per mm of lead spacing and lead length
Long term stability
Capacitance variation <1% MAX after 2 years
Terminal to Terminal
Terminal to case
Dielectric Strength
150% of VDC or 150% of VAC applied
for 10 Seconds and 25°C
3KVAC at 50/60 Hz applied between the terminals
and case for 60 Seconds and 25°C


Similar Part No. - 475MHBS55K4H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
475MHBS55K4H ILLINOISCAPACITOR-475MHBS55K4H Datasheet
724Kb / 11P
   Small size - High voltage ??High Capacitance
More results

Similar Description - 475MHBS55K4H

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473THB305KE ILLINOISCAPACITOR-473THB305KE Datasheet
231Kb / 3P
   Boxed Metallized Polypropylene film capacitors
logo
List of Unclassifed Man...
KNB2520 ETC2-KNB2520 Datasheet
123Kb / 2P
   Polypropylene film, metallized
logo
Surge Components
C31(P) SURGE-C31(P) Datasheet
195Kb / 3P
   Metallized polypropylene film
logo
Illinois Capacitor, Inc...
104FPL102KK2 ILLINOISCAPACITOR-104FPL102KK2 Datasheet
418Kb / 7P
   Boxed Impregnated Polypropylene Film with Aluminum Foil Electrodes
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
   METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
   Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
   Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com