Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS2112PWRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS2112PWRG4
Description  AUTOSWITCHING POWER MUX
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS2112PWRG4 Datasheet(HTML) 4 Page - Texas Instruments

  TPS2112PWRG4 Datasheet HTML 1Page - Texas Instruments TPS2112PWRG4 Datasheet HTML 2Page - Texas Instruments TPS2112PWRG4 Datasheet HTML 3Page - Texas Instruments TPS2112PWRG4 Datasheet HTML 4Page - Texas Instruments TPS2112PWRG4 Datasheet HTML 5Page - Texas Instruments TPS2112PWRG4 Datasheet HTML 6Page - Texas Instruments TPS2112PWRG4 Datasheet HTML 7Page - Texas Instruments TPS2112PWRG4 Datasheet HTML 8Page - Texas Instruments TPS2112PWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TPS2112
TPS2113
SLVS446 – DECEMBER 2002
www.ti.com
4
ELECTRICAL CHARACTERISTICS (Continued)
over recommended operating junction temperature range, VI(IN1) = VI(IN2) = 5.5 V, RILIM = 400 Ω (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT LIMIT CIRCUIT
TPS2112
RILIM = 400 Ω
0.51
0.63
0.80
Current limit accuracy
TPS2112
RILIM = 700 Ω
0.30
0.36
0.50
A
Current limit accuracy
TPS2113
RILIM = 400 Ω
0.95
1.25
1.56
A
TPS2113
RILIM = 700 Ω
0.47
0.71
0.99
td
Current limit settling time(1)
Time for short–circuit output current to
settle within 10% of its steady state value.
1
ms
Input current at ILIM
VI(ILIM) = 0 V, IO(OUT) = 0 A
–15
0
µA
(1) Not tested in production.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSNS COMPARATOR
VSNS threshold voltage
VI(VSNS) ↑
0.78
0.8
0.82
V
VSNS threshold voltage
VI(VSNS) ↓
0.735
0.755
0.775
V
VSNS comparator hysteresis(1)
30
60
mV
Deglitch of VSNS comparator (both
↑↓)(1)
90
150
220
µs
Input current
0 V
≤ VI(VSNS) ≤ 5.5 V
–1
1
µA
UVLO
IN1 and IN2 UVLO
Falling edge
1.15
1.25
V
IN1 and IN2 UVLO
Rising edge
1.30
1.35
V
IN1 and IN2 UVLO hysteresis(1)
30
57
65
mV
Internal V
UVLO (the higher of IN1 and IN2)
Falling edge
2.4
2.53
V
Internal VDD UVLO (the higher of IN1 and IN2)
Rising edge
2.58
2.8
V
Internal VDD UVLO hysteresis(1)
30
50
75
mV
UVLO deglitch for IN1, IN2(1)
Falling edge
110
µs
(1) Not tested in production.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REVERSE CONDUCTION BLOCKING
∆VO(I_block)
Minimumoutput-to-inputvoltage
difference to block switching
EN = high, VI(IN1) = 3.3 V and VI(IN2) = VI(VSNS) =
0 V. Connect OUT to a 5 V supply through a series
1-k
Ω resistor. Let EN = low. Slowly decrease the
supply voltage until OUT connects to IN1.
80
100
120
mV
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THERMAL SHUTDOWN
Thermal shutdown threshold(1)
TPS211x is in current limit.
135
Recovery from thermal shutdown(1)
TPS211x is in current limit.
125
°C
Hysteresis(1)
10
C
IN2–IN1 COMPARATORS
Hysteresis of IN2–IN1 comparator
0.1
0.2
V
Deglitch of IN2–IN1 comparator, (both
↑↓)(1)
90
150
220
µs
(1) Not tested in production.


Similar Part No. - TPS2112PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2112PW TI-TPS2112PW Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
More results

Similar Description - TPS2112PWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2114A TI-TPS2114A Datasheet
211Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI-TPS2110 Datasheet
179Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110 TI1-TPS2110_15 Datasheet
1Mb / 24P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A Datasheet
206Kb / 20P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2112A TI-TPS2112A_06 Datasheet
263Kb / 21P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2110A TI1-TPS2110A_15 Datasheet
1Mb / 26P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRBR TI1-TPS2115ADRBR Datasheet
878Kb / 27P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2113 TI-TPS2113 Datasheet
162Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MUX
TPS2115ADRB TI1-TPS2115ADRB Datasheet
817Kb / 22P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
TPS2115 TI-TPS2115 Datasheet
310Kb / 18P
[Old version datasheet]   AUTOSWITCHING POWER MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com