Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS5130PTG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TPS5130PTG4
Description  TRIPLE SYNCHRONOUS BUCK CONTROLLER
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS5130PTG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS5130PTG4 Datasheet HTML 6Page - Texas Instruments TPS5130PTG4 Datasheet HTML 7Page - Texas Instruments TPS5130PTG4 Datasheet HTML 8Page - Texas Instruments TPS5130PTG4 Datasheet HTML 9Page - Texas Instruments TPS5130PTG4 Datasheet HTML 10Page - Texas Instruments TPS5130PTG4 Datasheet HTML 11Page - Texas Instruments TPS5130PTG4 Datasheet HTML 12Page - Texas Instruments TPS5130PTG4 Datasheet HTML 13Page - Texas Instruments TPS5130PTG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
TPS5130
SLVS426 − MAY 2002
www.ti.com
10
DEAD-TIME
The internally defined dead-time prevents shoot-through-current flowing through the main power MOSFETs during
switching transitions. Typical value of the dead-time is 100 ns.
STANDBY
The SBRC controller, the LDO controller, and the internal regulators can be switched into standby mode separately as
shown in Table 1. The standby mode current, when both controllers and regulators are off, can be as low as 1 nA.
Table 1. Standby Logic
INPUT
FUNCTION
STBY_VREF5
SS_STBYx
STBY_VREF3.3
STBY_LDO
V(REG5V_IN) > 4.5V
VREF5
VREF3.3
SBRCx
LDO
L
L
L
L
False
OFF
OFF
OFF
OFF
L(1)
L(1)
L(1)
L(1)
True(1)
ON(1)
OFF(1)
OFF(1)
OFF(1)
H
L
L
L
x
ON
OFF
OFF
OFF
L
H
L
L
x
OFF
OFF
OFF
OFF
H
H
L
L
x
ON
OFF
ON
OFF
L
L
H
L
x
ON
ON
OFF
OFF
H
L
H
L
x
ON
ON
OFF
OFF
L
H
H
L
x
ON
ON
OFF
OFF
H
H
H
L
x
ON
ON
ON
OFF
L
L
L
H
x
ON
OFF
OFF
ON
H
L
L
H
x
ON
OFF
OFF
ON
L
H
L
H
x
ON
OFF
OFF
ON
H
H
L
H
x
ON
OFF
ON
ON
L
L
H
H
x
ON
ON
OFF
ON
H
L
H
H
x
ON
ON
OFF
ON
L
H
H
H
x
ON
ON
OFF
ON
H
H
H
H
x
ON
ON
ON
ON
(1) This functional mode is not recommended.
x = true or false
SOFT START
Soft start ramp up of the SBRC is controlled by the SS_STBYx pin voltage, which is controlled by an internal current source
and an external capacitor connected between the SS_STBYx and GND pins. When the STBY_VREF5 and/or SS_STBYx
pin voltages are forced to LOW, the SBRCx is disabled. When the STBY_VREF5 pin voltage is set to HIGH and the
SS_STBYx pin floats, the internal current source starts to charge the external capacitor. The output voltage ramps up as
the SS_STBYx pin voltage increases from 0 V to 0.85 V. The soft start time is easily calculated from the supply current and
the capacitance value (see application information). The soft start timing circuit for the LDO is integrated into the device.
The soft start time is fixed and can be as short as 600
µs. This is observed when the LDO is turned on separately from the
SBRC. Simultaneous start-up of one of the SBRC and the LDO, is also possible. Tie the LDO input to the SBRCx’s output,
let both the STBY_VREF5 and STBY_LDO voltages rise to the HIGH level, and invoke Soft start on the SS_STBYx pin;
then the LDO’s output follows the ramp of the SBRCx’s output.


Similar Part No. - TPS5130PTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5130PT TI-TPS5130PT Datasheet
314Kb / 28P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
More results

Similar Description - TPS5130PTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS5130-Q1 TI-TPS5130-Q1_15 Datasheet
1,011Kb / 34P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130 TI-TPS5130 Datasheet
314Kb / 28P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
TPS5130-Q1 TI1-TPS5130-Q1 Datasheet
564Kb / 31P
[Old version datasheet]   TRIPLE SYNCHRONOUS BUCK CONTROLLER WITH NMOS LDO CONTROLLER
logo
Linear Technology
LTC3859 LINER-LTC3859 Datasheet
598Kb / 40P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3859 LINER-LTC3859_15 Datasheet
634Kb / 42P
   Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3899 LINER-LTC3899_15 Datasheet
727Kb / 38P
   60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
LTC3899 LINER-LTC3899 Datasheet
920Kb / 38P
   60V Low IQ, Triple Output, Buck/Buck/Boost Synchronous Controller
logo
Micrel Semiconductor
MIC2174 MICREL-MIC2174 Datasheet
544Kb / 24P
   300kHz, Synchronous Buck Controller 300kHz, Synchronous Buck Controller
logo
Analog Devices
LTC7817 AD-LTC7817 Datasheet
2Mb / 44P
   40V, Low IQ, 3MHz, Triple Output Buck/Buck/Boost Synchronous Controller
ADP1878 AD-ADP1878 Datasheet
2Mb / 40P
   Synchronous Buck Controller
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com