Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS197J Datasheet(PDF) 10 Page - Texas Instruments

Part # SN75ALS197J
Description  QUADRUPLE DIFFERENTIAL LINE RECEIVER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN75ALS197J Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN75ALS197J Datasheet HTML 6Page - Texas Instruments SN75ALS197J Datasheet HTML 7Page - Texas Instruments SN75ALS197J Datasheet HTML 8Page - Texas Instruments SN75ALS197J Datasheet HTML 9Page - Texas Instruments SN75ALS197J Datasheet HTML 10Page - Texas Instruments SN75ALS197J Datasheet HTML 11Page - Texas Instruments SN75ALS197J Datasheet HTML 12Page - Texas Instruments SN75ALS197J Datasheet HTML 13Page - Texas Instruments SN75ALS197J Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
SN75ALS197
QUADRUPLE DIFFERENTIAL LINE RECEIVER
SLLS045B – JANUARY 1989 – REVISED MAY 1995
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 15
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
VCC – Supply Voltage – V
0
02
4
30
40
50
68
10
20
Enabled
VID = – 300 mV
VIC = 0
IO= 0
TA = 25°C
Disabled
5
15
25
35
45
1
357
Figure 16
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
TA – Free-Air Temperature – °C
15
10
5
0
010
20
30
40
50
20
25
30
60
70
80
VID = – 300 mV
Outputs Enabled
IO = 0
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
Figure 17
SUPPLY CURRENT
vs
DIFFERENTIAL INPUT VOLTAGE
VID – Differential Input Voltage – mV
15
10
5
0
– 200
– 100
0
20
25
30
100
200
VCC = 5.5 V
VCC = 5 V
VCC = 4.5 V
IO = 0
Outputs Enabled
VIC = 0
TA = 25°C
30
5
20
0
40
25
10 k
100 k
1 M
10 M
100 M
35
10
15
VCC = 5 V
VI = ± 1.5-V Square Wave
CL = 15 pF
Four Channels Driven
TA = 25°C
SUPPLY CURRENT
vs
FREQUENCY
f – Frequency – Hz
Figure 18


Similar Part No. - SN75ALS197J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS197 TI-SN75ALS197 Datasheet
161Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197D TI-SN75ALS197D Datasheet
161Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197N TI-SN75ALS197N Datasheet
161Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results

Similar Description - SN75ALS197J

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM26C32-EP TI1-AM26C32-EP_16 Datasheet
170Kb / 10P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32 Datasheet
541Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS193 TI-SN75ALS193 Datasheet
162Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI-AM26C32_07 Datasheet
691Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32 TI1-AM26C32_18 Datasheet
1Mb / 31P
[Old version datasheet]   Quadruple Differential Line Receiver
SN75ALS199 TI1-SN75ALS199_14 Datasheet
526Kb / 19P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32-EP TI1-AM26C32-EP Datasheet
164Kb / 9P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26C32QDR TI1-AM26C32QDR Datasheet
1Mb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LS32AM-EP TI1-AM26LS32AM-EP Datasheet
157Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
SN75ALS197 TI-SN75ALS197 Datasheet
161Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com