Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

227LBA400M2CF Datasheet(PDF) 1 Page - Illinois Capacitor, Inc.

Part # 227LBA400M2CF
Description  85C Snap-Mount Aluminum Electrolytic Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLINOISCAPACITOR [Illinois Capacitor, Inc.]
Direct Link  http://www.illinoiscapacitor.com
Logo ILLINOISCAPACITOR - Illinois Capacitor, Inc.

227LBA400M2CF Datasheet(HTML) 1 Page - Illinois Capacitor, Inc.

  227LBA400M2CF Datasheet HTML 1Page - Illinois Capacitor, Inc. 227LBA400M2CF Datasheet HTML 2Page - Illinois Capacitor, Inc. 227LBA400M2CF Datasheet HTML 3Page - Illinois Capacitor, Inc. 227LBA400M2CF Datasheet HTML 4Page - Illinois Capacitor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FEATURES
Multiple case sizes - High voltage High Current
APPLICATIONS
Filtering Switching Power Supplies
Operating Temperature
Range
-40°C to +85°C
Capacitance Tolerance
+20% at 120 Hz, 20°C
WVDC
16
25
35
50
63
80
100
160
200
250
350
400
450
500
Surge
voltage
SVDC
20
32
44
63
79
100
120
200
250
300
400
450
500
550
WVDC
16
25
35
50
63
80
100
160
200
250
350
400
450
500
tan
δ
.5
.4
.25
.2
.15
.15
.15
.1*
.1*
.1*
.15
.15
.15
.15
Dissipation
Factor
(120 Hz)
*Note: .15 for 35 mm Diameter
Time
5 Minutes
Leakage current
@20°C, Rated WVDC
applied
.02CV or 2000uA, whichever is less
WVDC
16
25
35
50
63
80
100
160
200
250
350
400
450
500
-25°C/+20°C
4
3
3
2
2
2
2
6
6
6
8
8
8
8
Impedance
ratio
(120 Hz
)
-40°C/+20°C
15
10
8
6
6
5
5
9
9
9
12
12
12
12
2000 hours with rated voltage applied at 85°C with full rated ripple current
applied
Capacitance change
<20% of initial measured value
Dissipation factor
<175% of maximum specified value
Load Life
Leakage current
<100% of maximum specified value
1000 hours at 85°C with no voltage applied
Capacitance change
<20% of initial measured value
Dissipation factor
<175% of maximum specified value
Shelf Life
Leakage current
<100% of maximum specified value
Frequency (Hz)
Temperature (°C)
WVDC
60
120
400
1k
10k
40
60
70
85
<100
0.8
1.0
1.1
1.2
1.2
1.8
1.4
1.2
1.0
Ripple
Current
Multipliers
>160
0.8
1.0
1.1
1.3
1.4
1.8
1.4
1.2
1.0
.


Similar Part No. - 227LBA400M2CF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
227LBA400M2CF ILLINOISCAPACITOR-227LBA400M2CF Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
More results

Similar Description - 227LBA400M2CF

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC_13 Datasheet
704Kb / 5P
   85C snap-Mount Aluminum Electrolytic Capacitors
826LBB400M2BC ILLINOISCAPACITOR-826LBB400M2BC Datasheet
250Kb / 6P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
476LBA450M2BC ILLINOISCAPACITOR-476LBA450M2BC Datasheet
198Kb / 5P
   85째C Snap-Mount Aluminum Electrolytic Capacitors
logo
RFE international
LS2101M2G220300 RFE-LS2101M2G220300 Datasheet
190Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS LS2 Series: Snap-In, Fail Safe, 85C
logo
Illinois Capacitor, Inc...
686LMH450M2BC ILLINOISCAPACITOR-686LMH450M2BC Datasheet
399Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC Datasheet
553Kb / 5P
   105째C Long Life Snap-Mount Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC_13 Datasheet
507Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
logo
TDK Electronics
B43509 TDK-B43509 Datasheet
621Kb / 20P
   Aluminum electrolytic capacitors Snap-in capacitors
logo
EPCOS
B43508 EPCOS-B43508 Datasheet
1,022Kb / 17P
   Aluminum electrolytic capacitors Snap-in capacitors
logo
TDK Electronics
B41252 TDK-B41252 Datasheet
377Kb / 24P
   Aluminum electrolytic capacitors Snap-in capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com