Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2743EA/250 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2743EA/250
Description  12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2743EA/250 Datasheet(HTML) 1 Page - Texas Instruments

  OPA2743EA/250 Datasheet HTML 1Page - Texas Instruments OPA2743EA/250 Datasheet HTML 2Page - Texas Instruments OPA2743EA/250 Datasheet HTML 3Page - Texas Instruments OPA2743EA/250 Datasheet HTML 4Page - Texas Instruments OPA2743EA/250 Datasheet HTML 5Page - Texas Instruments OPA2743EA/250 Datasheet HTML 6Page - Texas Instruments OPA2743EA/250 Datasheet HTML 7Page - Texas Instruments OPA2743EA/250 Datasheet HTML 8Page - Texas Instruments OPA2743EA/250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
OPA743
OPA2743
OPA4743
12V, 7MHz, CMOS, Rail-to-Rail I/O
OPERATIONAL AMPLIFIERS
FEATURES
q HIGH SPEED: 7MHz, 10V/
µs
q RAIL-TO-RAIL INPUT AND OUTPUT
q WIDE SUPPLY RANGE:
Single Supply: 3.5V to 12V
Dual Supplies:
±1.75V to ±6V
q LOW QUIESCENT CURRENT: 1.1mA
q FULL-SCALE CMRR: 84dB
q MicroSIZE PACKAGES:
SOT23-5, MSOP-8, TSSOP-14
q LOW INPUT BIAS CURRENT: 1pA
APPLICATIONS
q LCD GAMMA CORRECTION
q AUTOMOTIVE APPLICATIONS:
Audio, Sensor Applications, Security Systems
q PORTABLE EQUIPMENT
q ACTIVE FILTERS
q TRANSDUCER AMPLIFIER
q TEST EQUIPMENT
q DATA ACQUISITION
DESCRIPTION
The OPA743 series utilizes a state-of-the-art 12V analog
CMOS process and offers outstanding AC performance,
such as 7MHz GBW, 10V/
µs slew rate and 0.0008% THD+N.
Optimized for single supply operation up to 12V, the input
common-mode range extends beyond the power supply rails
and the output swings to within 100mV of the rails. The low
quiescent current of 1.1mA makes it well suited for use in
battery operated equipment.
The OPA743 series’ ability to drive high output currents
together with 12V operation makes it particularly useful for
use as gamma correction reference buffer in LCD panels.
For ease of use the OPA743 op-amp family is fully specified
and tested over the supply range of
±1.75V to ±6V. Single,
dual and quad versions are available.
The single versions (OPA743) are available in the MicroSIZE
SOT23-5 and in the standard SO-8 surface-mount, as well as
DIP-8 packages. Dual versions (OPA2743) are available ver-
sions in the MSOP-8, SO-8, and DIP-8 packages. The quad
versions (OPA4743) are available in the TSSOP-14 and SO-14
packages. All are specified for operation from –40
°C to +85°C.
1
2
3
5
4
V+
–In
Out
V–
+In
OPA743
SOT23-5
1
2
3
4
8
7
6
5
NC
V+
Out
NC
NC
–In
+In
V–
OPA743
SO-8, DIP-8
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2743
MSOP-8, SO-8, DIP-8
A
B
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Out D
–In D
+In D
V–
+In C
–In C
Out C
Out A
–In A
+In A
V+
+In B
–In B
Out B
OPA4743
TSSOP-14, SO-14
AD
BC
SBOS201 – MAY 2001
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
®
OPA743
OPA743
OPA743
OPA743


Similar Part No. - OPA2743EA/250

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2743EA/250 BURR-BROWN-OPA2743EA/250 Datasheet
287Kb / 11P
   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2743EA/250 TI1-OPA2743EA/250 Datasheet
842Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA2743EA/250G4 TI1-OPA2743EA/250G4 Datasheet
842Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
More results

Similar Description - OPA2743EA/250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA743 TI1-OPA743 Datasheet
842Kb / 17P
[Old version datasheet]   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
Burr-Brown (TI)
OPA743 BURR-BROWN-OPA743 Datasheet
287Kb / 11P
   12V, 7MHz, CMOS, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
OPA703 BURR-BROWN-OPA703_08 Datasheet
509Kb / 18P
   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2703EA-2K5G4 TI-OPA2703EA-2K5G4 Datasheet
894Kb / 19P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8634 SGMICRO-SGM8634_15 Datasheet
537Kb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
SGM8621 SGMICRO-SGM8621_16 Datasheet
1Mb / 20P
   Rail-to-Rail I/O CMOS Operational Amplifiers
logo
Texas Instruments
OPA703 TI-OPA703 Datasheet
322Kb / 12P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
OPA349 TI1-OPA349_17 Datasheet
1Mb / 24P
[Old version datasheet]   Rail-to-Rail I/O CMOS OPERATIONAL AMPLIFIERS
OPA703 TI1-OPA703_16 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS, Rail-to-Rail, I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8624 SGMICRO-SGM8624_15 Datasheet
525Kb / 19P
   Rail-to-Rail I/O CMOS Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com