Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM21215MHX/NOPB Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM21215MHX/NOPB
Description  15A High Efficiency Point of Load Synchronous Buck Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM21215MHX/NOPB Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM21215MHX/NOPB Datasheet HTML 6Page - Texas Instruments LM21215MHX/NOPB Datasheet HTML 7Page - Texas Instruments LM21215MHX/NOPB Datasheet HTML 8Page - Texas Instruments LM21215MHX/NOPB Datasheet HTML 9Page - Texas Instruments LM21215MHX/NOPB Datasheet HTML 10Page - Texas Instruments LM21215MHX/NOPB Datasheet HTML 11Page - Texas Instruments LM21215MHX/NOPB Datasheet HTML 12Page - Texas Instruments LM21215MHX/NOPB Datasheet HTML 13Page - Texas Instruments LM21215MHX/NOPB Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Control
Logic
Over
temp
OSC
RAMP
INT
SS
VREF
+
-
AVIN
EN
ILIM
SS/TRK
FB
COMP
AGND
PGND
PGOOD
SW
PVIN
PWM
comparator
UVLO
Precision
enable
UVP
SD
Ilimit low
Ilimit high
Zero-cross
Driver
OVP
Powerbad
PWM
0.68V
0.54V
CURRENT
LIMIT
AVIN
AVIN
PVIN
PVIN
OR
OR
OR
+
-
+
-
+
-
+
-
+
-
EA
+
-
+
-
Driver
2.7V
1.35V
0.6V
LM21215
SNVS625E – FEBRUARY 2011 – REVISED MARCH 2013
www.ti.com
Block Diagram
Operation Description
GENERAL
The LM21215 switching regulator features all of the functions necessary to implement an efficient low voltage
buck regulator using a minimum number of external components. This easy to use regulator features two
integrated switches and is capable of supplying up to 15A of continuous output current. The regulator utilizes
voltage mode control with trailing edge modulation to optimize stability and transient response over the entire
output voltage range. The device can operate at high switching frequency allowing use of a small inductor while
still achieving high efficiency. The precision internal voltage reference allows the output to be set as low as 0.6V.
Fault protection features include: current limiting, thermal shutdown, over voltage protection, and shutdown
capability. The device is available in the HTSSOP-20 package featuring an exposed pad to aid thermal
dissipation. The LM21215 can be used in numerous applications to efficiently step-down from a 5V or 3.3V bus.
PRECISION ENABLE
The enable (EN) pin allows the output of the device to be enabled or disabled with an external control signal.
This pin is a precision analog input that enables the device when the voltage exceeds 1.35V (typical). The EN pin
has 110 mV of hysteresis and will disable the output when the enable voltage falls below 1.24V (typical). If the
EN pin is not used, it can be left open, and will be pulled high by an internal 2 µA current source. Since the
enable pin has a precise turn-on threshold it can be used along with an external resistor divider network from VIN
to configure the device to turn-on at a precise input voltage.
10
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM21215


Similar Part No. - LM21215MHX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM21215 NSC-LM21215 Datasheet
1Mb / 10P
   Evaluation Board provides a solution to examine the high efficiency
logo
Texas Instruments
LM21215A TI1-LM21215A Datasheet
493Kb / 26P
[Old version datasheet]   LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
LM21215AMH-1 TI1-LM21215AMH-1 Datasheet
493Kb / 26P
[Old version datasheet]   LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
LM21215AMH-1 TI1-LM21215AMH-1 Datasheet
1Mb / 38P
[Old version datasheet]   15-A Ultra High-Efficiency Synchronous Buck Converter
LM21215AMH-1/NOPB TI1-LM21215AMH-1/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   15-A Ultra High-Efficiency Synchronous Buck Converter
More results

Similar Description - LM21215MHX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM21212MHX-1 TI1-LM21212MHX-1 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator
LM21212-1 TI-LM21212-1_15 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator with Frequency Synchronization
logo
Shenzhen Guan Hua Wei Y...
WSG02P06 WIINSOK-WSG02P06 Datasheet
2Mb / 5P
   High Frequency Point-of-Load Synchronous Buck Converter.
WSF30100D WIINSOK-WSF30100D Datasheet
1Mb / 5P
   High Frequency Point-of-Load Synchronous Buck Converter
logo
International Rectifier
IRF7805ZTRPBF IRF-IRF7805ZTRPBF Datasheet
275Kb / 10P
   High Frequency Point-of-Load Synchronous Buck Converter
IRF7831TRPBF IRF-IRF7831TRPBF Datasheet
275Kb / 10P
   High Frequency Point-of-Load Synchronous Buck Converter
logo
Sanken electric
NR263S SANKEN-NR263S Datasheet
1Mb / 29P
   Light Load High Efficiency Synchronous Buck Regulator IC
logo
Shenzhen Guan Hua Wei Y...
WSF55P06 WIINSOK-WSF55P06 Datasheet
1Mb / 5P
   High Frequency Point-of-Load Synchronous
logo
ON Semiconductor
FAN23SV65AMPX ONSEMI-FAN23SV65AMPX Datasheet
1Mb / 22P
   15A Synchronous Buck Regulator
September 2015 Rev. 1.0
FAN23SV15MAMPX ONSEMI-FAN23SV15MAMPX Datasheet
1Mb / 21P
   15A Synchronous Buck Regulator
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com