Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM21215MHX Datasheet(PDF) 25 Page - Texas Instruments

Part # LM21215MHX
Description  15A High Efficiency Point of Load Synchronous Buck Regulator
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM21215MHX Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM21215MHX Datasheet HTML 21Page - Texas Instruments LM21215MHX Datasheet HTML 22Page - Texas Instruments LM21215MHX Datasheet HTML 23Page - Texas Instruments LM21215MHX Datasheet HTML 24Page - Texas Instruments LM21215MHX Datasheet HTML 25Page - Texas Instruments LM21215MHX Datasheet HTML 26Page - Texas Instruments LM21215MHX Datasheet HTML 27Page - Texas Instruments LM21215MHX Datasheet HTML 28Page - Texas Instruments LM21215MHX Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
PVIN
SW
PGND
L
VOUT
LM21215
CIN
COUT
LOOP1
LOOP2
VIN
LM21215
www.ti.com
SNVS625E – FEBRUARY 2011 – REVISED MARCH 2013
6. Provide adequate device heatsinking. For most 15A designs a four layer board is recommended. Use as many
vias as is possible to connect the EP to the power plane heatsink. The vias located undernieth the EP will wick
solder into them if they are not filled. Complete solder coverage of the EP to the board is required to achieve the
θJA values described in the previous section. Either an adequate amount of solder must be applied to the EP pad
to fill the vias, or the vias must be filled during manufacturing. See the THERMAL CONSIDERATIONS section to
ensure enough copper heatsinking area is used to keep the junction temperature below 125°C.
Figure 38. Schematic of LM21215 Highlighting Layout Sensitive Nodes
Copyright © 2011–2013, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Links: LM21215


Similar Part No. - LM21215MHX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM21215 NSC-LM21215 Datasheet
1Mb / 10P
   Evaluation Board provides a solution to examine the high efficiency
logo
Texas Instruments
LM21215A TI1-LM21215A Datasheet
493Kb / 26P
[Old version datasheet]   LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
LM21215AMH-1 TI1-LM21215AMH-1 Datasheet
493Kb / 26P
[Old version datasheet]   LM21215A-1 15A High Efficiency Synchronous Buck Regulator with Frequency Synchronization
LM21215AMH-1 TI1-LM21215AMH-1 Datasheet
1Mb / 38P
[Old version datasheet]   15-A Ultra High-Efficiency Synchronous Buck Converter
LM21215AMH-1/NOPB TI1-LM21215AMH-1/NOPB Datasheet
1Mb / 38P
[Old version datasheet]   15-A Ultra High-Efficiency Synchronous Buck Converter
More results

Similar Description - LM21215MHX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM21212MHX-1 TI1-LM21212MHX-1 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator
LM21212-1 TI-LM21212-1_15 Datasheet
1Mb / 33P
[Old version datasheet]   12A High Efficiency Synchronous Point of Load Buck Regulator with Frequency Synchronization
logo
Shenzhen Guan Hua Wei Y...
WSG02P06 WIINSOK-WSG02P06 Datasheet
2Mb / 5P
   High Frequency Point-of-Load Synchronous Buck Converter.
WSF30100D WIINSOK-WSF30100D Datasheet
1Mb / 5P
   High Frequency Point-of-Load Synchronous Buck Converter
logo
International Rectifier
IRF7805ZTRPBF IRF-IRF7805ZTRPBF Datasheet
275Kb / 10P
   High Frequency Point-of-Load Synchronous Buck Converter
IRF7831TRPBF IRF-IRF7831TRPBF Datasheet
275Kb / 10P
   High Frequency Point-of-Load Synchronous Buck Converter
logo
Sanken electric
NR263S SANKEN-NR263S Datasheet
1Mb / 29P
   Light Load High Efficiency Synchronous Buck Regulator IC
logo
Shenzhen Guan Hua Wei Y...
WSF55P06 WIINSOK-WSF55P06 Datasheet
1Mb / 5P
   High Frequency Point-of-Load Synchronous
logo
ON Semiconductor
FAN23SV65AMPX ONSEMI-FAN23SV65AMPX Datasheet
1Mb / 22P
   15A Synchronous Buck Regulator
September 2015 Rev. 1.0
FAN23SV15MAMPX ONSEMI-FAN23SV15MAMPX Datasheet
1Mb / 21P
   15A Synchronous Buck Regulator
Rev. 1.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com