Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO7421ED Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7421ED
Description  Low-Power Dual Channel Digital Isolators
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7421ED Datasheet(HTML) 4 Page - Texas Instruments

  ISO7421ED Datasheet HTML 1Page - Texas Instruments ISO7421ED Datasheet HTML 2Page - Texas Instruments ISO7421ED Datasheet HTML 3Page - Texas Instruments ISO7421ED Datasheet HTML 4Page - Texas Instruments ISO7421ED Datasheet HTML 5Page - Texas Instruments ISO7421ED Datasheet HTML 6Page - Texas Instruments ISO7421ED Datasheet HTML 7Page - Texas Instruments ISO7421ED Datasheet HTML 8Page - Texas Instruments ISO7421ED Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ISO7420E, ISO7420FE
ISO7421E, ISO7421FE
SLLSE45E – DECEMBER 2010 – REVISED JANUARY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS
VCC1 and VCC2 = 5V ± 10%, TA = -40°C to 125°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –4 mA; see Figure 1.
VCCx
(1)– 0.8
4.6
VOH
High-level output voltage
V
IOH = –20 μA; see Figure 1.
VCCx
(1)– 0.1
5
IOL = 4 mA; see Figure 1.
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 μA; see Figure 1.
0
0.1
VI(HYS)
Input threshold voltage hysteresis
400
mV
IIH
High-level input current
10
μA
INx at 0 V or VCC
IIL
Low-level input current
–10
μA
CMTI
Common-mode transient immunity
VI = VCC or 0 V; see Figure 3.
25
50
kV/
μs
SUPPLY CURRENT (All inputs switching with square wave clock signal for dynamic ICC measurement)
ISO7420x
ICC1
0.4
0.8
DC Input: VI = VCC or 0 V,
DC to 1 Mbps
AC Input: CL = 15pF
ICC2
3.4
5
ICC1
0.6
1
10 Mbps
ICC2
4.5
6
Supply current for VCC1 and VCC2
mA
ICC1
1
1.5
25 Mbps
CL = 15pF
ICC2
6.2
8
ICC1
1.7
2.5
50 Mbps
ICC2
9
12
ISO7421x
ICC1
2.3
3.6
DC Input: VI = VCC or 0 V,
DC to 1 Mbps
AC Input: CL = 15pF
ICC2
2.3
3.6
ICC1
2.9
4.5
10 Mbps
ICC2
2.9
4.5
Supply current for VCC1 and VCC2
mA
ICC1
4.3
6
25 Mbps
CL = 15pF
ICC2
4.3
6
ICC1
6
8.5
50 Mbps
ICC2
6
8.5
(1)
VCCx is the supply voltage for the output channel that is being measured
SWITCHING CHARACTERISTICS
VCC1 and VCC2 = 5V ± 10%, TA = -40°C to 125°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
E-grade
7
11
tPLH, tPHL
Propagation delay time
ns
CC-grade
17
28
See Figure 1.
ISO7420x
0.2
3
PWD(1)
Pulse width distortion |tPHL – tPLH|
ns
ISO7421x
0.3
3.7
ISO7420x
0.3
1
tsk(o)
(2)
Channel-to-channel output skew time
ns
ISO7421x
0.3
2
ISO7420x
3.7
tsk(pp)
(3)
Part-to-part skew time
ns
ISO7421x
4.9
tr
Output signal rise time
1.8
ns
See Figure 1.
tf
Output signal fall time
1.7
ns
tfs
Fail-safe output delay time from input power loss
See Figure 2.
6
μs
(1)
Also known as pulse skew.
(2)
tsk(o) is the skew between outputs of a single device with all driving inputs connected together and the outputs switching in the same
direction while driving identical loads.
(3)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: ISO7420E ISO7420FE ISO7421E ISO7421FE


Similar Part No. - ISO7421ED

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7421E TI-ISO7421E Datasheet
544Kb / 19P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
ISO7421E TI-ISO7421E Datasheet
965Kb / 25P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
ISO7421E TI-ISO7421E Datasheet
1Mb / 33P
[Old version datasheet]   ISO742x Low-Power Dual Channel Digital Isolators
ISO7421E-Q1 TI1-ISO7421E-Q1 Datasheet
623Kb / 18P
[Old version datasheet]   Low-Power Dual Digital Isolators
ISO7421EQDWRQ1 TI1-ISO7421EQDWRQ1 Datasheet
623Kb / 18P
[Old version datasheet]   Low-Power Dual Digital Isolators
More results

Similar Description - ISO7421ED

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7420FE TI-ISO7420FE Datasheet
544Kb / 19P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
ISO7420E_1112 TI-ISO7420E_1112 Datasheet
965Kb / 25P
[Old version datasheet]   Low-Power Dual Channel Digital Isolators
ISO7420 TI-ISO7420_15 Datasheet
1Mb / 28P
[Old version datasheet]   ISO742x Low-Power Dual-Channel Digital Isolators
ISO7420E TI-ISO7420E_15 Datasheet
1Mb / 33P
[Old version datasheet]   ISO742x Low-Power Dual Channel Digital Isolators
ISO7421A-Q1 TI1-ISO7421A-Q1 Datasheet
752Kb / 20P
[Old version datasheet]   LOW-POWER DUAL DIGITAL ISOLATORS
ISO7421 TI-ISO7421 Datasheet
640Kb / 18P
[Old version datasheet]   Low-Power Dual Digital Isolators
ISO7421-EP TI1-ISO7421-EP_16 Datasheet
1,006Kb / 24P
[Old version datasheet]   Low-Power Dual Digital Isolators
ISO7420 TI-ISO7420_10 Datasheet
432Kb / 20P
[Old version datasheet]   Low-Power Dual Digital Isolators
ISO7420 TI-ISO7420 Datasheet
611Kb / 19P
[Old version datasheet]   Low-Power Dual Digital Isolators
ISO7421E-Q1 TI1-ISO7421E-Q1 Datasheet
623Kb / 18P
[Old version datasheet]   Low-Power Dual Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com