Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UCC24610DRBR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # UCC24610DRBR
Description  GREEN Rectifier Controller Device
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC24610DRBR Datasheet(HTML) 8 Page - Texas Instruments

Back Button UCC24610DRBR Datasheet HTML 4Page - Texas Instruments UCC24610DRBR Datasheet HTML 5Page - Texas Instruments UCC24610DRBR Datasheet HTML 6Page - Texas Instruments UCC24610DRBR Datasheet HTML 7Page - Texas Instruments UCC24610DRBR Datasheet HTML 8Page - Texas Instruments UCC24610DRBR Datasheet HTML 9Page - Texas Instruments UCC24610DRBR Datasheet HTML 10Page - Texas Instruments UCC24610DRBR Datasheet HTML 11Page - Texas Instruments UCC24610DRBR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
UCC24610
SLUSA87B – AUGUST 2010 – REVISED SEPTEMBER 2010
www.ti.com
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
DESCRIPTION
NAME
NO.
VCC (Positive Power Input)
Connect a DC power voltage to VCC. Bypass VCC to GND with a 0.1-µF or larger ceramic
capacitor using short PC board tracks. VCC supplies power to all circuits in the UCC24610.
VCC
4
I
Under-Voltage Lockout (UVLO) comparators prevent operation until VCC rises above
VCC(on). VCC can be used to safely turn off the UCC24610 by pulling VCC below VCC(off). In
the event that VCC drops below VCC(off), GATE immediately falls Low and EN/TOFF is
internally connected to GND with a 10-k
Ω resistance.
VD (Drain-Sense Voltage)
Connect this pin as close as possible to the controlled MOSFET drain pad through a short
PC board track, to minimize the effects of trace inductance on VD. VD must be >1.5 V and
the TOFF timer must be expired before the device may be armed to allow the controlled
MOSFET to be turned on the next switching cycle. Once armed, the controlled MOSFET is
turned on (GATE goes High) when VD falls more than -150 mV below VS. At that threshold,
VD
8
I
the GATE output goes High and the TON timer is triggered. GATE remains High at least as
long as the programmed TON time has not expired, unless a pulse at the SYNC input is
detected. After TON has expired, the GATE output is turned off when VD-VS voltage
decreases to -5 mV. If VD-VS decreases to -5 mV before TON expires, the controller enters
Light-Load Mode and the GATE pulse for the next switching cycle is suppressed. When the
VD voltage increases to 1.5 V, the TOFF timer is triggered and the GATE output is
prevented from turning on during the TOFF interval.
VS (Source-Sense Voltage)
VS
7
I
Connect this pin as close as possible to the controlled MOSFET source pad through a short
PC-board track, to minimize the effects of trace inductance on VS.
8
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): UCC24610


Similar Part No. - UCC24610DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC24610DRBR TI-UCC24610DRBR Datasheet
800Kb / 34P
[Old version datasheet]   GREEN Rectifier Controller Device
More results

Similar Description - UCC24610DRBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC24610 TI-UCC24610 Datasheet
800Kb / 34P
[Old version datasheet]   GREEN Rectifier Controller Device
UCC24610 TI-UCC24610_15 Datasheet
1Mb / 41P
[Old version datasheet]   UCC24610 GREEN Rectifier??Controller Device
logo
OKI electronic componet...
ML60851C OKI-ML60851C Datasheet
413Kb / 67P
   USB Device Controller
logo
Mitsubishi Electric Sem...
M66290AGP MITSUBISHI-M66290AGP Datasheet
435Kb / 53P
   USB DEVICE CONTROLLER
logo
Renesas Technology Corp
M66290AGP RENESAS-M66290AGP Datasheet
451Kb / 54P
   USB DEVICE CONTROLLER
logo
OKI electronic componet...
ML60851D OKI-ML60851D Datasheet
705Kb / 82P
   USB Device Controller
ML60852A OKI-ML60852A Datasheet
335Kb / 81P
   USB Device Controller
logo
List of Unclassifed Man...
PL-2351 ETC-PL-2351 Datasheet
31Kb / 1P
   USB Device Controller
logo
OKI electronic componet...
ML60851A OKI-ML60851A Datasheet
325Kb / 45P
   USB Device Controller
ML60851E OKI-ML60851E Datasheet
358Kb / 84P
   USB Device Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com