Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC81100NIP0F Datasheet(PDF) 4 Page - Sharp Corporation

Part # PC81100NIP0F
Description  DIP 4pin High Speed under High Load Resistance Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC81100NIP0F Datasheet(HTML) 4 Page - Sharp Corporation

  PC81100NIP0F Datasheet HTML 1Page - Sharp Corporation PC81100NIP0F Datasheet HTML 2Page - Sharp Corporation PC81100NIP0F Datasheet HTML 3Page - Sharp Corporation PC81100NIP0F Datasheet HTML 4Page - Sharp Corporation PC81100NIP0F Datasheet HTML 5Page - Sharp Corporation PC81100NIP0F Datasheet HTML 6Page - Sharp Corporation PC81100NIP0F Datasheet HTML 7Page - Sharp Corporation PC81100NIP0F Datasheet HTML 8Page - Sharp Corporation PC81100NIP0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Sheet No.: D2-A03802EN
■ Electro-optical Characteristics
Parameter
Conditions
Forward voltage
Reverse Current
Terminal capacitance
Collector dark current
Transfer
charac-
teristics
Collector current
Collector-emitter breakdown voltage
Collector-emitter saturation voltage
Isolation resistance
Floating capacitance
MIN.
2.5
5
×10
10
TYP.
1.2
30
0.15
1011
0.6
3
2
MAX.
1.4
10
250
100
20
0.35
1.0
20
10
Unit
V
V
µA
pF
nA
mA
V
pF
213
950
23
90
µs
313
10
50
27
100
Symbol
VF
IR
Ct
ICEO
BVCEO
IC
VCE (sat)
Cf
tr
tf
ton
ts
toff
ton
ts
toff
RISO
Not saturated
Saturated 1
Saturated 2
Rise time
Fall time
Turn-on time
Storage time
Turn-off time
Turn-on time
Storage time
Turn-off time
Input
Output
IF
=20mA
VR
=4V
Peak forward voltage
−−
3.0
V
VFM
IFM
=0.5A
V
=0, f=1kHz
VCE
=50V, IF=0
IC
=0.1mA, IF=0
IF
=5mA, VCE=5V
DC500V, 40 to 60%RH
VCE
=2V, IC=2mA, RL=100Ω
VCC
=5V, IC=20mA, RL=10kΩ
VCC
=5V, IC=20mA, RL=100kΩ
V
=0, f=1MHz
IF
=20mA, IC=1mA
70
(Ta
=25˚C)
*4
*4 The collector-emitter voltage has negative resistance characteristics since this device has built-in base-emitter resistor.
Therefore, please be careful not to provide the voltage that goes beyond absolute maximum ratings.
■ Absolute Maximum Ratings
(Ta
=25˚C)
Parameter
Symbol
Unit
Forward current
mA
*1 Peak forward current
A
Power dissipation
mW
Collector-emitter voltage
V
Emitter-collector voltage
V
Collector current
mA
Collector power dissipation
mW
Total power dissipation
mW
*2 Isolation voltage
Operating temperature
˚C
Storage temperature
˚C
*3 Soldering temperature
IF
IFM
P
VCEO
VECO
IC
PC
Ptot
Viso (rms)
Topr
Tstg
Tsol
˚C
*1 Pulse width
≤100µs, Duty ratio : 0.001
*2 40 to 60%RH, AC for 1 minute, f=60Hz
*3 For 10s
Rating
50
1.0
70
Reverse voltage
V
VR
6
70
0.1
30
150
200
−30 to +100
−55 to +125
260
5.0
kV
4
PC8110xNSZ0F Series


Similar Part No. - PC81100NIP0F

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PC8110GR-E1 RENESAS-PC8110GR-E1 Datasheet
410Kb / 30P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
More results

Similar Description - PC81100NIP0F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC810 SHARP-PC810 Datasheet
67Kb / 4P
   High Speed Under High Load Resistance Photocoupler
PC817XXNSZ1B SHARP-PC817XXNSZ1B Datasheet
1Mb / 14P
   DIP 4pin Photocoupler
DATE Jan.15.2018
PC851X SHARP-PC851X Datasheet
215Kb / 14P
   DIP 4pin High Collector-emitter Voltage Photocoupler
PC81713NSZ0F SHARP-PC81713NSZ0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81710NSZ0F SHARP-PC81710NSZ0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81710NIP0F SHARP-PC81710NIP0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC81711NIP0F SHARP-PC81711NIP0F Datasheet
230Kb / 14P
   DIP 4pin High CMR, Low Input Current Photocoupler
Date Jun. 30. 2005
PC817XI1J00F SHARP-PC817XI1J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817XPJ000F SHARP-PC817XPJ000F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
PC817X0J000F SHARP-PC817X0J000F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com