Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8818AEIT180Z Datasheet(PDF) 6 Page - Analog Microelectronics

Part # AME8818AEIT180Z
Description  Low Dropout 300mA CMOS Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8818AEIT180Z Datasheet(HTML) 6 Page - Analog Microelectronics

Back Button AME8818AEIT180Z Datasheet HTML 2Page - Analog Microelectronics AME8818AEIT180Z Datasheet HTML 3Page - Analog Microelectronics AME8818AEIT180Z Datasheet HTML 4Page - Analog Microelectronics AME8818AEIT180Z Datasheet HTML 5Page - Analog Microelectronics AME8818AEIT180Z Datasheet HTML 6Page - Analog Microelectronics AME8818AEIT180Z Datasheet HTML 7Page - Analog Microelectronics AME8818AEIT180Z Datasheet HTML 8Page - Analog Microelectronics AME8818AEIT180Z Datasheet HTML 9Page - Analog Microelectronics AME8818AEIT180Z Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
AME
AME8818
Low Dropout
300mA CMOS Regulator
6
Rev.D.06
n Ordering Information (Contd.)
Operating Ambient Temperature Range
Number of Pins
Package Type
Pin Configuration
Special Feature1
AME8818 x x x x xxx x
Output Voltage
E: 1.EN
E: -40
OC to +85OC
E: SOT-2X
T: 3
120: V=1.2V
Z: Green
(SOT-25)
2.GND
I: SC-70 (SC-82)
U: 4
130: V=1.3V
3.IN
V: 5
150: V=1.5V
4.OUT
180: V=1.8V
5.ADJ
250: V=2.5V
280: V=2.8V
A: 1.EN
285: V=2.85V
2.GND
290: V=2.9V
3.OUT
300: V=3.0V
4.IN
310: V=3.1V
320: V=3.2V
A: 1.IN
330: V=3.3V
(SC-70-5)
2.GND
360: V=3.6V
3.EN
390: V=3.9V
4.NC
450: V=4.5V
5.OUT
ADJ: Adjustable
Output Voltage Special Feature 1
(SC-70-4/
SC-82)
Pin
Configuration
Operating Ambient
Temperature Range
Package
Type
Number of
Pins


Similar Part No. - AME8818AEIT180Z

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
AME8818AEET120Z AMETHERM-AME8818AEET120Z Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
AME8818AEET150Z AMETHERM-AME8818AEET150Z Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
AME8818AEET250Z AMETHERM-AME8818AEET250Z Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
AME8818AEET300Z AMETHERM-AME8818AEET300Z Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
AME8818AEET310Z AMETHERM-AME8818AEET310Z Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
More results

Similar Description - AME8818AEIT180Z

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
AME8818 AMETHERM-AME8818 Datasheet
224Kb / 14P
   Low Dropout 300mA CMOS Regulator
logo
ADDtek Corp
AMC7635 ADDTEK-AMC7635 Datasheet
154Kb / 9P
   300mA CMOS LOW DROPOUT REGULATOR
SEPTEMBER 2007
logo
California Micro Device...
CM3015 CALMIRCO-CM3015 Datasheet
508Kb / 14P
   Micropower, 300mA Low Dropout CMOS Regulator
logo
Taiwan Semiconductor Co...
TS9000 TSC-TS9000 Datasheet
108Kb / 4P
   300mA CMOS Low Dropout Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM6205 HMSEMI-HM6205 Datasheet
1Mb / 7P
   300mA low dropout CMOS voltage regulator
HM6206 HMSEMI-HM6206 Datasheet
452Kb / 8P
   300mA low dropout CMOS voltage regulator
logo
First Components Intern...
FM2123 FCI-FM2123 Datasheet
229Kb / 5P
   300mA Low Dropout CMOS Positive Voltage Regulator
logo
Leshan Radio Company
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
   Low Dropout Voltage 300mA CMOS LDO Regulator
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
   Low Dropout Voltage 300mA CMOS LDO Regulator
logo
Eutech Microelectronics...
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com