Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC714V8YSZXF Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC714V8YSZXF
Description  DIP 6 pin General Purpose Photocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC714V8YSZXF Datasheet(HTML) 2 Page - Sharp Corporation

  PC714V8YSZXF Datasheet HTML 1Page - Sharp Corporation PC714V8YSZXF Datasheet HTML 2Page - Sharp Corporation PC714V8YSZXF Datasheet HTML 3Page - Sharp Corporation PC714V8YSZXF Datasheet HTML 4Page - Sharp Corporation PC714V8YSZXF Datasheet HTML 5Page - Sharp Corporation PC714V8YSZXF Datasheet HTML 6Page - Sharp Corporation PC714V8YSZXF Datasheet HTML 7Page - Sharp Corporation PC714V8YSZXF Datasheet HTML 8Page - Sharp Corporation PC714V8YSZXF Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
■ Internal Connection Diagram
Anode
Cathode
NC
Emitter
1
1
2
3
4
Collector
5
NC
6
2
6
5
3
4
Plating material : SnCu (Cu : TYP. 2%)
Product mass : approx. 0.36g
Product mass : approx. 0.36g
2
Sheet No.: D2-A04102EN
■ Outline Dimensions
(Unit : mm)
1. Through-Hole [ex. PC714VxNSZXF]
2. Through-Hole (VDE option) [ex. PC714VxYSZXF]
7.12±
0.5
θ
θ
θ : 0 to 13˚
7.62±
0.3
Epoxy resin
0.6±
0.2
1.2±
0.3
1
2
3
6
5
4
0.5±
0.1
2.54±
0.25
Rank mark
PC714V
SHARP
mark
"S"
Date code
Anode
mark
Factory
identification mark
7.12±
0.3
θ
θ
θ : 0 to 13˚
7.62±
0.3
Epoxy resin
0.6±
0.2
1.2±
0.3
1
2
3
6
5
4
0.5±
0.1
2.54±
0.25
Rank mark
4
VDE
Identification mark
Anode
mark
PC714V
SHARP
mark
"S"
Date code
Factory
identification mark
PC714VxNSZXF Series


Similar Part No. - PC714V8YSZXF

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC714V8 SHARP-PC714V8 Datasheet
395Kb / 4P
   High Isolation Voltage Type, General Purpose Photocoupler
More results

Similar Description - PC714V8YSZXF

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
TIL11X EVERLIGHT-TIL11X Datasheet
419Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
H11AAX EVERLIGHT-H11AAX_15 Datasheet
828Kb / 12P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X_08 Datasheet
394Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
4N2X EVERLIGHT-4N2X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
CNY17-X EVERLIGHT-CNY17-X Datasheet
400Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL11X EVERLIGHT-TIL11X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
TIL113 EVERLIGHT-TIL113 Datasheet
938Kb / 13P
   6 PIN DIP PHOTODARLINGTON PHOTOCOUPLER
4N2X EVERLIGHT-4N2X Datasheet
364Kb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
CNY17-X EVERLIGHT-CNY17-X_13 Datasheet
1Mb / 13P
   6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER
logo
Sharp Corporation
PC817XI3J00F SHARP-PC817XI3J00F Datasheet
265Kb / 15P
   DIP 4pin General Purpose Photocoupler
Date Jun. 30. 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com