Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC357N8TJ00F Datasheet(PDF) 5 Page - Sharp Corporation

Part # PC357N8TJ00F
Description  Mini-flat Package, General Purpose Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC357N8TJ00F Datasheet(HTML) 5 Page - Sharp Corporation

  PC357N8TJ00F Datasheet HTML 1Page - Sharp Corporation PC357N8TJ00F Datasheet HTML 2Page - Sharp Corporation PC357N8TJ00F Datasheet HTML 3Page - Sharp Corporation PC357N8TJ00F Datasheet HTML 4Page - Sharp Corporation PC357N8TJ00F Datasheet HTML 5Page - Sharp Corporation PC357N8TJ00F Datasheet HTML 6Page - Sharp Corporation PC357N8TJ00F Datasheet HTML 7Page - Sharp Corporation PC357N8TJ00F Datasheet HTML 8Page - Sharp Corporation PC357N8TJ00F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Sheet No.: D2-A00102EN
Model Line-up
Model No.
with or without
A
B
C
D
A or B
B or C
C or D
A, B or C
B, C or D
A, B, C or D
IC [mA]
(IF
=5mA, VCE=5V, Ta=25˚C)
2.5 to 30.0
4.0 to 8.0
6.5 to 13.0
10.0 to 20.0
15.0 to 30.0
4.0 to 13.0
6.5 to 20.0
10.0 to 30.0
4.0 to 20.0
6.5 to 30.0
4.0 to 30.0
PC357NJ0000F
PC357N1J000F
PC357N2J000F
PC357N3J000F
PC357N4J000F
PC357N5J000F
PC357N6J000F
PC357N7J000F
PC357N8J000F
PC357N9J000F
PC357N0J000F
3 000pcs/reel
Taping
PC357NTJ000F
PC357N1TJ00F
PC357N2TJ00F
PC357N3TJ00F
PC357N4TJ00F
PC357N5TJ00F
PC357N6TJ00F
PC357N7TJ00F
PC357N8TJ00F
PC357N9TJ00F
PC357N0TJ00F
750pcs/reel
Rank mark
Package
5
Please contact a local SHARP sales representative to inquire about production status.
PC357NJ0000F Series


Similar Part No. - PC357N8TJ00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC357N8TJ00F SHARP-PC357N8TJ00F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N8TJ00F SHARP-PC357N8TJ00F Datasheet
416Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N8TJ00F SHARP-PC357N8TJ00F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
More results

Similar Description - PC357N8TJ00F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC357N4J000F SHARP-PC357N4J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N2TJ00F SHARP-PC357N2TJ00F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N2J000F SHARP-PC357N2J000F Datasheet
204Kb / 14P
   Mini-flat Package,General Purpose Photocoupler
PC357N2 SHARP-PC357N2 Datasheet
194Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N1J000F SHARP-PC357N1J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N SHARP-PC357N_03 Datasheet
219Kb / 14P
   Mini-flat Package General Purpose Photocoupler
PC357N3J000F SHARP-PC357N3J000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357MJ0000F SHARP-PC357MJ0000F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N1TJ00F SHARP-PC357N1TJ00F Datasheet
204Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
PC357N SHARP-PC357N Datasheet
194Kb / 14P
   Mini-flat Package, General Purpose Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com