Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC817X5NIP0F Datasheet(PDF) 14 Page - Sharp Electrionic Components

Part No. PC817X5NIP0F
Description  PC817XxNiP0F Series Photocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Electrionic Components]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

PC817X5NIP0F Datasheet(HTML) 14 Page - Sharp Electrionic Components

Back Button PC817X5NIP0F Datasheet HTML 6Page - Sharp Electrionic Components PC817X5NIP0F Datasheet HTML 7Page - Sharp Electrionic Components PC817X5NIP0F Datasheet HTML 8Page - Sharp Electrionic Components PC817X5NIP0F Datasheet HTML 9Page - Sharp Electrionic Components PC817X5NIP0F Datasheet HTML 10Page - Sharp Electrionic Components PC817X5NIP0F Datasheet HTML 11Page - Sharp Electrionic Components PC817X5NIP0F Datasheet HTML 12Page - Sharp Electrionic Components PC817X5NIP0F Datasheet HTML 13Page - Sharp Electrionic Components PC817X5NIP0F Datasheet HTML 14Page - Sharp Electrionic Components  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
ED-04P129A
NORTH AMERICA
Sharp Microelectronics of the Americas
5700 NW Pacific Rim Blvd.
Camas, WA 98607, U.S.A.
Phone: (1) 360-834-2500
Fax: (1) 360-834-8903
www.sharpsma.com
TAIWAN
Sharp Electronic Components
(Taiwan) Corporation
8F-A, No. 16, Sec. 4, Nanking E. Rd.
Taipei, Taiwan, Republic of China
Phone: (886) 2-2577-7341
Fax: (886) 2-2577-7326/2-2577-7328
CHINA
Sharp Microelectronics of China
(Shanghai) Co., Ltd.
28 Xin Jin Qiao Road King Tower 16F
Pudong Shanghai, 201206 P.R. China
Phone: (86) 21-5854-7710/21-5834-6056
Fax: (86) 21-5854-4340/21-5834-6057
Head Office:
No. 360, Bashen Road,
Xin Development Bldg. 22
Waigaoqiao Free Trade Zone Shanghai
200131 P.R. China
Email: smc@china.global.sharp.co.jp
EUROPE
Sharp Microelectronics Europe
Division of Sharp Electronics (Europe) GmbH
Sonninstrasse 3
20097 Hamburg, Germany
Phone: (49) 40-2376-2286
Fax: (49) 40-2376-2232
www.sharpsme.com
SINGAPORE
Sharp Electronics (Singapore) PTE., Ltd.
438A, Alexandra Road, #05-01/02
Alexandra Technopark,
Singapore 119967
Phone: (65) 271-3566
Fax: (65) 271-3855
KOREA
Sharp Electronic Components
(Korea) Corporation
RM 501 Geosung B/D, 541
Dohwa-dong, Mapo-ku
Seoul 121-701, Korea
Phone: (82) 2-711-5813 ~ 8
Fax: (82) 2-711-5819
JAPAN
Sharp Corporation
Electronic Components & Devices
22-22 Nagaike-cho, Abeno-Ku
Osaka 545-8522, Japan
Phone: (81) 6-6621-1221
Fax: (81) 6117-725300/6117-725301
www.sharp-world.com
HONG KONG
Sharp-Roxy (Hong Kong) Ltd.
Level 26, Tower 1, Kowloon Commerce Centre,
No. 51, Kwai Cheong Road, Kwai Chung,
New Territories, Hong Kong
Phone: (852) 28229311
Fax: (852) 28660779
www.sharp.com.hk
Shenzhen Representative Office:
Room 602-603, 6/F.,
International Chamber of Commerce Tower,
168 Fuhua Rd. 3, CBD,
Futian District, Shenzhen 518048,
Guangdong, P.R. China
Phone: (86) 755-88313505
Fax: (86) 755-88313515
SPECIFICATIONS ARE SUBJECT TO CHANGE WITHOUT NOTICE.
Suggested applications (if any) are for standard use; See Important Restrictions for
limitations on special applications. See Limited Warranty for SHARP’s product warranty.
The Limited Warranty is in lieu, and exclusive of, all other warranties, express or implied.
ALL EXPRESS AND IMPLIED WARRANTIES, INCLUDING THE WARRANTIES OF
MERCHANTABILITY, FITNESS FOR USE AND FITNESS FOR A PARTICULAR PURPOSE,
ARE SPECIFICALLY EXCLUDED. In no event will SHARP be liable, or responsible in
any way, for any incidental or consequential economic or property damage.
Opto/EC Group
Opto Specification
Technical Document


Similar Part No. - PC817X5NIP0F

ManufacturerPart No.DatasheetDescription
Sharp Electrionic Components
Sharp Electrionic Compo...
PC817X5NIP1B SHARP-PC817X5NIP1B Datasheet
1Mb / 14P
   DIP 4pin Photocoupler
DATE Jan.15.2018
More results

Similar Description - PC817X5NIP0F

ManufacturerPart No.DatasheetDescription
Sharp Electrionic Components
Sharp Electrionic Compo...
PC817X1NIP0F SHARP-PC817X1NIP0F Datasheet
523Kb / 14P
   Series Photocoupler
June 2008
PC12310NFZ0X SHARP-PC12310NFZ0X Datasheet
585Kb / 17P
   PC1231xxFZ0X Series Photocoupler
PC851XNNIP0F SHARP-PC851XNNIP0F Datasheet
578Kb / 17P
   PC851XNxiP0F Series Photocoupler
PC81710NIP0X SHARP-PC81710NIP0X Datasheet
513Kb / 14P
   PC8171xNiP0X Series Photocoupler
August 2006
PC817X9NSZ0F SHARP-PC817X9NSZ0F Datasheet
952Kb / 13P
   PC817XxNSZ0F Series DC Photocoupler
January 2006
Everlight Electronics Co., Ltd
Everlight Electronics C...
EL827M EVERLIGHT-EL827M Datasheet
992Kb / 12P
   8 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER EL827 Series
First Silicon Co., Ltd
First Silicon Co., Ltd
PC817S FS-PC817S Datasheet
220Kb / 4P
   High Density Mounting Type Photocoupler PC817 Series
2013. 07. 30 Rev No : 0
Everlight Electronics Co., Ltd
Everlight Electronics C...
EL357 EVERLIGHT-EL357 Datasheet
236Kb / 10P
   Photocoupler
Kingbright Corporation
Kingbright Corporation
KB825 KINGBRIGHT-KB825 Datasheet
178Kb / 8P
   PHOTOCOUPLER
KB836 KINGBRIGHT-KB836 Datasheet
210Kb / 8P
   PHOTOCOUPLER
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz