Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PQ1CZ1T Datasheet(PDF) 6 Page - Sharp Corporation

Part # PQ1CZ1T
Description  Surface Mount Type Chopper Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ1CZ1T Datasheet(HTML) 6 Page - Sharp Corporation

  PQ1CZ1T Datasheet HTML 1Page - Sharp Corporation PQ1CZ1T Datasheet HTML 2Page - Sharp Corporation PQ1CZ1T Datasheet HTML 3Page - Sharp Corporation PQ1CZ1T Datasheet HTML 4Page - Sharp Corporation PQ1CZ1T Datasheet HTML 5Page - Sharp Corporation PQ1CZ1T Datasheet HTML 6Page - Sharp Corporation PQ1CZ1T Datasheet HTML 7Page - Sharp Corporation PQ1CZ1T Datasheet HTML 8Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Chopper Regulators
PQ1CZ1
s Thermal Protection Design
s External Connection
+
VIN
CIN
CS
CO
VO
R2
R1
Load
D
12
4
3
5
L
+
q
Wiring condition is very important. Noise associated with wiring inductance may cause problems.
For minimizing inductance, it is recommended to design the thick and short pattern (between large current diodos, input/
output capacitors, and terminal 1,2.)Single-point grounding(as indicated)should be used for best results.
w
When output voltage is not stable, it can be improved by attaching capacitor(from several nF to several dozens nF)to
external resistor R2.
e
High switching speed and low forward voltage type schottky barrier diode should be recommended for the catch-diode D
because it affects the efficiency. Please select the diode which the current rating is at least 1.2 times greater than maximum
swiching current.
r
The output ripple voltage is highly influenced by ESR(Equivalent Series Resistor)of output capacitor, and can be minimized
by selecting Low ESR capacitor.
t
An inductor should not be operated beyond its maximum rated current so that it may not saturate.
Internal power dissipation(P)of device is generally obtained by the following equation.
When ambient temperature Ta and power dissipation PD(MAX)during operation are determined, use Cu plate which allows the
element to operate within the safety operation area specified by the derating curve. Insufficient radiation gives an unfavorable
influence to the normal operation and reliability of the device.
P=ISW(Average.) x VSATxD' + VIN(voltage between VIN to COM terminal) x Iq'(consumption current)
Step down type
D'(Duty)= –––––––– = –––––––––––––
ISW(Average)= IO(Output current.)
Ton
T(period)
VO+VF
VIN–VSAT+VF
Polarity inversion type
D'(Duty)= –––––––– = ––––––––––––––––––––
ISW(Average)= –––––––– x IO(Output current.)
Ton
T(period)
1
1–D'
|VO|+VF
VIN+|VO|–VSAT+VF
VF : Forward voltage of the diode
––––––––––––––
––––––––––––––––––––


Similar Part No. - PQ1CZ1T

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1CZ1 SHARP-PQ1CZ1 Datasheet
79Kb / 8P
   Surface Mount Type Chopper Regulator
More results

Similar Description - PQ1CZ1T

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ1CZ1 SHARP-PQ1CZ1 Datasheet
79Kb / 8P
   Surface Mount Type Chopper Regulator
PQ1CY1032Z SHARP-PQ1CY1032Z Datasheet
94Kb / 9P
   TO-263 Surface Mount Type Chopper Regulator
PQ1CY1032ZXH SHARP-PQ1CY1032ZXH Datasheet
163Kb / 6P
   To-263 Surface Mount Type Chopper Regulator
PQ1CYXX3LZPH SHARP-PQ1CYXX3LZPH Datasheet
138Kb / 5P
   To-263 Surface Mount Type Chopper Regulator
logo
Sanyo Semicon Device
STK795 SANYO-STK795 Datasheet
96Kb / 4P
   Chopper Type Voltage Regulator???
logo
Sharp Corporation
PQ1CG3032FZ SHARP-PQ1CG3032FZ Datasheet
90Kb / 8P
   TO 220 TYPE CHOPPER REGULATOR
PQ1CG2032FZH SHARP-PQ1CG2032FZH Datasheet
147Kb / 5P
   TO-220 Type Chopper Regulator
logo
Sanken electric
SPF8050J SANKEN-SPF8050J Datasheet
208Kb / 1P
   Automotive Surface Mount Type Switching Regulator
logo
Toshiba Semiconductor
2SK3067 TOSHIBA-2SK3067 Datasheet
128Kb / 3P
   Chopper Regulator
2SK2312 TOSHIBA-2SK2312_07 Datasheet
254Kb / 6P
   Chopper Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com