Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PC123FYJ000F Datasheet(PDF) 15 Page - Sharp Electrionic Components

Part No. PC123FYJ000F
Description  DIP 4pin Reinforced Insulation Type Photocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SHARP [Sharp Electrionic Components]
Homepage  http://sharp-world.com/
Logo SHARP - Sharp Electrionic Components

PC123FYJ000F Datasheet(HTML) 15 Page - Sharp Electrionic Components

Back Button PC123FYJ000F Datasheet HTML 8Page - Sharp Electrionic Components PC123FYJ000F Datasheet HTML 9Page - Sharp Electrionic Components PC123FYJ000F Datasheet HTML 10Page - Sharp Electrionic Components PC123FYJ000F Datasheet HTML 11Page - Sharp Electrionic Components PC123FYJ000F Datasheet HTML 12Page - Sharp Electrionic Components PC123FYJ000F Datasheet HTML 13Page - Sharp Electrionic Components PC123FYJ000F Datasheet HTML 14Page - Sharp Electrionic Components PC123FYJ000F Datasheet HTML 15Page - Sharp Electrionic Components PC123FYJ000F Datasheet HTML 16Page - Sharp Electrionic Components  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Sheet No.: D2-A02904EN
2.
Wide SMT Gullwing
Package materials
Carrier tape : PS
Cover tape : PET (three layer system)
Reel : PS
Carrier tape structure and Dimensions
15
Dimensions List
A
24.0±0.3
B
11.5±0.1
C
1.75±0.10
D
8.0±0.1
E
2.0±0.1
H
12.4±0.1
I
0.40±0.05
J
4.1±0.1
K
5.1±0.1
F
4.0±0.1
G
φ1.5+
0.1
−0.0
(Unit : mm)
J
G
I
E
C
F
D
K
a
φ330
b
25.5±1.5
c
φ100±1
d
φ13.0±0.5
e
φ23±1
f
2.0±0.5
g
2.0±0.5
a
e
g
f
b
d
Dimensions List
(Unit : mm)
Pull-out direction
[Packing : 2 000pcs/reel]
Reel structure and Dimensions
Direction of product insertion
PC123J00000F Series


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn