Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC80KD-V Datasheet(PDF) 7 Page - Texas Instruments

Part # DAC80KD-V
Description  Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC80KD-V Datasheet(HTML) 7 Page - Texas Instruments

Back Button DAC80KD-V Datasheet HTML 2Page - Texas Instruments DAC80KD-V Datasheet HTML 3Page - Texas Instruments DAC80KD-V Datasheet HTML 4Page - Texas Instruments DAC80KD-V Datasheet HTML 5Page - Texas Instruments DAC80KD-V Datasheet HTML 6Page - Texas Instruments DAC80KD-V Datasheet HTML 7Page - Texas Instruments DAC80KD-V Datasheet HTML 8Page - Texas Instruments DAC80KD-V Datasheet HTML 9Page - Texas Instruments DAC80KD-V Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
DAC80/80P
®
Existing applications that are converting to the monolithic
DAC80 must change the gain trim resistor on pin 23 from
33M
Ω to 10MΩ to insure sufficient adjustment range. Pin
23 is a high impedance point and a 0.001
µ1F to 0.01µF
ceramic capacitor should be connected from this pin to
Common (pin 21) to prevent noise pickup. Refer to Figure
5 for relationship of Offset and Gain adjustments to unipolar
and bipolar D/A operation.
Unipolar
Offset Adjustment
For unipolar (CSB) configurations, apply the digital input
code that should produce zero potential output and adjust the
Offset potentiometer for zero output.
For bipolar (COB, CTC) configurations, apply the digital
input code that should produce the maximum negative
output. Example: If the Full Scale Range is connected for
20V, the maximum negative output voltage is –10V. See
Table II for corresponding codes.
Gain Adjustment
For either unipolar or bipolar configurations, apply the
digital input that should give the maximum positive output.
Adjust the Gain potentiometer for this positive full scale
output. See Table II for positive full scale voltages and
currents.
Bipolar
+ Full Scale
All Bits
Logic 1
1LSB
Range
of Offset
Adjust
Offset Adjust Translates the Line
Digital Input
All Bits
Logic 0
Range of
Gain Adjust
Gain Adjust
Rotates the Line
+ Full Scale
All Bits
Logic 1
1LSB
Range of
Offset Adjust
Offset Adjust Translates the Line
Digital Input
–Full Scale
Range of
Gain Adjust
Gain Adjust
Rotates the Line
Full Scale
Range
Bipolar
Offset
MSB On,
All Others
Off
All Bits
Logic 0
FIGURE 5. Relationship of Offset and Gain Adjustments for
a Unipolar and Bipolar D/A Converter.
ANALOG OUTPUT
DIGITAL INPUT
VOLTAGE(1)
CURRENT
MSB
LSB
0 to +10V
±10V
0 to –2mA
±1mA
↓↓
000000000000
+9.9976V
+9.9951V
–1.9995mA
–0.9995mA
011111111111
+5.0000V
0.0000V
–1.0000mA
0.0000mA
100000000000
+4.9976V
–0.0049V
–0.9995mA
+0.0005mA
111111111111
0.0000V
–10.0000V
0.0000mA
+1.000mA
One LSB
2.44mV
4.88mV
0.488
µA
0.488
µA
NOTE: (1) To obtain values for other binary ranges:
0 to +5V range divide 0 to +10V range values by 2.
±5V range: divide ±10V range values by 2.
±2.5V range: divide ±10V range values by 4.
TABLE II. Digital Input/Analog Output.
VOLTAGE OUTPUT MODELS
Output Range Connections
Internal scaling resistors provided in the DAC80 may be
connected to produce bipolar output voltage ranges of
±10V,
±5V, or ±2.5V; or unipolar output voltage ranges of 0 to
+5V or 0 to +10V. See Figure 6.
Gain and offset drift are minimized because of the thermal
tracking of the scaling resistors with other internal device
components. Connections for various output voltage ranges
are shown in Table III. Settling time for a full-scale range
change is specified as 4
µs for the 20V range and 3µs for the
10V range.
FIGURE 6. Output Amplifier Voltage Range Scaling Circuit.
6.3k
(1)
5k
(1)
5k
(1)
18
Summing
Junction
20
Reference Input
To Reference Control Circuit
NOTE: (1) Resistor Tolerances: ±2% max.
Common
19
15
21
17
Bipolar
Offset
Output
From Weighted
Resistor
Network
16
10M
270k
270k
7.8k
Ω to 10kΩ
3.9M
180k
180k
10k
FIGURE 4. Equivalent Resistances.


Similar Part No. - DAC80KD-V

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC80-CBI-I BURR-BROWN-DAC80-CBI-I Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC80-CBI-V BURR-BROWN-DAC80-CBI-V Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC80-CBI-V-BI BURR-BROWN-DAC80-CBI-V-BI Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
National Semiconductor ...
DAC800 NSC-DAC800 Datasheet
295Kb / 2P
   8 BIT DIGITAL TO ANALOG CONVERTERS
More results

Similar Description - DAC80KD-V

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC7800 BURR-BROWN-DAC7800_04 Datasheet
645Kb / 20P
   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC7800 TI1-DAC7800_15 Datasheet
1,019Kb / 23P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
DAC7800 TI-DAC7800 Datasheet
273Kb / 17P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC7800 BURR-BROWN-DAC7800 Datasheet
180Kb / 12P
   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
   16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC703KU TI-DAC703KU Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC701 BURR-BROWN-DAC701 Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Murata Power Solutions ...
DAC-HZ12BGC MURATA-PS-DAC-HZ12BGC Datasheet
97Kb / 4P
   12-Bit, Industry-Standard Digital-to-Analog Converters
logo
List of Unclassifed Man...
DAC-HZ ETC-DAC-HZ Datasheet
96Kb / 4P
   12-Bit, Industry-Standard Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com