Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC80Z-CBI-V Datasheet(PDF) 8 Page - Texas Instruments

Part # DAC80Z-CBI-V
Description  Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DAC80Z-CBI-V Datasheet(HTML) 8 Page - Texas Instruments

Back Button DAC80Z-CBI-V Datasheet HTML 2Page - Texas Instruments DAC80Z-CBI-V Datasheet HTML 3Page - Texas Instruments DAC80Z-CBI-V Datasheet HTML 4Page - Texas Instruments DAC80Z-CBI-V Datasheet HTML 5Page - Texas Instruments DAC80Z-CBI-V Datasheet HTML 6Page - Texas Instruments DAC80Z-CBI-V Datasheet HTML 7Page - Texas Instruments DAC80Z-CBI-V Datasheet HTML 8Page - Texas Instruments DAC80Z-CBI-V Datasheet HTML 9Page - Texas Instruments DAC80Z-CBI-V Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
®
DAC80/80P
CURRENT OUTPUT MODELS
The resistive scaling network and equivalent output circuit
of the current model differ from the voltage model and are
shown in Figures 7 and 8.
Internal scaling resistors (Figure 7) are provided to scale an
external op amp or to configure load resistors for a voltage
output. These connections are described in the following
sections.
If the internal resistors are not used for voltage scaling,
external R
L
(or R
F)
resistors should have a TCR of
±25ppm/°C or less to minimize drift. This will typically add
±50ppm/°C plus the TCR of R
L (or RF) to the total drift.
Driving An External Op Amp
The current output model DAC80 will drive the summing
junction of an op amp used as a current-to-voltage converter
to produce an output voltage. See Figure 9.
V
OUT = IOUT x RF
where I
OUT
is the DAC80 output current and R
F
is the
feedback resistor. Using the internal feedback resistors of
Output
Digital
Connect
Connect
Connect
Connect
Range
Input Codes
Pin 15 to Pin 17 to
Pin 19 to
Pin 16 to
±10
COB or CTC
19
20
15
24
±5
COB or CTC
18
20
NC
24
±2.5V
COB or CTC
18
20
20
24
0 to +10V
CSB
18
21
NC
24
0 to +5V
CSB
18
21
20
24
TABLE III. Output Voltage Range Connections for Voltage
Models.
6.3k
(1)
Reference Input
To Reference Control Circuit
NOTE: (1) Resistor Tolerances: ±2% max.
19
17
16
3k
(1)
2k
(1)
5k
(1)
20
15
18
FIGURE 7. Internal Scaling Resistors.
FIGURE 8. Current Output Model Equivalent Output Circuit.
To
Reference
Control
Circuit
24 Reference Out
17 Bipolar Offset
21 Common
15 I
OUT
16 Reference Input
R
O
6.6k
6.3k
I
6.3V
+
0 to
2mA
FIGURE 9. External Op-Amp—Using Internal Feedback
Resistors.
19
18
21
15
6.6k
5k
I
OUT
0 to
2mA
OPA604(1)
A
10V Range
20V Range
5k
V
OUT
NOTE: (1) For fast settling.
the current output model DAC80 provides output voltage
ranges the same as the voltage model DAC80. To obtain the
desired output voltage range when connecting an external op
amp, refer to Table IV.
Output
Digital
Connect
Connect
Connect
Connect
Range
Input Codes
A to
Pin 17 to
Pin 19 to
Pin 16 to
±10V
COB or CTC
19
15
A
24
±5V
COB or CTC
18
15
NC
24
±2.5V
COB or CTC
18
15
15
24
0 to +10V
CSB
18
21
NC
24
0 to +5V
CSB
18
21
15
24
TABLE IV. Voltage Range of Current Output.
Output Larger Than 20V Range
For output voltage ranges larger than
±10V, a high voltage
op amp may be employed with an external feedback resistor.
Use I
OUT value of ±1mA for bipolar voltage ranges and
–2mA for unipolar voltage ranges. See Figure 10. Use
protection diodes when a high voltage op amp is used.
The feedback resistor, R
F, should have a temperature coef-
ficient as low as possible. Using an external feedback
resistor, overall drift of the circuit increases due to the lack
of temperature tracking between R
F and the internal scaling
resistor network. This will typically add 50ppm/
°C plus R
F
drift to total drift.
FIGURE 10. External Op-Amp—Using External Feedback
Resistors.
24
17
21
15
16
6.6k
6.3k
I
0 to
2mA
+
6.3k
R
F
BB3582J(1)
NOTE: (1) For output voltage swings up to 290V p-p.
V
OUT


Similar Part No. - DAC80Z-CBI-V

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC80Z-CBI-V BURR-BROWN-DAC80Z-CBI-V Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
More results

Similar Description - DAC80Z-CBI-V

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
DAC7800 BURR-BROWN-DAC7800_04 Datasheet
645Kb / 20P
   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC7800 TI1-DAC7800_15 Datasheet
1,019Kb / 23P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
DAC7800 TI-DAC7800 Datasheet
273Kb / 17P
[Old version datasheet]   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC7800 BURR-BROWN-DAC7800 Datasheet
180Kb / 12P
   Dual Monolithic CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTERS
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
   16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC703KU TI-DAC703KU Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC701 BURR-BROWN-DAC701 Datasheet
301Kb / 12P
   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Murata Power Solutions ...
DAC-HZ12BGC MURATA-PS-DAC-HZ12BGC Datasheet
97Kb / 4P
   12-Bit, Industry-Standard Digital-to-Analog Converters
logo
List of Unclassifed Man...
DAC-HZ ETC-DAC-HZ Datasheet
96Kb / 4P
   12-Bit, Industry-Standard Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com