Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8601101EA Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # 8601101EA
Description  DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

8601101EA Datasheet(HTML) 1 Page - Texas Instruments

  8601101EA Datasheet HTML 1Page - Texas Instruments 8601101EA Datasheet HTML 2Page - Texas Instruments 8601101EA Datasheet HTML 3Page - Texas Instruments 8601101EA Datasheet HTML 4Page - Texas Instruments 8601101EA Datasheet HTML 5Page - Texas Instruments 8601101EA Datasheet HTML 6Page - Texas Instruments 8601101EA Datasheet HTML 7Page - Texas Instruments 8601101EA Datasheet HTML 8Page - Texas Instruments 8601101EA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
CD54HC4017
DECADE COUNTER/DIVIDER
WITH TEN DECODED OUTPUTS
SGDS011 – MAY 1999
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D 2-V to 6-V Operation
D Fully Static Operation
D Buffered Inputs
D Common Reset
D Positive-Edge Clocking
D Balanced Propagation Delay and Transition
Times
D High Noise Immunity: NIL = 30%, NIH = 30%
of VCC at VCC = 5 V
D Packaged in Ceramic (F) DIP Package and
Also Available in Chip Form (H)
description
The CD54HC4017 is a high-speed silicon-gate CMOS 5-stage Johnson counter with ten decoded outputs. Each
decoded output normally is low and sequentially goes high on the low-to-high transition of the clock (CP) input.
Each output stays high for one clock period of the ten-clock-period cycle. The terminal count (TC) output
transitions low to high after output ten (9) goes low, and can be used in conjunction with the clock enable (CE)
input to cascade several stages. CE disables counting when in the high state. The master reset (MR) input, when
taken high, sets all the decoded outputs, except 0, to low.
The CD54HC4017 is characterized for operation over the full military temperature range of –55
°C to 125°C.
FUNCTION TABLE
INPUTS
OUTPUT STATE†
CP
CE
MR
OUTPUT STATE†
L
X
L
No change
X
H
L
No change
X
XH
0 = H
1–9 = L
L
L
Increments counter
X
L
No change
X
L
No change
H
L
Increments counter
† If n < 5, TC = H; otherwise, TC = L.
Copyright
© 1999, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
5
1
0
2
6
7
3
GND
VCC
MR
CP
CE
TC
9
4
8
F PACKAGE
(TOP VIEW)


Similar Part No. - 8601101EA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
8601101EA TI-8601101EA Datasheet
347Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Decade Counter/Divider with 10 Decoded Outputs
More results

Similar Description - 8601101EA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD54HCT4017 TI-CD54HCT4017 Datasheet
122Kb / 9P
[Old version datasheet]   DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
CD54HCT4017 TI1-CD54HCT4017_05 Datasheet
213Kb / 11P
[Old version datasheet]   DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
logo
National Semiconductor ...
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
   Decade Counter/Divider with 10 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC Datasheet
77Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
CD4017BC FAIRCHILD-CD4017BC_04 Datasheet
79Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
National Semiconductor ...
CD4017BM NSC-CD4017BM Datasheet
165Kb / 8P
   Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_V01 Datasheet
81Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
logo
STMicroelectronics
HCF4017B STMICROELECTRONICS-HCF4017B Datasheet
377Kb / 11P
   DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
Texas Instruments
CD74HC4017-EP TI1-CD74HC4017-EP Datasheet
618Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DECADE COUNTER/DIVIDER WITH 10 DECODED OUTPUTS
logo
Micro Electronics
MMC4017 MICRO-ELECTRONICS-MMC4017 Datasheet
160Kb / 6P
   COUNTER/ DIVIDERS : 4017 DECADE COUNTER WITH 10 DECODED OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com